Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3201DGNR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS3201DGNR
Description  1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3201DGNR Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS3201DGNR Datasheet HTML 7Page - Texas Instruments THS3201DGNR Datasheet HTML 8Page - Texas Instruments THS3201DGNR Datasheet HTML 9Page - Texas Instruments THS3201DGNR Datasheet HTML 10Page - Texas Instruments THS3201DGNR Datasheet HTML 11Page - Texas Instruments THS3201DGNR Datasheet HTML 12Page - Texas Instruments THS3201DGNR Datasheet HTML 13Page - Texas Instruments THS3201DGNR Datasheet HTML 14Page - Texas Instruments THS3201DGNR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
-100
-95
-90
-85
-80
-75
-70
-65
-60
1
10
100
f-Frequency-MHz
Vs=
5V
V
=2V
R =100
out
PP
L
W
±7.
G=10
R =499
,R
=54.9
F
G
W
W
G=2
R =768
,R
=768
F
G
W
W
G=5
R =619
,R
=154
F
G
W
W
-110
-100
-90
-80
-70
-60
-50
-40
-30
0
1
2
3
4
5
6
V
OutputVoltage-V
out
PP
-
Vs=
5V
F
G
L
G=2
R =768
,R
=768
R =100 W
±7.
W
W
1MHz
2MHz
8MHz
4MHz
64MHz
32MHz
16MHz
-110
-100
-90
-80
-70
-60
-50
-40
-30
0
1
2
3
4
5
6
V
OutputVoltage-V
out
PP
-
Vs=
5V
F
G
L
G=2
R =768
,R
=768
R =100 W
±7.
W
W
1MHz
8MHz
4MHz
64MHz
32MHz
16MHz
2MHz
-110
-100
-90
-80
-70
-60
-50
-40
-30
0
1
2
3
4
5
6
V
OutputVoltage-V
out
PP
-
Vs=
5V
F
G
L
G=5
R =619
,R
=154
R =100 W
±7.
W
W
1MHz
2MHz
8MHz
4MHz
64MHz
32MHz
16MHz
-110
-100
-90
-80
-70
-60
-50
-40
-30
0
1
2
3
4
5
6
V
OutputVoltage-V
out
PP
-
Vs=
5V
F
G
L
G=5
R =649
,R
=154
R =100 W
±7.
W
W
1MHz
8MHz
4MHz
64MHz
32MHz
16MHz
2MHz
-110
-100
-90
-80
-70
-60
-50
-40
-30
0
1
2
3
4
5
6
V
OutputVoltage-V
out
PP
-
Vs=
5V, G=10
R =499
,R
=54.9
R =100
F
G
L
W
±7.
W
W
1MHz
4MHz
64MHz
32MHz
16MHz
2MHz
8MHz
-100
-80
-60
-40
-20
1 M
10 M
100 M
10 G
f - Frequency - Hz
0
1 G
S12
S11
S22
Source
C
50
50
50
50
RF
RG
VS = ±7.5 V
Gain = +10
C = 0 pF
+
-
-110
-100
-90
-80
-70
-60
-50
-40
-30
0
1
2
3
4
5
6
V
OutputVoltage-V
out
PP
-
Vs=
5V
F
G
L
G=10
R =499
,R
=54.9
R =100 W
±7.
W
W
1MHz
8MHz
4MHz
64MHz
32MHz
16MHz
2MHz
-100
-90
-70
-50
-40
10
30
40
60
70
90 100
f-Frequency-MHz
-80
-60
20
50
80
Vs=
5V
V
=2V
R =100
out
PP
L
W
±7.
G2
R =768
,R
=768
F
G
W
W
G10
R =499
,R
=54.9
F
G
W
W
G5
R =619
,R
=154
F
G
W
W
THS3201
www.ti.com ............................................................................................................................................................. SLOS416C – JUNE 2003 – REVISED JUNE 2009
VS = ±7.5 V Graphs (continued)
2nd HARMONIC DISTORTION
3rd HARMONIC DISTORTION
3rd HARMONIC DISTORTION
G = 2
G = 2
vs
vs
vs
FREQUENCY
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 10.
Figure 11.
Figure 12.
2nd HARMONIC DISTORTION
3rd HARMONIC DISTORTION
2nd ORDER HARMONIC DISTORTION
G = 5
G = 5
G = 10
vs
vs
vs
OUTPUT VOLTAGE
OUTPUT VOLTAGE
OUTPUT VOLTAGE
Figure 13.
Figure 14.
Figure 15.
3rd ORDER HARMONIC DISTORTION
3rd ORDER INTERMODULATION
G = 10
DISTORTION
S-PARAMETER
vs
vs
vs
OUTPUT VOLTAGE
FREQUENCY
FREQUENCY
Figure 16.
Figure 17.
Figure 18.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): THS3201


Similar Part No. - THS3201DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201DGNR TI-THS3201DGNR Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
More results

Similar Description - THS3201DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201 TI-THS3201 Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
logo
Burr-Brown (TI)
OPA644 BURR-BROWN-OPA644 Datasheet
104Kb / 13P
   Low Distortion Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS3202 TI-THS3202 Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
THS3202 TI1-THS3202_16 Datasheet
1Mb / 37P
[Old version datasheet]   2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com