Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3201DGK Datasheet(PDF) 5 Page - Texas Instruments

Part # THS3201DGK
Description  1.8-GHz, LOW DISTORTION, CURRENT-FEEDBACK AMPLIFIER
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3201DGK Datasheet(HTML) 5 Page - Texas Instruments

  THS3201DGK Datasheet HTML 1Page - Texas Instruments THS3201DGK Datasheet HTML 2Page - Texas Instruments THS3201DGK Datasheet HTML 3Page - Texas Instruments THS3201DGK Datasheet HTML 4Page - Texas Instruments THS3201DGK Datasheet HTML 5Page - Texas Instruments THS3201DGK Datasheet HTML 6Page - Texas Instruments THS3201DGK Datasheet HTML 7Page - Texas Instruments THS3201DGK Datasheet HTML 8Page - Texas Instruments THS3201DGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
THS3201
www.ti.com ............................................................................................................................................................. SLOS416C – JUNE 2003 – REVISED JUNE 2009
ELECTRICAL CHARACTERISTICS: VS = ±7.5 V (continued)
At RF = 768 Ω, RL = 100 Ω, and G = +2, unless otherwise noted.
THS3201
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
MIN/
0°C to
–40°C to
+25°C
+25°C
UNITS
TYP/
+70°C
+85°C
MAX
INPUT
Common-mode input range
±5.1
±5
±5
±5
V
Min
Common-mode rejection ratio
VCM = ±3.75 V
71
60
58
58
dB
Min
Inverting input impedance, Zin
Open loop
16
Typ
Noninverting
780
k
Typ
Input resistance
Inverting
11
Typ
Input capacitance
Noninverting
1
pF
Typ
OUTPUT
RL = 1 kΩ
±6
±5.9
±5.8
±5.8
V
Min
Voltage output swing
RL = 100 Ω
±5.8
±5.7
±5.5
±5.5
V
Min
Current output, sourcing
115
105
100
100
mA
Min
RL = 20 Ω
Current output, sinking
100
85
80
80
mA
Min
Closed-loop output impedance
G = +1, f = 1 MHz
0.01
Typ
POWER SUPPLY
Minimum operating voltage
Absolute minimum
±3.3
±3.3
±3.3
V
Min
Maximum operating voltage
Absolute maximum
±8.25
±8.25
±8.25
V
Max
Maximum quiescent current
14
18
21
21
mA
Max
Power-supply rejection (+PSRR)
VS+ = 7 V to 8 V
69
63
60
60
dB
Min
Power-supply rejection (–PSRR)
VS– = –7 V to –8 V
65
58
55
55
dB
Min
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): THS3201


Similar Part No. - THS3201DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201DGK TI-THS3201DGK Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201DGKR TI-THS3201DGKR Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
More results

Similar Description - THS3201DGK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3201 TI-THS3201 Datasheet
754Kb / 29P
[Old version datasheet]   1.8-GHz, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP_14 Datasheet
1Mb / 34P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
THS3201-EP TI1-THS3201-EP Datasheet
882Kb / 32P
[Old version datasheet]   1.8-GHz LOW-DISTORTION CURRENT-FEEDBACK AMPLIFIER
logo
Burr-Brown (TI)
OPA644 BURR-BROWN-OPA644 Datasheet
104Kb / 13P
   Low Distortion Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
THS3202 TI-THS3202 Datasheet
616Kb / 32P
[Old version datasheet]   2-GHZ, LOW DISTORTION, CURRENT FEEDBACK AMPLIFIERS
THS3202 TI1-THS3202_16 Datasheet
1Mb / 37P
[Old version datasheet]   2-GHz, LOW DISTORTION, DUAL CURRENT-FEEDBACK AMPLIFIERS
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150_04 Datasheet
341Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Renesas Technology Corp
HFA1150 RENESAS-HFA1150 Datasheet
713Kb / 11P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
logo
Intersil Corporation
HFA1150 INTERSIL-HFA1150 Datasheet
203Kb / 13P
   700MHz, SOT-23, Low Distortion Current Feedback Operational Amplifier
March 2000
HFA1130 INTERSIL-HFA1130 Datasheet
162Kb / 12P
   850MHz, Output Limiting, Low Distortion Current Feedback Operational Amplifier
September 1998
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com