Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3110 Datasheet(PDF) 11 Page - Texas Instruments

Part # THS3110
Description  LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3110 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS3110_14 Datasheet HTML 7Page - Texas Instruments THS3110_14 Datasheet HTML 8Page - Texas Instruments THS3110_14 Datasheet HTML 9Page - Texas Instruments THS3110_14 Datasheet HTML 10Page - Texas Instruments THS3110_14 Datasheet HTML 11Page - Texas Instruments THS3110_14 Datasheet HTML 12Page - Texas Instruments THS3110_14 Datasheet HTML 13Page - Texas Instruments THS3110_14 Datasheet HTML 14Page - Texas Instruments THS3110_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
-3
-2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10 12
14
16
18 20
t - Time - ns
Gain = -2
RL = 100 Ω
RF = 1.1 kΩ
VS = ±15 V
Rising Edge
Falling Edge
-16
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
12
14
16
10
100
1000
RL - Load Resistance - Ω
VS = ±15 V
TA = -40° to 85°C
0
1
2
3
4
5
6
2
3
4
5
6
7
8
9 10 11 12 13 14 15
VS - Supply Voltage - ±V
TA = 25 °C
TA = -40 °C
TA = 85 °C
-40
0
0.5
1
1.5
2
2.5
3
3.5
4
-30 -20 -10 0 10 20 30 40 50 60 70 80 90
VS = ±5 V
VS = ±15 V
TC - Case Temperature - °C
110
100
90
80
70
60
50
40
30
20
10
0
Frequency
MHz
-
0.1
1
10
100
1000
V
=
15Vand
5V
S
±
±
0
0.5
1
1.5
2
2.5
3
3.5
-40 -30 -20 -10 0 10 20 30 40 50 60 70 80 90
TC - Case Temperature - °C
VS = ±15 V
IIB-
IIB+
IOS
THS3110
THS3111
www.ti.com........................................................................................................................................ SLOS422E – SEPTEMBER 2003 – REVISED OCTOBER 2009
TYPICAL CHARACTERISTICS (±15 V) (continued)
space
QUIESCENT CURRENT
OUTPUT VOLTAGE
vs
vs
SETTLING TIME
SUPPLY VOLTAGE
LOAD RESISTANCE
Figure 19.
Figure 20.
Figure 21.
INPUT BIAS AND
OFFSET CURRENT
INPUT OFFSET VOLTAGE
TRANSIMPEDANCE
vs
vs
vs
CASE TEMPERATURE
CASE TEMPERATURE
FREQUENCY
Figure 22.
Figure 23.
Figure 24.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): THS3110 THS3111


Similar Part No. - THS3110_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3110DGN TI-THS3110DGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
THS3110DGNR TI-THS3110DGNR Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
THS3110ID TI-THS3110ID Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
THS3110IDG4 TI-THS3110IDG4 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results

Similar Description - THS3110_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096 TI-THS3096 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com