Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3110 Datasheet(PDF) 9 Page - Texas Instruments

Part # THS3110
Description  LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3110 Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS3110_14 Datasheet HTML 5Page - Texas Instruments THS3110_14 Datasheet HTML 6Page - Texas Instruments THS3110_14 Datasheet HTML 7Page - Texas Instruments THS3110_14 Datasheet HTML 8Page - Texas Instruments THS3110_14 Datasheet HTML 9Page - Texas Instruments THS3110_14 Datasheet HTML 10Page - Texas Instruments THS3110_14 Datasheet HTML 11Page - Texas Instruments THS3110_14 Datasheet HTML 12Page - Texas Instruments THS3110_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
24
100 k
1 M
10 M
100 M
1 G
f - Frequency - Hz
G = 1, RF = 1.5 kΩ
G = 10, RF = 604 Ω
G = 5, RF = 806 Ω
G = 2, RF = 1.15 kΩ
RL = 100 Ω,
VO = 0.2 VPP,
VS = ±15 V
0
1
2
3
4
5
6
7
8
9
1 M
10 M
100 M
1 G
f - Frequency - Hz
RF = 649 Ω
Gain = 2,
RL = 100 Ω,
VO = 0.2 VPP,
VS = ±15 V
RF = 1.15 kΩ
RF = 1.5 kΩ
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
24
1 M
10 M
100 M
1 G
f - Frequency - Hz
G = -10, RF = 649 Ω
RL = 100 Ω,
VO = 0.2 VPP,
VS = ±15 V
G = -1, RF = 1 kΩ
G = -5, RF = 909 Ω
G = -2, RF = 1.1 kΩ
-4
-2
0
2
4
6
8
10
12
14
16
1 M
10 M
100 M
1 G
f - Frequency - Hz
G = -5, RF = 806 Ω
G =-1, RF = 1 kΩ
RL = 100 Ω,
VO = 2 VPP,
VS = ±15 V
5.6
5.7
5.8
5.9
6
6.1
6.2
6.3
6.4
100 k
1 M
10 M
100 M
Gain = 2,
RF = 1.15 kΩ,
RL = 100 Ω,
VO = 0.2 VPP,
VS = ±15 V
f - Frequency - Hz
0
2
4
6
8
10
12
14
16
1 M
10 M
100 M
1 G
f - Frequency - Hz
G = 5, RF = 806 Ω
G = 2, RF = 1 kΩ
RL = 100 Ω,
VO = 4 VPP,
VS = ±15 V
0
10
20
30
40
50
60
10
100
CL - Capacitive Load - pF
Gain = 5,
RL = 100 Ω,
VS = ±15 V
-2
0
2
4
6
8
10
12
14
16
10 M
100 M
Capacitive Load - MHz
Gain = 5,
RL = 100 Ω
VS = ±15 V
R(ISO) = 39.2 Ω
CL = 47 pF
R(ISO) = 28 Ω
CL = 100 pF
R(ISO) = 54.9 Ω
CL = 10 pF
R(ISO) = 54.9 Ω, CL = 22 pF
200 M
-90
-80
-70
-60
-50
-40
-30
1 M
10 M
100 M
f - Frequency - Hz
VO = 2 VPP,
RL = 100 Ω,
VS = ±15 V
100 k
-100
G = -2, RF = 1 kΩ
RL = 1 kΩ,
G = 5, RF = 806 Ω
G = 2, RF = 1 kΩ
THS3110
THS3111
www.ti.com........................................................................................................................................ SLOS422E – SEPTEMBER 2003 – REVISED OCTOBER 2009
TYPICAL CHARACTERISTICS (±15 V)
space
NONINVERTING SMALL-SIGNAL
NONINVERTING SMALL-SIGNAL
INVERTING SMALL-SIGNAL
FREQUENCY RESPONSE
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 1.
Figure 2.
Figure 3.
NONINVERTING LARGE-SIGNAL
INVERTING LARGE-SIGNAL
0.1-dB FLATNESS
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 4.
Figure 5.
Figure 6.
RECOMMENDED RISO
2nd HARMONIC DISTORTION
FREQUENCY RESPONSE
vs
vs
CAPACITIVE LOAD
CAPACITIVE LOAD
FREQUENCY
Figure 7.
Figure 8.
Figure 9.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): THS3110 THS3111


Similar Part No. - THS3110_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3110DGN TI-THS3110DGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
THS3110DGNR TI-THS3110DGNR Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
THS3110ID TI-THS3110ID Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
THS3110IDG4 TI-THS3110IDG4 Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results

Similar Description - THS3110_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3110IDGN TI-THS3110IDGN Datasheet
1Mb / 37P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3110 TI-THS3110 Datasheet
934Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-VOLTAGE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI-THS3120 Datasheet
916Kb / 28P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK, OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_16 Datasheet
1Mb / 35P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3120 TI1-THS3120_14 Datasheet
1Mb / 36P
[Old version datasheet]   LOW-NOISE, HIGH-OUTPUT DRIVE, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096 TI-THS3096 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com