Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3095 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS3095
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3095 Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS3095 Datasheet HTML 4Page - Texas Instruments THS3095 Datasheet HTML 5Page - Texas Instruments THS3095 Datasheet HTML 6Page - Texas Instruments THS3095 Datasheet HTML 7Page - Texas Instruments THS3095 Datasheet HTML 8Page - Texas Instruments THS3095 Datasheet HTML 9Page - Texas Instruments THS3095 Datasheet HTML 10Page - Texas Instruments THS3095 Datasheet HTML 11Page - Texas Instruments THS3095 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
THS3091
THS3095
SLOS423G – SEPTEMBER 2003 – REVISED OCTOBER 2008........................................................................................................................................ www.ti.com
±15-V GRAPHS
FIGURE
Noninverting small-signal frequency response
1, 2
Inverting small-signal frequency response
3
0.1-dB gain flatness frequency response
4
Noninverting large-signal frequency response
5
Inverting large-signal frequency response
6
Capacitive load frequency response
7
Recommended RISO
vs Capacitive load
8
2nd Harmonic distortion
vs Frequency
9, 11
3rd Harmonic distortion
vs Frequency
10, 12
2nd Harmonic distortion
vs Frequency
13
3rd Harmonic distortion
vs Frequency
14
Harmonic distortion
vs Output voltage swing
15, 16
Slew rate
vs Output voltage step
17, 18, 19
Noise
vs Frequency
20
Settling time
21, 22
Quiescent current
vs Supply voltage
23
Quiescent current
vs Frequency
24
Output voltage
vs Load resistance
25
Input bias and offset current
vs Case temperature
26
Input offset voltage
vs Case temperature
27
Transimpedance
vs Frequency
28
Rejection ratio
vs Frequency
29
Noninverting small-signal transient response
30
Inverting large-signal transient response
31, 32
Overdrive recovery time
33
Differential gain
vs Number of loads
34
Differential phase
vs Number of loads
35
Closed-loop output impedance
vs Frequency
36
Power-down quiescent current
vs Supply voltage
37
Turnon and turnoff time delay
38
8
Submit Documentation Feedback
Copyright © 2003–2008, Texas Instruments Incorporated
Product Folder Link(s): THS3091 THS3095


Similar Part No. - THS3095

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3095 TI-THS3095 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3095 TI1-THS3095 Datasheet
838Kb / 28P
[Old version datasheet]   900-MHz, High-Power Output, Current Feedback Amplifier
THS3095 TI-THS3095 Datasheet
2Mb / 55P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
THS3095 TI-THS3095 Datasheet
3Mb / 53P
[Old version datasheet]   THS3491 900-MHz, 500-mA High-Power Output Current Feedback Amplifier
REVISED FEBRUARY 2023
THS3095 TI-THS3095 Datasheet
3Mb / 46P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
More results

Similar Description - THS3095

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3092 TI1-THS3092_14 Datasheet
2Mb / 45P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096 TI-THS3096 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091_V02 Datasheet
3Mb / 46P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
THS3091 TI-THS3091_V01 Datasheet
2Mb / 55P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com