Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3092 Datasheet(PDF) 11 Page - Texas Instruments

Part # THS3092
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3092 Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS3092_14 Datasheet HTML 7Page - Texas Instruments THS3092_14 Datasheet HTML 8Page - Texas Instruments THS3092_14 Datasheet HTML 9Page - Texas Instruments THS3092_14 Datasheet HTML 10Page - Texas Instruments THS3092_14 Datasheet HTML 11Page - Texas Instruments THS3092_14 Datasheet HTML 12Page - Texas Instruments THS3092_14 Datasheet HTML 13Page - Texas Instruments THS3092_14 Datasheet HTML 14Page - Texas Instruments THS3092_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
www.ti.com
0
500
1000
1500
2000
2500
3000
3500
4000
0
1
2
3
4
5
6
7
8
9
10
VO − Output Voltage −VPP
Gain = 2
RL = 100 Ω
RF = 909 Ω
VS = ±15 V
Fall
Rise
0
1000
2000
3000
4000
5000
6000
0
2
4
6
8
10
12
14 16
18
20
VO − Output Voltage −VPP
Gain = 5
RL = 100 Ω
RF = 715 Ω
VS = ±15 V
Fall
Rise
0
100
200
300
400
500
600
700
800
0
0.5
1
1.5
2
2.5
3
3.5
4
VO − Output Voltage − VPP
Gain = 1
RL = 100 Ω
RF = 1.1 kΩ
VS = ±15 V
Fall
Rise
1
10
100
1000
10
100
1 k
10 k
100 k
f − Frequency − Hz
In−
In+
Vn
−1.25
−1
−0.75
−0.5
−0.25
0
0.25
0.5
0.75
1
1.25
0
1
2
3
4
5
6
7
8
9
10
t − Time − ns
Gain = −2
RL = 100 Ω
RF =806 Ω
VS = ±15 V
Rising Edge
Falling Edge
−4.5
−4
−3.5
−3
−2.5
−2
−1.5
−1
−0.5
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
0
2
4
6
8
10
12
t − Time − ns
Gain = −2
RL = 100 Ω
RF = 806 Ω
VS = ±15 V
Rising Edge
Falling Edge
-16
-12
-8
-4
0
4
8
12
16
10
100
1000
RL - Load Resistance - Ω
VS = ±15 V
TA = -40 to 85°C
7
7.5
8
8.5
9
9.5
10
3
4
5
6
7
8
9
10 11 12 13 14 15
VS − Supply Voltage − ±V
TA = −40 °C
TA = 25 °C
10.5
11
TA = 85 °C
Per Channel
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
-40 -30 -20 -10
0 10 20 30 40 50 60 70 80 90
TC - Case Temperature - °C
IOS
IIB-
IIB+
VS = ±15 V
THS3092
THS3096
SLOS428B – DECEMBER 2003 – REVISED FEBRUARY 2006
TYPICAL CHARACTERISTICS (±15 V) (continued)
SLEW RATE
SLEW RATE
SLEW RATE
vs
vs
vs
OUTPUT VOLTAGE STEP
OUTPUT VOLTAGE STEP
OUTPUT VOLTAGE STEP
Figure 13.
Figure 14.
Figure 15.
NOISE
SETTLING TIME
SETTLING TIME
vs
FREQUENCY
Figure 16.
Figure 17.
Figure 18.
QUIESCENT CURRENT
OUTPUT VOLTAGE
INPUT BIAS AND
vs
vs
OFFSET CURRENT
SUPPLY VOLTAGE
LOAD RESISTANCE
vs
CASE TEMPERATURE
Figure 19.
Figure 20.
Figure 21.
11
Submit Documentation Feedback


Similar Part No. - THS3092_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3092D TI-THS3092D Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092DDA TI-THS3092DDA Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092DDAR TI-THS3092DDAR Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092DR TI-THS3092DR Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results

Similar Description - THS3092_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096 TI-THS3096 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091_V02 Datasheet
3Mb / 46P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
THS3091 TI-THS3091_V01 Datasheet
2Mb / 55P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com