Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS3092 Datasheet(PDF) 5 Page - Texas Instruments

Part # THS3092
Description  HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS3092 Datasheet(HTML) 5 Page - Texas Instruments

  THS3092_14 Datasheet HTML 1Page - Texas Instruments THS3092_14 Datasheet HTML 2Page - Texas Instruments THS3092_14 Datasheet HTML 3Page - Texas Instruments THS3092_14 Datasheet HTML 4Page - Texas Instruments THS3092_14 Datasheet HTML 5Page - Texas Instruments THS3092_14 Datasheet HTML 6Page - Texas Instruments THS3092_14 Datasheet HTML 7Page - Texas Instruments THS3092_14 Datasheet HTML 8Page - Texas Instruments THS3092_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
THS3092
THS3096
SLOS428B – DECEMBER 2003 – REVISED FEBRUARY 2006
V
S = ±15 V, RF = 909 Ω, RL = 100 Ω, and G = 2 (unless otherwise noted)
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
0°C to
-40°C to
MIN/TYP/
25°C
25°C
UNIT
70°C
85°C
MAX
OUTPUT CHARACTERISTICS
RL = 1 kΩ
±13.2
±12.8
±12.5
±12.5
Output voltage swing
V
MIN
RL = 100 Ω
±12.5
±12.1
±11.8
±11.8
Output current (sourcing)
RL = 40 Ω
280
225
200
200
mA
MIN
Output current (sinking)
RL = 40 Ω
250
200
175
175
mA
MIN
Output impedance
f = 1 MHz, Closed loop
0.06
TYP
POWER SUPPLY
Specified operating voltage
±15
±16
±16
±16
V
MAX
Maximum quiescent current
9.5
10.5
11
11
mA
MAX
Per channel
Minimum quiescent current
9.5
8.5
8
8
mA
MIN
Power supply rejection (+PSRR)
VS+ = 15.5 V to 14.5 V, VS- = 15 V
75
70
65
65
dB
MIN
Power supply rejection (-PSRR)
VS+ = 15 V, VS- = -15.5 V to -14.5 V
73
68
65
65
dB
MIN
POWER-DOWN CHARACTERISTICS (THS3096 ONLY)
VS+– 4
MAX
REF voltage range(1)
VS–
MIN
V
Enable
PD
≥ REF + 2
MIN
Power-down voltage level(1)
Disable
PD
≤ REF + 0.8
MAX
Power-down quiescent current
PD = 0V
500
700
800
800
µA
MAX
VPD = 0 V, REF = 0 V,
11
15
20
20
VPD quiescent current
µA
MAX
VPD = 3.3 V, REF = 0 V
11
15
20
20
Turnon time delay
90% of final value
60
µs
TYP
Turnoff time delay
10% of final value
150
(1)
For detailed information on th behavior of the powerdown circuit, see the Powerdown and Powerdown Reference sections in the
Application Information of this data sheet.
5
Submit Documentation Feedback


Similar Part No. - THS3092_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3092D TI-THS3092D Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092DDA TI-THS3092DDA Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092DDAR TI-THS3092DDAR Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3092DR TI-THS3092DR Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
More results

Similar Description - THS3092_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS3091 TI1-THS3091 Datasheet
770Kb / 45P
[Old version datasheet]   High-voltage, Low-distortion, Current-feedback Operational Amplifiers
THS3095 TI1-THS3095_14 Datasheet
1Mb / 37P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091DG4 TI1-THS3091DG4 Datasheet
1Mb / 36P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3096 TI-THS3096 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091 Datasheet
1Mb / 31P
[Old version datasheet]   HIGH-VOLTAGE, LOW-DISTORTION, CURRENT-FEEDBACK OPERATIONAL AMPLIFIERS
THS3091 TI-THS3091_V02 Datasheet
3Mb / 46P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED APRIL 2023
THS3091 TI-THS3091_V01 Datasheet
2Mb / 55P
[Old version datasheet]   THS309x High-Voltage, Low-Distortion, Current-Feedback Operational Amplifiers
REVISED DECEMBER 2022
logo
Intersil Corporation
HFA1100 INTERSIL-HFA1100_04 Datasheet
335Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
HFA1100IP INTERSIL-HFA1100IP Datasheet
340Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
October 26, 2004
logo
Renesas Technology Corp
HFA1100 RENESAS-HFA1100 Datasheet
594Kb / 10P
   850MHz, Low Distortion Current Feedback Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com