Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NFR Datasheet(PDF) 5 Page - NIC-Components Corp.

Part # NFR
Description  Metal Film MELF Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NFR Datasheet(HTML) 5 Page - NIC-Components Corp.

  NFR Datasheet HTML 1Page - NIC-Components Corp. NFR Datasheet HTML 2Page - NIC-Components Corp. NFR Datasheet HTML 3Page - NIC-Components Corp. NFR Datasheet HTML 4Page - NIC-Components Corp. NFR Datasheet HTML 5Page - NIC-Components Corp. NFR Datasheet HTML 6Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
CONSTRUCTION
Item
Material
1
Insulation Coating
Epoxy
2
Marking
Epoxy
3
Cutting Line
-
4
Ceramic Core
Ceramic
5
Resistive Film
Metal Film
6
Terminal
Fe/Cu/Ni/Sn
1
2
3 4
5 6
Type
Case Size
A
B
C
NFR0102
0102
1.5
0.8
1.0
NFR0204
0204
1.6
1.2
1.6
NFR0207
0207
2.4
1.7
3.0
LAND PATTERN DIMENSIONS (mm)
REFLOW SOLDERING TEMPERATURE PROFILE
200°C
300°C
260°C
50°C
180°C
100°C
0
120 sec. max.
3 sec. max.
Peak Temperature 260°C
220°C
Time above 220°C
60 sec. max.
NFR Series
Metal Film MELF Resistors
B
A
C
Land Pads


Similar Part No. - NFR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
NFR0100001009JR500 DIODES-NFR0100001009JR500 Datasheet
552Kb / 12P
   High Power Factor LED Replacement T8 Fluorescent Tube
logo
Thinki Semiconductor Co...
NFR12C20A THINKISEMI-NFR12C20A Datasheet
611Kb / 2P
   12.0 Ampere Negative Polarity Common Anode Fast Recovery Rectifier
NFR12C20A THINKISEMI-NFR12C20A Datasheet
611Kb / 2P
   12.0 Ampere Positive Polarity Common Cathode Fast Recovery Rectifier
NFR12C20A THINKISEMI-NFR12C20A Datasheet
293Kb / 2P
   12.0 Ampere Heatsink Dual Common Anode Fast Recovery Rectifiers
NFR12C20A THINKISEMI-NFR12C20A_V01 Datasheet
293Kb / 2P
   12.0 Ampere Heatsink Dual Common Anode Fast Recovery Rectifiers
More results

Similar Description - NFR

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
MGP50S-R100-F RCD-MGP50S-R100-F Datasheet
40Kb / 1P
   METAL FILM MELF RESISTORS
logo
KOA Speer Electronics, ...
RN41 KOA-RN41 Datasheet
562Kb / 3P
   fixed metal film melf resistors
logo
MERITEK ELECTRONICS COR...
MFMP MERITEK-MFMP Datasheet
314Kb / 2P
   Metal Film Precision MELF Resistors
logo
KOA Speer Electronics, ...
RN412BTTE1002J50 KOA-RN412BTTE1002J50 Datasheet
256Kb / 2P
   fixed metal film melf resistors
RN412AT KOA-RN412AT Datasheet
99Kb / 2P
   fixed metal film melf resistors
logo
Token Electronics Indus...
RJM74P0R1JC2T TOKEN-RJM74P0R1JC2T Datasheet
317Kb / 3P
   RJM Metal Film Precision Melf Resistors
RJM TOKEN-RJM Datasheet
494Kb / 5P
   Metal Film Ultra Precision Melf Resistors
logo
Vishay Siliconix
SMM0207 VISHAY-SMM0207_V01 Datasheet
184Kb / 13P
   Thin Film MELF Resistors
01-Jan-2022
SMM0207 VISHAY-SMM0207_11 Datasheet
156Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
SMM0207 VISHAY-SMM0207_15 Datasheet
149Kb / 6P
   Thin Film MELF Resistors
Revision: 28-Jun-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com