Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NAZV471M16V10X10.5LBF Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NAZV471M16V10X10.5LBF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAZV471M16V10X10.5LBF Datasheet(HTML) 1 Page - NIC-Components Corp.

  NAZV471M16V10X10.5LBF Datasheet HTML 1Page - NIC-Components Corp. NAZV471M16V10X10.5LBF Datasheet HTML 2Page - NIC-Components Corp. NAZV471M16V10X10.5LBF Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Aluminum Electrolytic Capacitors NAZV Series
FEATURES
• CYLINDRICAL V-CHIP CONSTRUCTION
• LONG LIFE (7,000 ~ 10,000 HOURS)
• WIDE TEMPERATURE RANGE (-25°C ~ +105°C)
• DESIGNED FOR REFLOW SOLDERING
CHARACTERISTICS
Rated Voltage Range
6.3 ~ 50V
Rated Capacitance Range
10 ~ 1000
μF
Operating Temperature Range
-25°C ~ +105°C
Capacitance Tolerance
±20% (M)
Max. Leakage Current After 2 Minutes at 20°C
0.01CV or 3
μA whichever is greater
Surge Voltage and Max. Tan
δ
W.V. (Vdc)
6.3
10
16
25
35
50
S.V.(Vdc)
8
13
20
32
44
63
Tan
δ
0.32
0.28
0.26
0.16
0.14
0.14
Low Temperature Stability
(Impedance Ratio @ 120Hz)
Z-25°C/Z+20°C
432222
High Temperature Load Life at
105°C and Rated Working Voltage
Load Life Hours
φD < 6.3mm = 7,000 φD > 8 = 10,000 hours
Capacitance Change
Within ±30% of initial measured value
Tan
δ
Less than 300% of specified value
Leakage Current
Less than the specified value
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on
pages T10 & T11 of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process
details with NIC’s technical support personnel: tpmg@niccomp.com
STANDARD PRODUCT AND SIZE D
φxL (mm)
DIMENSIONS (mm)
0.3mm max.
D
φ
L
+
-
I
I
W
P
A
B
Case Size D
φ±0.5 L max. A/B±0.2 I ± 0.2
W
P±0.2
5X7.3
5
7.3
5.3
2.2
0.5 ~ 0.8
1.4
6.3X7.3
6.3
7.3
6.6
2.5
0.5 ~ 0.8
2.2
6.3X8.7
6.3
8.7
6.6
2.5
0.5 ~ 0.8
2.2
8X10.5
8
10.5
8.3
2.9
0.7 ~ 1.0
3.2
10X10.5
10
10.5
10.3
3.2
1.0 ~ 1.4
4.6
Cap.
(
μF) Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
10
100
----
5X7.3
-
22
220
-
-
5X7.3
5X7.3
5X7.3
6.3X8.7
33
330
-
5X7.3
-
6.3X7.3
6.3X8.7
8X10.5
47
470
5X7.3
-
6.3X7.3
6.3X7.3
6.3X8.7
8X10.5
100
101
6.3X7.3
-
6.3X7.3
6.3X8.7
8X10.5
10X10.5
150
151
-
6.3X7.3
6.3X8.7
8X10.5
--
220
221
6.3X8.7
-
6.3X8.7
8X10.5
10X10.5
-
330
331
6.3X8.7
-
8X10.5
10X10.5
-
-
470
471
8X10.5
-
10X10.5
-
-
-
1000
102
10X10.5
-----
NAZV 220 M 25V 5x7.3 L B F
RoHS Compliant
B=Sn-Bi Finish & 330mm (13”) Reel
LB=Sn-Bi Finish & 380mm (15") Reel
Reflow Temp. CodeTape & Reel
Size in mm
Working Voltage
Tolerance Code M=20%
Capacitance Code in
μF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10
μF
Series
PART NUMBER SYSTEM
*See Part Number System for Details
PN
b
S
f
D
il
RoHS
Compliant
includes all homogeneous materials


Similar Part No. - NAZV471M16V10X10.5LBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAZV471M16V10X105LBF NIC-NAZV471M16V10X105LBF Datasheet
102Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAZV471M16V10X10.5LBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com