Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCB-G0402U601TR010F Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NCB-G0402U601TR010F
Description  High Frequency Ferrite Chip Beads
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NCB-G0402U601TR010F Datasheet(HTML) 2 Page - NIC-Components Corp.

  NCB-G0402U601TR010F Datasheet HTML 1Page - NIC-Components Corp. NCB-G0402U601TR010F Datasheet HTML 2Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
TAPE DIMENSIONS (mm)
Dimensions
NCB-G0402
NCB-GH0402
NCB-G0603
NCB-GH0603
A
0.65
1.00
B
1.15
1.80
T
0.80
1.10
W
8.0 ± 0.3
E
1.75 ± 0.1
F
3.5 ± 0.05
P1
2.0 ± 0.1
4.0 ± 0.1
P2
2.0 ± 0.05
Chips/Reel
10,000
4,000
(PRESSED PAPER CARRIER)
T
A
P1
P2
REEL DIMENSIONS
Size
A
B
C
0402
0.45 ~ 0.55
0.40 ~ 0.50
0.45 ~ 0.55
0603
0.60 ~ 0.80
0.60 ~ 0.80
0.60 ~ 0.80
Dim
Size: 0402 & 0603
A
178 ± 2.0
B
58 ± 2.0
C
3.0 ± 0.1
W
9.0 ± 1.5
RECOMMENDED LAND PATTERN (mm)
C
B
B
A
High Frequency Ferrite Chip Beads
NCB-G & NCB-GH Series
90 ~ 150 sec.
260°C Peak
130°C ~ 190°C
REFLOW SOLDERING PROFILE
240°C
Time above 240°C
20 ~ 60 sec. max.
50°C
100°C
150°C
200°C
260°C
Time (seconds)
C
w
A


Similar Part No. - NCB-G0402U601TR010F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NCB-GH0402D121TR060F NIC-NCB-GH0402D121TR060F Datasheet
104Kb / 2P
   High Frequency/High Current Ferrite Chip Beads
NCB-GH0402D221TR050F NIC-NCB-GH0402D221TR050F Datasheet
104Kb / 2P
   High Frequency/High Current Ferrite Chip Beads
NCB-GH0402U121TR060F NIC-NCB-GH0402U121TR060F Datasheet
104Kb / 2P
   High Frequency/High Current Ferrite Chip Beads
NCB-GH0402U121TR110F NIC-NCB-GH0402U121TR110F Datasheet
104Kb / 2P
   High Frequency/High Current Ferrite Chip Beads
NCB-GH0402U221TR050F NIC-NCB-GH0402U221TR050F Datasheet
104Kb / 2P
   High Frequency/High Current Ferrite Chip Beads
More results

Similar Description - NCB-G0402U601TR010F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NCBGH NIC-NCBGH Datasheet
104Kb / 2P
   High Frequency/High Current Ferrite Chip Beads
logo
Allied Components Inter...
HFB03 ALLIED-HFB03 Datasheet
657Kb / 1P
   High Frequency Ferrite Beads
HFB03-05 ALLIED-HFB03-05 Datasheet
657Kb / 1P
   High Frequency Ferrite Beads
HFB03-601-RC ALLIED-HFB03-601-RC Datasheet
656Kb / 1P
   High Frequency Ferrite Beads
logo
Bourns Electronic Solut...
MU3261-121Y BOURNS-MU3261-121Y Datasheet
934Kb / 8P
   High Impedance Chip Ferrite Beads
logo
Superworld Electronics
Z7K800-RT-10 SUPERWORLD-Z7K800-RT-10 Datasheet
361Kb / 9P
   FERRITE CHIP BEADS
Z2C100-RG-10 SUPERWORLD-Z2C100-RG-10 Datasheet
329Kb / 8P
   FERRITE CHIP BEADS
Z4K121-RI-10 SUPERWORLD-Z4K121-RI-10 Datasheet
373Kb / 9P
   FERRITE CHIP BEADS
Z4C121-RG-10 SUPERWORLD-Z4C121-RG-10 Datasheet
363Kb / 9P
   FERRITE CHIP BEADS
logo
Bourns Electronic Solut...
MG1608_MDS BOURNS-MG1608_MDS Datasheet
207Kb / 1P
   Ferrite Chip Beads
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com