Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC00T14-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74AHC00T14-13
Description  QUADRUPLE 2-INPUT NAND GATES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC00T14-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  74AHC00T14-13 Datasheet HTML 1Page - Diodes Incorporated 74AHC00T14-13 Datasheet HTML 2Page - Diodes Incorporated 74AHC00T14-13 Datasheet HTML 3Page - Diodes Incorporated 74AHC00T14-13 Datasheet HTML 4Page - Diodes Incorporated 74AHC00T14-13 Datasheet HTML 5Page - Diodes Incorporated 74AHC00T14-13 Datasheet HTML 6Page - Diodes Incorporated 74AHC00T14-13 Datasheet HTML 7Page - Diodes Incorporated 74AHC00T14-13 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
74AHC00
Document number: DS35338 Rev. 3 - 2
5 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74AHC00
Ordering Information
Device
Package Code
Packaging
7” Tape and Reel
Quantity
Part Number Suffix
74AHC00S14-13
S14
SO-14
2500/Tape & Reel
-13
74AHC00T14-13
T14
TSSOP-14
2500/Tape & Reel
-13
Marking Information
(1) SO-14, TSSOP-14
Part Number
Package
74AHC00S14
SO-14
74AHC00T14
TSSOP-14


Similar Part No. - 74AHC00T14-13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74AHC00 NXP-74AHC00 Datasheet
84Kb / 13P
   Quad 2-input NAND gate
Rev. 03-8 January 2008
logo
Nexperia B.V. All right...
74AHC00 NEXPERIA-74AHC00 Datasheet
227Kb / 12P
   Quad 2-input NAND gate
Rev. 5 - 26 May 2020
74AHC00-Q100 NEXPERIA-74AHC00-Q100 Datasheet
704Kb / 15P
   Quad 2-input NAND gate
logo
NXP Semiconductors
74AHC00BQ NXP-74AHC00BQ Datasheet
84Kb / 13P
   Quad 2-input NAND gate
Rev. 03-8 January 2008
More results

Similar Description - 74AHC00T14-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AHCT00 DIODES-74AHCT00 Datasheet
288Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00 Datasheet
65Kb / 6P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74LVC00A DIODES-74LVC00A Datasheet
183Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES
logo
Aeroflex Circuit Techno...
UT54ACS00 AEROFLEX-UT54ACS00 Datasheet
230Kb / 9P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74LV00A DIODES-74LV00A Datasheet
303Kb / 9P
   QUADRUPLE 2-INPUT NAND GATES
logo
Aeroflex Circuit Techno...
UT54ACTS00E AEROFLEX-UT54ACTS00E Datasheet
207Kb / 9P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74HC00 DIODES-74HC00 Datasheet
299Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
logo
Renesas Technology Corp
HD74LS00 RENESAS-HD74LS00_15 Datasheet
94Kb / 8P
   Quadruple 2-Input NAND Gates
logo
Aeroflex Circuit Techno...
UT54ACS00E AEROFLEX-UT54ACS00E Datasheet
414Kb / 8P
   Quadruple 2-Input NAND Gates
logo
Diodes Incorporated
74HCT00 DIODES-74HCT00 Datasheet
305Kb / 8P
   QUADRUPLE 2-INPUT NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com