Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC1G09SE-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # 74AHC1G09SE-7
Description  SINGLE 2 INPUT POSITIVE AND GATE WITH OPEN DRAIN OUTPUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC1G09SE-7 Datasheet(HTML) 6 Page - Diodes Incorporated

  74AHC1G09SE-7 Datasheet HTML 1Page - Diodes Incorporated 74AHC1G09SE-7 Datasheet HTML 2Page - Diodes Incorporated 74AHC1G09SE-7 Datasheet HTML 3Page - Diodes Incorporated 74AHC1G09SE-7 Datasheet HTML 4Page - Diodes Incorporated 74AHC1G09SE-7 Datasheet HTML 5Page - Diodes Incorporated 74AHC1G09SE-7 Datasheet HTML 6Page - Diodes Incorporated 74AHC1G09SE-7 Datasheet HTML 7Page - Diodes Incorporated 74AHC1G09SE-7 Datasheet HTML 8Page - Diodes Incorporated 74AHC1G09SE-7 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
74AHC1G09
Document number: DS35735 Rev. 2 - 2
6 of 9
www.diodes.com
March 2013
© Diodes Incorporated
74AHC1G09
Ordering Information
Part Number
Package Code
Packaging
7” Tape and Reel
Quantity
Part Number Suffix
74AHC1G09W5-7
W5
SOT25
3000/Tape & Reel
-7
74AHC1G09SE-7
SE
SOT353
3000/Tape & Reel
-7
Marking Information
1
2
3
5
4
XX Y W X
XX : Identification code
W : Week : A~Z : 1~26 week;
X : A~Z : Internal code
(Top View)
Y : Year 0~9
a~z : 27~52 week; z represents
52 and 53 week
Part Number
Package
Identification Code
74AHC1G09W5
SOT25
YN
74AHC1G09SE
SOT353
YN


Similar Part No. - 74AHC1G09SE-7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G09 PHILIPS-74AHC1G09 Datasheet
65Kb / 11P
   2-input AND gate with open-drain output
Rev. 01-26 September 2005
74AHC1G09 NXP-74AHC1G09 Datasheet
74Kb / 10P
   2-input AND gate with open-drain output
Rev. 02-18 December 2007
logo
Nexperia B.V. All right...
74AHC1G09 NEXPERIA-74AHC1G09 Datasheet
204Kb / 10P
   2-input AND gate with open-drain output
Rev. 3 - 11 January 2022
logo
NXP Semiconductors
74AHC1G09-Q100 NXP-74AHC1G09-Q100 Datasheet
1Mb / 2P
   NXP Logic ??Q100 logic portfolio
logo
Nexperia B.V. All right...
74AHC1G09-Q100 NEXPERIA-74AHC1G09-Q100 Datasheet
203Kb / 10P
   2-input AND gate with open-drain output
Rev. 3 - 11 January 2022
More results

Similar Description - 74AHC1G09SE-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AUP1G09 DIODES-74AUP1G09 Datasheet
202Kb / 11P
   SINGLE 2 INPUT POSITIVE AND GATE WITH OPEN DRAIN OUTPUT
logo
Unisonic Technologies
U74LVC1G09 UTC-U74LVC1G09 Datasheet
183Kb / 5P
   SINGLE 2-INPUT POSITIVE-AND GATE WITH OPEN-DRAIN OUTPUT
logo
Texas Instruments
SN74AHC1G09 TI1-SN74AHC1G09_16 Datasheet
898Kb / 20P
[Old version datasheet]   Single 2?밒nput Positive-AND Gate With Open-Drain Output
SN74AHC1G09-Q1 TI-SN74AHC1G09-Q1_V01 Datasheet
1,002Kb / 22P
[Old version datasheet]   SN74AHC1G09-Q1 Automotive Single 2–Input Positive-AND Gate With Open-Drain Output
REVISED OCTOBER 2023
SN74AHC1G09-Q1 TI-SN74AHC1G09-Q1 Datasheet
816Kb / 19P
[Old version datasheet]   SN74AHC1G09-Q1 Automotive Single 2–Input Positive-AND Gate With Open-Drain Output
MAY 2023
logo
E-Tech Electronics LTD
MC74VHC1G09 ETL-MC74VHC1G09 Datasheet
576Kb / 4P
   2-Input AND Gate with Open Drain Output
logo
ON Semiconductor
MC74VHC1G09 ONSEMI-MC74VHC1G09 Datasheet
195Kb / 8P
   2-Input AND Gate with Open Drain Output
October, 1999 ??Rev. 0.0
MC74VHC1G09 ONSEMI-MC74VHC1G09_13 Datasheet
132Kb / 6P
   2-Input AND Gate with Open Drain Output
October, 2013 ??Rev. 18
MC74VHC1G09 ONSEMI-MC74VHC1G09_V01 Datasheet
165Kb / 14P
   2-Input AND Gate with Open Drain Output
April, 2022 ??Rev. 22
logo
Leshan Radio Company
L74VHC1G09 LRC-L74VHC1G09 Datasheet
221Kb / 6P
   2-Input AND Gate with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com