Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK1960 Datasheet(PDF) 2 Page - NEC

Part # 2SK1960
Description  N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK1960 Datasheet(HTML) 2 Page - NEC

  2SK1960 Datasheet HTML 1Page - NEC 2SK1960 Datasheet HTML 2Page - NEC 2SK1960 Datasheet HTML 3Page - NEC 2SK1960 Datasheet HTML 4Page - NEC 2SK1960 Datasheet HTML 5Page - NEC 2SK1960 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SK1960
2
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Drain Cut-Off Current
IDSS
VDS = 16 V, VGS = 0
1.0
µA
Gate Leakage Current
IGSS
VGS =
±7.0 V, VDS = 0
±3.0
µA
Gate Cut-Off Voltage
VGS(off)
VDS = 3 V, ID = 1 mA
0.5
0.8
1.1
V
Forward Transfer Admittance
|yfs|VDS = 3 V, ID = 1.5 A
2.0
S
Drain to Source On-State Resistance
RDS(on)1
VGS = 1.5 V, ID = 0.1 A
0.35
0.8
Drain to Source On-State Resistance
RDS(on)2
VGS = 2.5 V, ID = 1.5 A
0.17
0.3
Drain to Source On-State Resistance
RDS(on)3
VGS = 4.0 V, ID = 1.5 A
0.12
0.2
Input Capacitance
Ciss
VDS = 3 V, VGS = 0, f = 1.0 MHz
370
pF
Output Capacitance
Coss
320
pF
Reverse Transfer Capacitance
Crss
115
pF
Turn-ON Delay Time
td(on)
VDD = 3 V, ID = 1.5 A, VGS(on) = 3 V,
70
ns
Rise Time
tr
RG = 10
Ω, RL = 2 Ω
200
ns
Turn-OFF Delay Time
td(off)
150
ns
Fall Time
tf
200
ns


Similar Part No. - 2SK1960

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK1960 KEXIN-2SK1960 Datasheet
46Kb / 1P
   MOS Field Effect Transistor
logo
Renesas Technology Corp
2SK1960 RENESAS-2SK1960 Datasheet
262Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1996
logo
Guangdong Kexin Industr...
2SK1960 KEXIN-2SK1960_15 Datasheet
1,004Kb / 3P
   N-Channel Enhancement MOSFET
More results

Similar Description - 2SK1960

ManufacturerPart #DatasheetDescription
logo
NEC
2SK1272 NEC-2SK1272 Datasheet
401Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK2053 NEC-2SK2053 Datasheet
62Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2090 NEC-2SK2090 Datasheet
59Kb / 6P
   N-Channel MOS FET FOR HIGH-SPEED SWITCHING
2SK2109 NEC-2SK2109 Datasheet
58Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2110 NEC-2SK2110 Datasheet
58Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2070 NEC-2SK2070 Datasheet
59Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2159 NEC-2SK2159 Datasheet
62Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK1398 NEC-2SK1398 Datasheet
52Kb / 8P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK680A NEC-2SK680A Datasheet
317Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING?
2SK1958 NEC-2SK1958 Datasheet
60Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK1273 NEC-2SK1273 Datasheet
356Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com