Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK1960 Datasheet(PDF) 1 Page - NEC

Part # 2SK1960
Description  N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK1960 Datasheet(HTML) 1 Page - NEC

  2SK1960 Datasheet HTML 1Page - NEC 2SK1960 Datasheet HTML 2Page - NEC 2SK1960 Datasheet HTML 3Page - NEC 2SK1960 Datasheet HTML 4Page - NEC 2SK1960 Datasheet HTML 5Page - NEC 2SK1960 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©
1996
DATA SHEET
MOS FIELD EFFECT TRANSISTOR
2SK1960
The 2SK1960 is an N-channel vertical MOS FET. Because
it can be driven by a voltage as low as 1.5 V and it is not
necessary to consider a drive current, this FET is ideal as an
actuator for low-current portable systems such as headphone
stereos and video cameras.
FEATURES
Gate can be driven by 1.5 V
Low ON resistance
RDS(on) = 0.8
Ω MAX.
@ VGS = 1.5 V, ID = 0.1 A
RDS(on) = 0.2
Ω MAX.
@ VGS = 4.0 V, ID = 1.5 A
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
PARAMETER
SYMBOL
TEST CONDITIONS
RATING
UNIT
Drain to Source Voltage
VDSS
VGS = 0
16
V
Gate to Source Voltage
VGSS
VDS = 0
±7.0
V
Drain Current (DC)
ID(DC)
±3.0
A
Drain Current (Pulse)
ID(pulse)
PW
≤ 10 ms, duty cycle ≤ 50 %
±6.0
A
Total Power Dissipation
PT
16 cm2
× 0.7 mm ceramic substrate used
2.0
W
Channel Temperature
Tch
150
˚C
Storage Temperature
Tstg
–55 to +150
˚C
Document No. D11223EJ2V0DS00 (2nd edition)
Date Published June 1996 P
Printed in Japan
PACKAGE DIMENSIONS (in mm)
1.6 ±0.2
4.5 ±0.1
0.42 ±0.06
1.5
0.47
±0.06
3.0
0.41
+0.03
–0.05
1.5 ±0.1
S
D
G
0.42 ±0.06
Marking: NR
EQUIVALENT CURCUIT
Source (S)
Internal
diode
Gate
protection
diode
Gate (G)
Drain (D)
PIN CONNECTIONS
S:
D:
G:
Source
Drain
Gate
N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING


Similar Part No. - 2SK1960

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK1960 KEXIN-2SK1960 Datasheet
46Kb / 1P
   MOS Field Effect Transistor
logo
Renesas Technology Corp
2SK1960 RENESAS-2SK1960 Datasheet
262Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1996
logo
Guangdong Kexin Industr...
2SK1960 KEXIN-2SK1960_15 Datasheet
1,004Kb / 3P
   N-Channel Enhancement MOSFET
More results

Similar Description - 2SK1960

ManufacturerPart #DatasheetDescription
logo
NEC
2SK1272 NEC-2SK1272 Datasheet
401Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK2053 NEC-2SK2053 Datasheet
62Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2090 NEC-2SK2090 Datasheet
59Kb / 6P
   N-Channel MOS FET FOR HIGH-SPEED SWITCHING
2SK2109 NEC-2SK2109 Datasheet
58Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2110 NEC-2SK2110 Datasheet
58Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2070 NEC-2SK2070 Datasheet
59Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK2159 NEC-2SK2159 Datasheet
62Kb / 6P
   N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
2SK1398 NEC-2SK1398 Datasheet
52Kb / 8P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK680A NEC-2SK680A Datasheet
317Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING?
2SK1958 NEC-2SK1958 Datasheet
60Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
2SK1273 NEC-2SK1273 Datasheet
356Kb / 6P
   N-CHANNEL MOS FET FOR HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com