Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA3695IDBQRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # OPA3695IDBQRG4
Description  Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA3695IDBQRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA3695IDBQRG4 Datasheet HTML 5Page - Texas Instruments OPA3695IDBQRG4 Datasheet HTML 6Page - Texas Instruments OPA3695IDBQRG4 Datasheet HTML 7Page - Texas Instruments OPA3695IDBQRG4 Datasheet HTML 8Page - Texas Instruments OPA3695IDBQRG4 Datasheet HTML 9Page - Texas Instruments OPA3695IDBQRG4 Datasheet HTML 10Page - Texas Instruments OPA3695IDBQRG4 Datasheet HTML 11Page - Texas Instruments OPA3695IDBQRG4 Datasheet HTML 12Page - Texas Instruments OPA3695IDBQRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
-50
-60
-70
-80
-90
-100
Frequency(Hz)
100k
100M
1M
10M
V =±5V
G=+2V/V
R =511
R
=100
V
=2V
W
W
S
F
LOAD
OUT
PP
2ndHarmonic
3rdHarmonic
-60
-65
-70
-75
-80
-85
-90
-95
-100
OutputVoltage(V
)
PP
0.1
10
1
3rdHarmonic
2ndHarmonic
V = 5V
±
G=+2V/V
R =511
R
=100
W
W
S
F
LOAD
-60
-65
-70
-75
-80
-85
-90
Inverting(V/V)
-1
-15
-3
-5
-7
-9
-11
-13
V = 5V
±
R
=100
V
=2V
W
S
LOAD
OUT
PP
3rdHarmonic
2ndHarmonic
40
35
30
25
20
15
Frequency(MHz)
20
240
40
60
80
100 120 140
V = 5V
±
R
=100
V
=2V
W
S
LOAD
OUT
PP
Noninverting
Gain=+8V/V
R =402W
F
Inverting
Gain= 8V/V
R =442
-
W
F
160 180 200 220
-40
-50
-60
-70
-80
-90
-100
Frequency(Hz)
1M
1G
10M
100M
Forward
Reverse
V =±5V
G=+8V/V
R =402
R
=100
W
W
S
F
LOAD
5
4
3
2
1
0
-1
-2
-3
-4
-5
-250 -200 -150 -100 -50
0
250
200
150
100
50
I
(mA)
O
1WInternalPowerBoundary
Single-Channel
1WInternal
PowerBoundary
Single-Channel
100
LoadLine
W
50
LoadLine
W
20
LoadLine
W
OPA3695
www.ti.com ............................................................................................................................................... SBOS355A – APRIL 2008 – REVISED SEPTEMBER 2008
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At RF = 402Ω, RL = 100Ω, and G = +8, unless otherwise noted.
HARMONIC DISTORTION vs FREQUENCY
10MHz HARMONIC DISTORTION vs OUTPUT VOLTAGE
Figure 14.
Figure 15.
10MHz HARMONIC DISTORTION vs INVERTING GAIN
TWO-TONE, 3RD-ORDER INTERMODULATION INTERCEPT
Figure 16.
Figure 17.
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
DISABLE FEEDTHROUGH vs FREQUENCY
Figure 18.
Figure 19.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA3695


Similar Part No. - OPA3695IDBQRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3695 BURR-BROWN-OPA3695 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA3695 BURR-BROWN-OPA3695 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA3695 BURR-BROWN-OPA3695 Datasheet
945Kb / 31P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
More results

Similar Description - OPA3695IDBQRG4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA3691 BURR-BROWN-OPA3691 Datasheet
438Kb / 25P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA695 TI1-OPA695_16 Datasheet
1Mb / 58P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695IDGKR TI1-OPA695IDGKR Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI1-OPA695 Datasheet
965Kb / 48P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695 TI-OPA695 Datasheet
570Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA685 BURR-BROWN-OPA685 Datasheet
283Kb / 28P
   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA2695 TI-OPA2695 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com