Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NATK101M16V6.3X8NBYF Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NATK101M16V6.3X8NBYF
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NATK101M16V6.3X8NBYF Datasheet(HTML) 2 Page - NIC-Components Corp.

  NATK101M16V6.3X8NBYF Datasheet HTML 1Page - NIC-Components Corp. NATK101M16V6.3X8NBYF Datasheet HTML 2Page - NIC-Components Corp. NATK101M16V6.3X8NBYF Datasheet HTML 3Page - NIC-Components Corp. NATK101M16V6.3X8NBYF Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
NATK 161 M 35V 8x6.3 N S W Y F
RoHS Compliant
Wide Terminations (Opt.)
Termination/Packaging Code: S = 100% Sn/13" Reel, LS = 100% Sn/15" Reel
B = Sn-Bi/13" Reel, LB = Sn-Bi/15" Reel
Reflow Temperature Code
Size in mm
Working Voltage
Tolerance Code M=20%
Capacitance Code in
μF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10
μF
Series
PART NUMBER SYSTEM
Suitable for automotive equipment, sourced to special
production and inspection at TS-16949 certified production site
Surface Mount Aluminum Electrolytic Capacitors NATK Series
RIPPLE CURRENT FREQUENCY CORRECTION FACTOR
Frequency (Hz)
100 < f <1K
1K < f <10K
10K < f <100K
100K < f
47
μF ~ 3900μF
0.60
0.85
0.93
1.00
Part Number
Cap.
(
μF)
Working
Voltage
Dissipaton Factpr
@120Hz/20°C
Max. ESR (
Ω)
AT 100KHz/20°C
Max. Ripple Current (mA rms)
AT 100KHz/125°C
Load Life Hours
@ +125°C
NATK101M16V6.3X8NBYF
100
16
0.20
0.45
200
2,000
NATK331M16V8X10.8NBYF
330
0.20
0.18
300
2,000
NATK391M16V8X10.8NBYF
390
0.20
0.18
300
2,000
NATK471M16V10X10.8LBYF
470
0.20
0.11
500
2,000
NATK681M16V10X10.8LBYF
680
0.20
0.11
500
2,000
NATK102M16V12.5X14KLBYF 1000
0.20
0.08
1200
3,000
NATK152M16V12.5X14KLBYF 1500
0.20
0.08
1200
3,000
NATK222M16V16X17JLSYF
2200
0.20
0.05
1800
5,000
NATK332M16V18X17.5JLSYF 3300
0.24
0.045
2000
5,000
NATK392M16V18X22JLSYF
3900
0.24
0.040
2200
5,000
NATK101M25V6.3X8NBYF
100
25
0.16
0.45
200
2,000
NATK221M25V8X10.8NBYF
220
0.16
0.18
300
2,000
NATK271M25V8X10.8NBYF
270
0.16
0.18
300
2,000
NATK331M25V10X10.8LBYF
330
0.16
0.11
500
2,000
NATK471M25V10X10.8LBYF
470
0.16
0.11
500
2,000
NATK681M25V12.5X14KLBYF
680
0.16
0.08
1200
3,000
NATK911M25V12.5X14KLBYF
910
0.16
0.08
1200
3,000
NATK102M25V16X17JLSYF
1000
0.16
0.05
1800
5,000
NATK152M25V16X17JLSYF
1500
0.16
0.05
1800
5,000
NATK222M25V18X17.5JLSYF 2200
0.18
0.045
2000
5,000
NATK332M25V18X22JLSYF
3300
0.20
0.040
2200
5,000
NATK470M35V6.3X8NBYF
47
35
0.14
0.45
200
2,000
NATK101M35V8X10.8NBYF
100
0.14
0.18
300
2,000
NATK161M35V8X10.8NBYF
160
0.14
0.18
300
2,000
NATK221M35V10X10.8LBYF
220
0.14
0.11
500
2,000
NATK301M35V10X10.8LBYF
300
0.14
0.11
500
2,000
NATK331M35V12.5X14KLBYF
330
0.14
0.08
1200
3,000
NATK471M35V12.5X14KLBYF
470
0.14
0.08
1200
3,000
NATK621M35V12.5X14KLBYF
620
0.14
0.08
1200
3,000
NATK681M35V16X17JLSYF
680
0.14
0.05
1800
5,000
NATK102M35V16X17JLSYF
1000
0.14
0.05
1800
5,000
NATK152M35V18X17.5JLSYF 1500
0.14
0.045
2000
5,000
NATK222M35V18X22JLSYF
2200
0.16
0.040
2200
5,000
STANDARD VALUES, CASE SIZES & SPECIFICATIONS


Similar Part No. - NATK101M16V6.3X8NBYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NATK101M16V63X8NBYF NIC-NATK101M16V63X8NBYF Datasheet
163Kb / 4P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NATK101M16V6.3X8NBYF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com