Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV854 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LMV854
Description  LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV854 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV854 Datasheet HTML 3Page - Texas Instruments LMV854 Datasheet HTML 4Page - Texas Instruments LMV854 Datasheet HTML 5Page - Texas Instruments LMV854 Datasheet HTML 6Page - Texas Instruments LMV854 Datasheet HTML 7Page - Texas Instruments LMV854 Datasheet HTML 8Page - Texas Instruments LMV854 Datasheet HTML 9Page - Texas Instruments LMV854 Datasheet HTML 10Page - Texas Instruments LMV854 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
VOUT (V)
12
9
6
3
0
-3
-6
-9
-12
0
1
2
3
4
5
VS = 5.0V, RL = 2k
VCM (V)
5
4
3
2
1
0
-1
-2
-3
-4
-5
-1
0
1
2
3
4
5
6
3.3V
5V
TA = 25°C
VSUPPLY (V)
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-40°C
25°C
85°C
125°C
TEMPERATURE (°C)
200
150
100
50
0
-50
-100
-150
-200
-50
-25
0
25
50
75
100
125
3.3V
5.0V
VCM (V)
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.5 0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
-40°C
25°C
85°C
125°C
VS = 3.3V
VCM (V)
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
-40°C
25°C
85°C
125°C
VS = 5.0V
LMV851, LMV852, LMV854
www.ti.com
SNOSAW1 – OCTOBER 2007
Typical Performance Characteristics
At TA = 25°C, RL = 10 kΩ, VS = 3.3V, unless otherwise specified.
VOS
VOS
vs.
vs.
VCM at 3.3V
VCM at 5.0V
VOS
VOS
vs.
vs.
Supply Voltage
Temperature
VOS
Input Bias Current
vs.
vs.
VOUT
VCM at 25°C
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMV851 LMV852 LMV854


Similar Part No. - LMV854

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV854 NSC-LMV854 Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV854MT NSC-LMV854MT Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV854MT/NOPB TI1-LMV854MT/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
National Semiconductor ...
LMV854MTX NSC-LMV854MTX Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV854MTX/NOPB TI1-LMV854MTX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
More results

Similar Description - LMV854

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV851 TI-LMV851_15 Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 TI1-LMV851 Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
National Semiconductor ...
LMV851 NSC-LMV851 Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 NSC-LMV861 Datasheet
1Mb / 20P
   30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831_0810 NSC-LMV831_0810 Datasheet
1Mb / 20P
   3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831 NSC-LMV831 Datasheet
1Mb / 20P
   3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV861 TI-LMV861_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861 Datasheet
1Mb / 30P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861_13 Datasheet
789Kb / 26P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
STMicroelectronics
TSV711 STMICROELECTRONICS-TSV711 Datasheet
1Mb / 29P
   EMI hardened operational amplifiers
March 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com