Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV831 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMV831
Description  LMV831 Single/ LMV832 Dual/ LMV834 Quad 3.3 MHz Low Power CMOS, EMI Hardened
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV831 Datasheet(HTML) 3 Page - Texas Instruments

  LMV831_13 Datasheet HTML 1Page - Texas Instruments LMV831_13 Datasheet HTML 2Page - Texas Instruments LMV831_13 Datasheet HTML 3Page - Texas Instruments LMV831_13 Datasheet HTML 4Page - Texas Instruments LMV831_13 Datasheet HTML 5Page - Texas Instruments LMV831_13 Datasheet HTML 6Page - Texas Instruments LMV831_13 Datasheet HTML 7Page - Texas Instruments LMV831_13 Datasheet HTML 8Page - Texas Instruments LMV831_13 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LMV831, LMV832, LMV834
www.ti.com
SNOSAZ6A – AUGUST 2008 – REVISED OCTOBER 2008
3.3V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are guaranteed for at TA = 25°C, V
+ = 3.3V, V= 0V, V
CM = V
+/2, and R
L =10 kΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
IB
Input Bias Current(5)
0.1
10
pA
500
IOS
Input Offset Current
1
pA
CMRR
Common-Mode Rejection Ratio(4)
0.2V
≤ VCM ≤ V
+ - 1.2V
76
91
dB
75
PSRR
Power Supply Rejection Ratio(4)
2.7V
≤ V+ ≤ 5.5V,
76
93
dB
VOUT = 1V
75
EMIRR
EMI Rejection Ratio, IN+ and IN-(6)
VRF_PEAK=100 mVP (−20 dBP),
80
f = 400 MHz
VRF_PEAK=100 mVP (−20 dBP),
90
f = 900 MHz
dB
VRF_PEAK=100 mVP (−20 dBP),
110
f = 1800 MHz
VRF_PEAK=100 mVP (−20 dBP),
120
f = 2400 MHz
CMVR
Input Common-Mode Voltage Range
CMRR
≥ 65 dB
−0.1
2.1
V
AVOL
Large Signal Voltage Gain(7)
RL = 2 kΩ,
LMV831,
102
121
VOUT = 0.15V to 1.65V, LMV832
102
VOUT = 3.15V to 1.65V
LMV834
102
121
102
dB
RL = 10 kΩ,
LMV831,
104
126
VOUT = 0.1V to 1.65V,
LMV832
104
VOUT = 3.2V to 1.65V
LMV834
104
123
103
VOUT
Output Voltage Swing High
RL = 2 kΩ to V
+/2
LMV831,
29
36
LMV832
43
LMV834
31
38
44
RL = 10 kΩ to V
+/2
LMV831,
6
8
LMV832
9
mV from
either rail
LMV834
7
9
10
Output Voltage Swing Low
R = 2 k
Ω to V+/2
25
34
43
RL = 10 kΩ to V
+/2
5
8
10
IOUT
Output Short Circuit Current
Sourcing, VOUT = VCM,
LMV831,
27
28
VIN = 100 mV
LMV832
22
LMV834
24
28
mA
19
Sinking, VOUT = VCM,
27
32
VIN = −100 mV
21
IS
Supply Current
LMV831
0.24
0.27
0.30
LMV832
0.46
0.51
mA
0.58
LMV834
0.90
1.00
1.16
SR
Slew Rate(8)
AV = +1, VOUT = 1 VPP,
2
V/
μs
10% to 90%
(6)
The EMI Rejection Ratio is defined as EMIRR = 20log ( VRF_PEAK/ΔVOS).
(7)
The specified limits represent the lower of the measured values for each output range condition.
(8)
Number specified is the slower of positive and negative slew rates.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV831 LMV832 LMV834


Similar Part No. - LMV831_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV831 TI-LMV831_15 Datasheet
1Mb / 28P
[Old version datasheet]   LMV831 Single/ LMV832 Dual/ LMV834 Quad 3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831 TI1-LMV831_15 Datasheet
1Mb / 37P
[Old version datasheet]   Operational Amplifiers
More results

Similar Description - LMV831_13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV834MTX TI-LMV834MTX Datasheet
1Mb / 27P
[Old version datasheet]   LMV831 Single/ LMV832 Dual/ LMV834 Quad 3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831 TI-LMV831_15 Datasheet
1Mb / 28P
[Old version datasheet]   LMV831 Single/ LMV832 Dual/ LMV834 Quad 3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
National Semiconductor ...
LMV831_0810 NSC-LMV831_0810 Datasheet
1Mb / 20P
   3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831 NSC-LMV831 Datasheet
1Mb / 20P
   3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 NSC-LMV861 Datasheet
1Mb / 20P
   30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 NSC-LMV851 Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV861 TI-LMV861_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861 Datasheet
1Mb / 30P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861_13 Datasheet
789Kb / 26P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 TI-LMV851_15 Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com