Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP8601 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8601
Description  LMP8601/LMP8601Q 60V Common Mode, Bidirectional Precision Current Sensing Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8601 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMP8601 Datasheet HTML 2Page - Texas Instruments LMP8601 Datasheet HTML 3Page - Texas Instruments LMP8601 Datasheet HTML 4Page - Texas Instruments LMP8601 Datasheet HTML 5Page - Texas Instruments LMP8601 Datasheet HTML 6Page - Texas Instruments LMP8601 Datasheet HTML 7Page - Texas Instruments LMP8601 Datasheet HTML 8Page - Texas Instruments LMP8601 Datasheet HTML 9Page - Texas Instruments LMP8601 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
LMP8601, LMP8601Q
SNOSAR2D – SEPTEMBER 2008 – REVISED OCTOBER 2009
www.ti.com
5V Electrical Characteristics
(1)
Unless otherwise specified, all limits guaranteed for at TA = 25°C, VS = 5V, GND = 0V, −22V ≤ VCM ≤ 60V, and RL = ∞, Offset
(Pin 7) is grounded, 10nF between VS and GND. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
Overall Performance (From -IN (pin 1) and +IN (pin 8) to OUT (pin 5) with pins A1 (pin 3) and A2 (pin 4) connected)
IS
Supply Current
0.7
1.1
1.5
mA
AV
Total Gain (4)
19.9
20
20.1
V/V
Gain Drift
−40°C ≤ TA ≤ 125°C
−2.8
±20
ppm/°C
SR
Slew Rate (5)
VIN = ±0.25V
0.6
0.83
V/
μs
BW
Bandwidth
50
60
kHz
VOS
Input Offset Voltage
0.15
±1
mV
TCVOS
Input Offset Voltage Drift (6)
−40°C ≤ TA ≤ 125°C
2
±10
μV/°C
eN
Input Referred Voltage Noise
0.1 Hz
− 10 Hz, 6 Sigma
17.5
μVP-P
Spectral Density, 1 kHz
890
nV/
√Hz
PSRR
Power Supply Rejection Ratio
DC 4.5V
≤ VS ≤ 5.5V
70
90
dB
Mid
−scale Offset Scaling Accuracy
±0.15
±0.5
%
Input Referred
±0.625
mV
Preamplifier (From input pins -IN (pin 1) and +IN (pin 8) to A1 (pin 3))
RCM
Input Impedance Common Mode
0V
≤ VCM ≤ 60V
250
295
350
k
−20V ≤ VCM ≤ 0V
165
193
250
k
RDM
Input Impedance Differential Mode
0V
≤ VCM ≤ 60V
500
590
700
k
−20V ≤ VCM ≤ 0V
300
386
500
k
VOS
Input Offset Voltage
VCM = VS / 2
±0.15
±1
mV
DC CMRR DC Common Mode Rejection Ratio
−20V ≤ VCM ≤ 60V
90
105
dB
AC CMRR AC Common Mode Rejection Ratio (7)
f = 1 kHz
80
96
dB
f = 10 kHz
83
CMVR
Input Common Mode Voltage Range
for 80 dB CMRR
−22
60
V
A1V
Gain (4)
9.95
10
10.05
V/V
RF-INT
Output Impedance Filter Resistor
99
100
101
k
TCRF-INT
Output Impedance Filter Resistor Drift
±5
±50
ppm/°C
A1 VOUT
A1 Ouput Voltage Swing
VOL
RL = ∞
2
10
mV
VOH
4.95
4.985
V
Output Buffer (From A2 (pin 4) to OUT( pin 5 ))
VOS
Input Offset Voltage
0V
≤ VCM ≤ VS
−2
2
±0.5
mV
−2.5
2.5
A2V
Gain (4)
1.99
2
2.01
V/V
IB
Input Bias Current of A2 (8)
−40
fA
±20
nA
(1)
The electrical Characteristics tables list guaranteed specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not guaranteed.
(2)
Datasheet min/max specification limits are guaranteed by test.
(3)
Typical values represent the most likely parameter norms at TA = +25°C, and at the Recommended Operation Conditions at the time of
product characterization and are not guaranteed.
(4)
Both the gain of the preamplifier A1V and the gain of the buffer amplifier A2V are measured individually. The over all gain of both
amplifiers AV is also measured to assure the gain of all parts is always within the AV limits
(5)
Slew rate is the average of the rising and falling slew rates.
(6)
Offset voltage drift determined by dividing the change in VOS at temperature extremes into the total temperature change.
(7)
AC Common Mode Signal is a 5VPP sine-wave (0V to 5V) at the given frequency.
(8)
Positive current corresponds to current flowing into the device
6
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Links: LMP8601 LMP8601Q


Similar Part No. - LMP8601

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8601 NSC-LMP8601 Datasheet
533Kb / 22P
   60V Common Mode, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8601 TI1-LMP8601 Datasheet
1Mb / 42P
[Old version datasheet]   Current-Sensing Amplifiers
LMP8601-Q1 TI-LMP8601-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   LMP8601, LMP8601-Q1 60-V Common-Mode Bidirectional Precision Current-Sensing Amplifier
LMP8601-Q1 TI1-LMP8601-Q1 Datasheet
1Mb / 42P
[Old version datasheet]   Current-Sensing Amplifiers
LMP8601EDRQ1 TI1-LMP8601EDRQ1 Datasheet
1Mb / 33P
[Old version datasheet]   Common-Mode Bidirectional Precision Current-Sensing Amplifier
More results

Similar Description - LMP8601

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8601 TI-LMP8601_15 Datasheet
1Mb / 33P
[Old version datasheet]   LMP8601, LMP8601-Q1 60-V Common-Mode Bidirectional Precision Current-Sensing Amplifier
logo
National Semiconductor ...
LMP8601 NSC-LMP8601 Datasheet
533Kb / 22P
   60V Common Mode, Bidirectional Precision Current Sensing Amplifier
LMP8602 NSC-LMP8602 Datasheet
597Kb / 24P
   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8602MM TI-LMP8602MM Datasheet
1Mb / 33P
[Old version datasheet]   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
logo
National Semiconductor ...
LMP8602 NSC-LMP8602_10 Datasheet
604Kb / 24P
   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
LMP8602 TI-LMP8602_15 Datasheet
1Mb / 34P
[Old version datasheet]   60V Common Mode, Fixed Gain, Bidirectional Precision Current Sensing Amplifier
LMP8601 TI1-LMP8601_15 Datasheet
1Mb / 33P
[Old version datasheet]   Common-Mode Bidirectional Precision Current-Sensing Amplifier
LMP8601MAX-NOPB TI1-LMP8601MAX-NOPB Datasheet
1Mb / 29P
[Old version datasheet]   60-V Common-Mode Bidirectional Precision Current Sensing Amplifier
LMP8602 TI1-LMP8602 Datasheet
541Kb / 26P
[Old version datasheet]   60V Common Mode, Fixed Gain, Bidirectional Precision
LMP8278Q TI1-LMP8278Q Datasheet
392Kb / 17P
[Old version datasheet]   High Common Mode, 14 x Gain, Precision Current Sensing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com