Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP8100 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMP8100
Description  LMP8100 Programmable Gain Amplifierv
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8100 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMP8100_14 Datasheet HTML 7Page - Texas Instruments LMP8100_14 Datasheet HTML 8Page - Texas Instruments LMP8100_14 Datasheet HTML 9Page - Texas Instruments LMP8100_14 Datasheet HTML 10Page - Texas Instruments LMP8100_14 Datasheet HTML 11Page - Texas Instruments LMP8100_14 Datasheet HTML 12Page - Texas Instruments LMP8100_14 Datasheet HTML 13Page - Texas Instruments LMP8100_14 Datasheet HTML 14Page - Texas Instruments LMP8100_14 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
10
100
1k
10k
100k
1M
10M
0
20
40
60
80
100
120
FREQUENCY (Hz)
-PSRR
+PSRR
VS = ±2.5V
10
100
1k
10k
100k
1M
0
20
40
60
80
100
120
FREQUENCY (Hz)
-PSRR
+PSRR
VS = ±1.65V
-2.5 -2 -1.5 -1 -0.5 0
0.5
1
1.5
2
2.5
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
+IN OFFSET (VDC)
V
+
-V
-
= 5V
A = 1
-2
2
-0.15
-0.1
-0.05
0
0.05
0.1
0.15
+IN OFFSET (VDC)
V
+
-V
-
= 3.3V
A = 1
-1.6 -1.2 -0.8 -0.4 0
0.4 0.8 1.2 1.6
GAIN ERROR (%)
0
5
10
15
20
20
V
+
= +2.5V
V
-
= -2.5V
GAIN ERROR (%)
0
5
10
15
20
V
+
= +1.65V
V
-
= -1.65V
LMP8100
www.ti.com
SNOSAO1B – JULY 2007 – REVISED APRIL 2008
Typical Performance Characteristics (continued)
DC Gain Error A = 2
DC Gain Error A = 2
Small Signal Gain Error
Small Signal Gain Error
vs.
vs.
+IN DC Level
+IN DC Level
PSRR
PSRR
vs.
vs.
Frequency
Frequency
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMP8100


Similar Part No. - LMP8100_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8100A NSC-LMP8100A Datasheet
1Mb / 30P
   Programmable Gain Amplifier
LMP8100AMA NSC-LMP8100AMA Datasheet
1Mb / 30P
   Programmable Gain Amplifier
LMP8100AMA NSC-LMP8100AMA Datasheet
1Mb / 30P
   Programmable Gain Amplifier
LMP8100AMAX NSC-LMP8100AMAX Datasheet
1Mb / 30P
   Programmable Gain Amplifier
LMP8100AMAX NSC-LMP8100AMAX Datasheet
1Mb / 30P
   Programmable Gain Amplifier
More results

Similar Description - LMP8100_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
   Programmable Gain Amplifier
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
   Programmable Gain Amplifier
logo
Burr-Brown (TI)
PGA103 BURR-BROWN-PGA103 Datasheet
119Kb / 7P
   Programmable Gain AMPLIFIER
logo
Maxim Integrated Produc...
PGA100 MAXIM-PGA100 Datasheet
523Kb / 8P
   Programmable Gain Amplifier
logo
National Semiconductor ...
LMP8100 NSC-LMP8100_08 Datasheet
1Mb / 30P
   Programmable Gain Amplifier
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017_12 Datasheet
520Kb / 17P
   Programmable Gain Amplifier
logo
National Semiconductor ...
LMP8100 NSC-LMP8100 Datasheet
1Mb / 30P
   Programmable Gain Amplifier
logo
List of Unclassifed Man...
AD625KNZ ETC2-AD625KNZ Datasheet
115Kb / 11P
   MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MONOLITHIC SILICON
logo
Texas Instruments
INA145 TI1-INA145 Datasheet
330Kb / 15P
[Old version datasheet]   Programmable Gain DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com