Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP8100 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMP8100
Description  LMP8100 Programmable Gain Amplifierv
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8100 Datasheet(HTML) 1 Page - Texas Instruments

  LMP8100_14 Datasheet HTML 1Page - Texas Instruments LMP8100_14 Datasheet HTML 2Page - Texas Instruments LMP8100_14 Datasheet HTML 3Page - Texas Instruments LMP8100_14 Datasheet HTML 4Page - Texas Instruments LMP8100_14 Datasheet HTML 5Page - Texas Instruments LMP8100_14 Datasheet HTML 6Page - Texas Instruments LMP8100_14 Datasheet HTML 7Page - Texas Instruments LMP8100_14 Datasheet HTML 8Page - Texas Instruments LMP8100_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
LMP8100
www.ti.com
SNOSAO1B – JULY 2007 – REVISED APRIL 2008
LMP8100 Programmable Gain Amplifier
Check for Samples: LMP8100
1
FEATURES
Supply voltage range 2.7V to 5.5V
Supply current 5.3 mA
23
Typical Values, TA = 25°C
Rail-to-Rail output swing V+
−50 mV to V+50
Gain error (over temperature range)
mV
LMP8100A 0.03%
LMP8100 0.075%
APPLICATIONS
Gain range 1 to 16 V/V in 1 V/V steps
Industrial instrumentation
Programmable frequency compensation
Data acquisition systems
Input zero calibration switch
Test equipment
Input offset voltage (max, LMP8100A) 250
μV
Scaling amplifier
Input bias current 0.1 pA
Gain control
Input noise voltage 12 nV/
√Hz
Sensor interface
Unity gain bandwidth 33 MHz
Slew rate 12 V/
μs
Output current 20 mA
DESCRIPTION
The LMP8100 programmable gain amplifier features an adjustable gain from 1 to 16 V/V in 1 V/V increments. At
the core of the LMP8100 is a precision, 33 MHz, CMOS input, rail-to-rail input/output operational amplifier with a
typical open-loop gain of 110 dB. Amplifier closed-loop gain is set by an array of precision thin-film resistors.
Amplifier control modes are programmed via a serial port that allows devices to be cascaded so that an array of
LMP8100 amplifiers can be programmed by a single serial data stream. The control mode registers are double
buffered to insure glitch-free transitions between programmed settings. The LMP8100 is part of the LMP™
precision amplifier family and is ideal for a variety of applications.
The amplifier features several programmable controls including: gain; a power-conserving shutdown mode which
can reduce current consumption to only 20
μA; an input zeroing switch which allows the output offset voltage to
be measured to facilitate system calibration; and four levels of internal frequency compensation which can be set
to maximize bandwidth at the different gain settings.
The LMP8100 comes in a 14-Pin SOIC package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
LMP is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMP8100_14

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8100A NSC-LMP8100A Datasheet
1Mb / 30P
   Programmable Gain Amplifier
LMP8100AMA NSC-LMP8100AMA Datasheet
1Mb / 30P
   Programmable Gain Amplifier
LMP8100AMA NSC-LMP8100AMA Datasheet
1Mb / 30P
   Programmable Gain Amplifier
LMP8100AMAX NSC-LMP8100AMAX Datasheet
1Mb / 30P
   Programmable Gain Amplifier
LMP8100AMAX NSC-LMP8100AMAX Datasheet
1Mb / 30P
   Programmable Gain Amplifier
More results

Similar Description - LMP8100_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA103 TI1-PGA103_09 Datasheet
134Kb / 9P
[Old version datasheet]   Programmable Gain AMPLIFIER
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017 Datasheet
531Kb / 15P
   Programmable Gain Amplifier
logo
Skyworks Solutions Inc.
ARA2017 SKYWORKS-ARA2017 Datasheet
1Mb / 15P
   Programmable Gain Amplifier
logo
Burr-Brown (TI)
PGA103 BURR-BROWN-PGA103 Datasheet
119Kb / 7P
   Programmable Gain AMPLIFIER
logo
Maxim Integrated Produc...
PGA100 MAXIM-PGA100 Datasheet
523Kb / 8P
   Programmable Gain Amplifier
logo
National Semiconductor ...
LMP8100 NSC-LMP8100_08 Datasheet
1Mb / 30P
   Programmable Gain Amplifier
logo
ANADIGICS, Inc
ARA2017 ANADIGICS-ARA2017_12 Datasheet
520Kb / 17P
   Programmable Gain Amplifier
logo
National Semiconductor ...
LMP8100 NSC-LMP8100 Datasheet
1Mb / 30P
   Programmable Gain Amplifier
logo
List of Unclassifed Man...
AD625KNZ ETC2-AD625KNZ Datasheet
115Kb / 11P
   MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MONOLITHIC SILICON
logo
Texas Instruments
INA145 TI1-INA145 Datasheet
330Kb / 15P
[Old version datasheet]   Programmable Gain DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com