Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6552SDXNOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LMH6552SDXNOPB
Description  1.5 GHz Fully Differential Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6552SDXNOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMH6552SDXNOPB Datasheet HTML 1Page - Texas Instruments LMH6552SDXNOPB Datasheet HTML 2Page - Texas Instruments LMH6552SDXNOPB Datasheet HTML 3Page - Texas Instruments LMH6552SDXNOPB Datasheet HTML 4Page - Texas Instruments LMH6552SDXNOPB Datasheet HTML 5Page - Texas Instruments LMH6552SDXNOPB Datasheet HTML 6Page - Texas Instruments LMH6552SDXNOPB Datasheet HTML 7Page - Texas Instruments LMH6552SDXNOPB Datasheet HTML 8Page - Texas Instruments LMH6552SDXNOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
LMH6552
SNOSAX9G – APRIL 2007 – REVISED JULY 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
ESD Tolerance (2)
Human Body Model
2000V
Machine Model
200V
Supply Voltage
13.2V
Common Mode Input Voltage
±VS
Maximum Input Current (pins 1, 2, 7, 8)
30 mA
Maximum Output Current (pins 4, 5)
(3)
Maximum Junction Temperature
150°C
Soldering Information
For soldering specifications see SNOA549C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications, see the
Electrical Characteristics tables.
(2)
Human Body Model, applicable std. MIL-STD-883, Method 30157. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC). Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
(3)
The maximum output current (IOUT) is determined by device power dissipation limitations. See POWER DISSIPATION of Application
Information for more details.
Operating Ratings
(1)
Operating Temperature Range (2)
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Total Supply Voltage
4.5V to 12V
Package Thermal Resistance (
θJA)
8-Pin SOIC
150°C/W
8-Pin WSON
58°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications, see the
Electrical Characteristics tables.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX)– TA) / θJA. All numbers apply for packages soldered directly onto a PC Board.
2
Submit Documentation Feedback
Copyright © 2007–2011, Texas Instruments Incorporated
Product Folder Links: LMH6552


Similar Part No. - LMH6552SDXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6552SD TI1-LMH6552SD Datasheet
1Mb / 38P
[Old version datasheet]   1.5-GHz Fully Differential Amplifier
LMH6552SD/NOPB TI1-LMH6552SD/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   1.5-GHz Fully Differential Amplifier
More results

Similar Description - LMH6552SDXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6552 TI1-LMH6552 Datasheet
1Mb / 38P
[Old version datasheet]   1.5-GHz Fully Differential Amplifier
LMH6554 TI1-LMH6554 Datasheet
1Mb / 29P
[Old version datasheet]   2.8-GHz Ultra Linear Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554 Datasheet
989Kb / 16P
   2.8 GHz Ultra Linear Fully Differential Amplifier
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
logo
Texas Instruments
THS4521 TI1-THS4521 Datasheet
2Mb / 65P
[Old version datasheet]   Fully Differential Amplifier
THS4541 TI1-THS4541 Datasheet
2Mb / 62P
[Old version datasheet]   Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554_14 Datasheet
1Mb / 24P
   LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
logo
Texas Instruments
LMH6554 TI-LMH6554_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6554 2.8-GHz Ultra Linear Fully Differential Amplifier
LMH6554 TI-LMH6554 Datasheet
1Mb / 24P
[Old version datasheet]   LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com