Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC12311NUP0F Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC12311NUP0F
Description  DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC12311NUP0F Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PC12311NUP0F Datasheet HTML 2Page - Sharp Corporation PC12311NUP0F Datasheet HTML 3Page - Sharp Corporation PC12311NUP0F Datasheet HTML 4Page - Sharp Corporation PC12311NUP0F Datasheet HTML 5Page - Sharp Corporation PC12311NUP0F Datasheet HTML 6Page - Sharp Corporation PC12311NUP0F Datasheet HTML 7Page - Sharp Corporation PC12311NUP0F Datasheet HTML 8Page - Sharp Corporation PC12311NUP0F Datasheet HTML 9Page - Sharp Corporation PC12311NUP0F Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Sheet No.: D2-A02903
FEN
Model Line-up
6
Please contact a local SHARP sales representative to inquire about production status.
IC [mA]
(IF
=0.5mA, VCE=5V, Ta=25˚C)
Rank mark
Lead Form
Package
DIN EN60747-5-2
Model No.
Sleeve
100pcs/sleeve
Approved
Wide Trough-Hole
Trough-Hole
0.25 to 2.0
0.5 to 1.25
PC12310NSZ0F
PC12311NSZ0F
PC12310YSZ0F
PC12311YSZ0F
Approved
PC12310NFZ0F
PC12311NFZ0F
PC12310YFZ0F
PC12311YFZ0F
with or without
A
IC [mA]
(IF
=0.5mA, VCE=5V, Ta=25˚C)
Rank mark
Lead Form
Package
DIN EN60747-5-2
Model No.
Taping
2 000pcs/reel
Wide SMT Gullwing
SMT Gullwing
0.25 to 2.0
0.5 to 1.25
Approved
PC12310NIP0F
PC12311NIP0F
PC12310YIP0F
PC12311YIP0F
Approved
PC12310NUP0F
PC12311NUP0F
with or without
A
PC12310YUP0F
PC12311YUP0F
PC1231xNSZ0F Series


Similar Part No. - PC12311NUP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC12311YFZ0X SHARP-PC12311YFZ0X Datasheet
585Kb / 17P
   PC1231xxFZ0X Series Photocoupler
More results

Similar Description - PC12311NUP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC123B SHARP-PC123B Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123P2 SHARP-PC123P2 Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123Y22J00F SHARP-PC123Y22J00F Datasheet
294Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123F1J000F SHARP-PC123F1J000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY2J00F SHARP-PC123FY2J00F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123XNNSZ0F SHARP-PC123XNNSZ0F Datasheet
287Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY8J00F SHARP-PC123FY8J00F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC81713NSZ0F SHARP-PC81713NSZ0F Datasheet
230Kb / 14P
   DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81710NSZ0F SHARP-PC81710NSZ0F Datasheet
230Kb / 14P
   DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com