Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA199B3 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA199B3
Description  Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA199B3 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA199B3 Datasheet HTML 6Page - Texas Instruments INA199B3 Datasheet HTML 7Page - Texas Instruments INA199B3 Datasheet HTML 8Page - Texas Instruments INA199B3 Datasheet HTML 9Page - Texas Instruments INA199B3 Datasheet HTML 10Page - Texas Instruments INA199B3 Datasheet HTML 11Page - Texas Instruments INA199B3 Datasheet HTML 12Page - Texas Instruments INA199B3 Datasheet HTML 13Page - Texas Instruments INA199B3 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
R
SHUNT
V
REF
V
OUT
V+
V
CM
R
< 10W
S
R
INT
R
< 10
S
W
R
INT
Load
C
F
Bias
INA199A1, INA199B1
INA199A2, INA199B2
INA199A3, INA199B3
SBOS469D – MAY 2009 – REVISED NOVEMBER 2012
www.ti.com
UNIDIRECTIONAL OPERATION
Unidirectional operation allows the INA199 to measure currents through a resistive shunt in one direction. The
most frequent case of unidirectional operation sets the output at ground by connecting the REF pin to ground. In
unidirectional applications where the highest possible accuracy is desirable at very low inputs, bias the REF pin
to a convenient value above 50mV to get the device output swing into the linear range for zero inputs.
A less frequent case of unipolar output biasing is to bias the output by connecting the REF pin to the supply; in
this case, the quiescent output for zero input is at quiescent supply. This configuration would only respond to
negative currents (inverted voltage polarity at the device input).
BIDIRECTIONAL OPERATION
Bidirectional operation allows the INA199 to measure currents through a resistive shunt in two directions. In this
case, the output can be set anywhere within the limits of what the reference inputs allow (that is, between 0V to
V+). Typically, it is set at half-scale for equal range in both directions. In some cases, however, it is set at a
voltage other than half-scale when the bidirectional current is nonsymmetrical.
The quiescent output voltage is set by applying voltage to the reference input. Under zero differential input
conditions the output assumes the same voltage that is applied to the reference input.
INPUT FILTERING
An obvious and straightforward filtering location is at the device output. However, this location negates the
advantage of the low output impedance of the internal buffer. The only other filtering option is at the device input
pins. This location, though, does require consideration of the ±30% tolerance of the internal resistances.
Figure 21 shows a filter placed at the inputs pins.
Figure 21. Filter at Input Pins
The addition of external series resistance, however, creates an additional error in the measurement so the value
of these series resistors should be kept to 10
Ω or less if possible to reduce impact to accuracy. The internal bias
network shown in Figure 21 present at the input pins creates a mismatch in input bias currents when a
differential voltage is applied between the input pins. If additional external series filter resistors are added to the
circuit, the mismatch in bias currents results in a mismatch of voltage drops across the filter resistors. This
mismatch creates a differential error voltage that subtracts from the voltage developed at the shunt resistor. This
error results in a voltage at the device input pins that is different than the voltage developed across the shunt
resistor. Without the additional series resistance, the mismatch in input bias currents has little effect on device
operation. The amount of error these external filter resistor add to the measurement can be calculated using
Equation 2 where the gain error factor is calculated using Equation 1.
10
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated
Product Folder Links: INA199A1 INA199B1 INA199A2 INA199B2 INA199A3 INA199B3


Similar Part No. - INA199B3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199B3 TI1-INA199B3 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199B3 TI-INA199B3 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199B3DCKR TI-INA199B3DCKR Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199B3DCKR TI1-INA199B3DCKR Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
INA199B3DCKT TI-INA199B3DCKT Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
More results

Similar Description - INA199B3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199B1RSWT TI-INA199B1RSWT Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA213BIDCKR TI1-INA213BIDCKR Datasheet
1Mb / 29P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA199A1 TI-INA199A1 Datasheet
797Kb / 22P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA214AIRSWR TI1-INA214AIRSWR Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA214 TI-INA214 Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT-SHUNT MONITOR
INA210 TI-INA210 Datasheet
581Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199B2DCKR TI1-INA199B2DCKR Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA212-Q1 TI1-INA212-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT
INA191 TI1-INA191 Datasheet
461Kb / 22P
[Old version datasheet]   Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com