Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC817XF5J00F Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC817XF5J00F
Description  DIP 4pin General Purpose Photocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC817XF5J00F Datasheet(HTML) 1 Page - Sharp Corporation

  PC817XF5J00F Datasheet HTML 1Page - Sharp Corporation PC817XF5J00F Datasheet HTML 2Page - Sharp Corporation PC817XF5J00F Datasheet HTML 3Page - Sharp Corporation PC817XF5J00F Datasheet HTML 4Page - Sharp Corporation PC817XF5J00F Datasheet HTML 5Page - Sharp Corporation PC817XF5J00F Datasheet HTML 6Page - Sharp Corporation PC817XF5J00F Datasheet HTML 7Page - Sharp Corporation PC817XF5J00F Datasheet HTML 8Page - Sharp Corporation PC817XF5J00F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
PC817XJ0000F
Series
1. Recognized by UL1577 (Double protection isolation),
file No. E64380 (as model No. PC817)
2. Package resin : UL flammability grade
(94V-0)
■ Features
■ Agency approvals/Compliance
1. I/O isolation for MCUs (Micro Controller Units)
2. Noise suppression in switching circuits
3. Signal transmission between circuits of different po-
tentials and impedances
■ Applications
DIP 4pin General Purpose
Photocoupler
1. 4pin DIP package
2. Double transfer mold package (Ideal for Flow Solder-
ing)
3. High collector-emitter voltage (VCEO:80V)
4. Current transfer ratio (CTR : MIN. 50% at IF=5 mA,
VCE=5V)
5. Several CTR ranks available
6. High isolation voltage between input and output
(Viso(rms) : 5.0 kV)
7. Lead-free and RoHS directive compliant
4-channel package type is also available.
(model No. PC847XJ0000F Series)
■ Description
PC817XJ0000F Series contains an IRED optically
coupled to a phototransistor.
It is packaged in a 4pin DIP, available in wide-lead
spacing option and SMT gullwing lead-form option.
Input-output isolation voltage(rms) is 5.0kV.
Collector-emitter voltage is 80V and CTR is 50% to
600% at input current of 5mA.
1
Sheet No.: D2-A03102EN
Date Jun. 30. 2005
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
PC817XJ0000F Series


Similar Part No. - PC817XF5J00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817XF SHARP-PC817XF Datasheet
267Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817XF SHARP-PC817XF Datasheet
286Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817XFP SHARP-PC817XFP Datasheet
267Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817XFP SHARP-PC817XFP Datasheet
286Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
More results

Similar Description - PC817XF5J00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817XI1J00F SHARP-PC817XI1J00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817X0J000F SHARP-PC817X0J000F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817XI3J00F SHARP-PC817XI3J00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817X1 SHARP-PC817X1 Datasheet
267Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817X4J000F SHARP-PC817X4J000F Datasheet
286Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817XXNSZ1B SHARP-PC817XXNSZ1B Datasheet
1Mb / 14P
   DIP 4pin Photocoupler
DATE Jan.15.2018
PC814XP SHARP-PC814XP Datasheet
235Kb / 14P
   DIP 4pin AC Input Photocoupler
PC814X1J000F SHARP-PC814X1J000F Datasheet
272Kb / 14P
   DIP 4pin AC Input Photocoupler
PC123B SHARP-PC123B Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com