Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC12310YFZ0F Datasheet(PDF) 7 Page - Sharp Corporation

Part # PC12310YFZ0F
Description  DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC12310YFZ0F Datasheet(HTML) 7 Page - Sharp Corporation

Back Button PC12310YFZ0F Datasheet HTML 3Page - Sharp Corporation PC12310YFZ0F Datasheet HTML 4Page - Sharp Corporation PC12310YFZ0F Datasheet HTML 5Page - Sharp Corporation PC12310YFZ0F Datasheet HTML 6Page - Sharp Corporation PC12310YFZ0F Datasheet HTML 7Page - Sharp Corporation PC12310YFZ0F Datasheet HTML 8Page - Sharp Corporation PC12310YFZ0F Datasheet HTML 9Page - Sharp Corporation PC12310YFZ0F Datasheet HTML 10Page - Sharp Corporation PC12310YFZ0F Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Sheet No.: D2-A02903
FEN
Ambient temperature Ta (˚C)
0
250
200
150
170
100
50
−30
0
25
50
75
100
125
Fig.5 Total Power Dissipation vs. Ambient
Temperature
Ambient temperature Ta (˚C)
0
15
10
5
−30
0
25
50
75
100
125
Fig.2 Forward Current vs. Ambient
Temperature
Ambient temperature Ta (˚C)
0
15
10
5
−30
0
25
50
75
100
125
Fig.3 Diode Power Dissipation vs. Ambient
Temperature
Ambient temperature Ta (˚C)
0
250
200
150
100
50
−30
0
25
50
75
100
125
Fig.4 Collector Power Dissipation vs.
Ambient Temperature
7
Fig.1 Test Circuit for Common Mode Rejection Voltage
VCM
Vcp
Vnp
VO
(dV/dt)
1)
RL
Vnp
VCC
VCM
VCM : High wave
pulse
RL=470Ω
VCC=9V
1) Vcp : Voltage which is generated by displacement current in floating
capacitance between primary and secondary side.
(Vcp Nearly = dV/dt×Cf×RL)
PC1231xNSZ0F Series


Similar Part No. - PC12310YFZ0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC12310YFZ0X SHARP-PC12310YFZ0X Datasheet
585Kb / 17P
   PC1231xxFZ0X Series Photocoupler
More results

Similar Description - PC12310YFZ0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC123B SHARP-PC123B Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123P2 SHARP-PC123P2 Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123Y22J00F SHARP-PC123Y22J00F Datasheet
294Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123F1J000F SHARP-PC123F1J000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY2J00F SHARP-PC123FY2J00F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123XNNSZ0F SHARP-PC123XNNSZ0F Datasheet
287Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY8J00F SHARP-PC123FY8J00F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC81713NSZ0F SHARP-PC81713NSZ0F Datasheet
230Kb / 14P
   DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81710NSZ0F SHARP-PC81710NSZ0F Datasheet
230Kb / 14P
   DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com