Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC12311NFZ0F Datasheet(PDF) 2 Page - Sharp Electrionic Components

Part No. PC12311NFZ0F
Description  DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

PC12311NFZ0F Datasheet(HTML) 2 Page - Sharp Electrionic Components

  PC12311NFZ0F Datasheet HTML 1Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 2Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 3Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 4Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 5Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 6Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 7Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 8Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 9Page - Sharp Electrionic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
■ Internal Connection Diagram
Anode
Cathode
Emitter
Collector
1
1
2
3
4
2
4
3
2
Sheet No.: D2-A02903
FEN
■ Outline Dimensions
PC1231xNSZ0F Series
(Unit : mm)
1. Through-Hole [ex. PC1231xNSZ0F]
2. Through-Hole (VDE option) [ex. PC1231xYSZ0F]
3. Wide Through-Hole Lead-Form [ex. PC1231xNFZ0F]
4. Wide Through-Hole Lead-Form (VDE option)
[ex. PC1231xYFZ0F]
1231
6.5
±0.3
7.62
±0.3
4.58
±0.3
Anode mark
0.5
±0.1
θ
θ
θ : 0 to 13˚
Epoxy resin
1
2
4
3
Rank mark
Factory identification mark
Date code
0.26
±0.1
1231
6.5
±0.3
7.62
±0.3
4.58
±0.3
Anode mark
0.5
±0.1
θ
θ
θ : 0 to 13˚
Epoxy resin
1
2
4
3
Rank mark
Factory identification mark
Date code
4
SHARP mark "S"
VDE
Indenfication mark
0.26
±0.1
6.5
±0.3
7.62
±0.3
Epoxy resin
4.58
±0.3
0.26
±0.1
10.16
±0.5
Anode mark
1
2
3
4
0.5
±0.1
Rank mark
Factory identification mark
Date code
1231
6.5
±0.3
7.62
±0.3
Epoxy resin
4.58
±0.3
0.26
±0.1
10.16
±0.5
Anode mark
1
2
3
4
0.5
±0.1
Rank mark
Factory identification mark
SHARP mark "S"
Date code
VDE
Indenfication mark
4
1231
Product mass : approx. 0.23g
Product mass : approx. 0.23g
Product mass : approx. 0.23g
Product mass : approx. 0.23g


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn