Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC12311NFZ0F Datasheet(PDF) 13 Page - Sharp Electrionic Components

Part No. PC12311NFZ0F
Description  DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

PC12311NFZ0F Datasheet(HTML) 13 Page - Sharp Electrionic Components

Back Button PC12311NFZ0F Datasheet HTML 8Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 9Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 10Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 11Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 12Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 13Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 14Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 15Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 16Page - Sharp Electrionic Components  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Sheet No.: D2-A02903
FEN
● Sleeve package
1. Through-Hole
Package materials
Sleeve : HIPS (with anti-static material)
Stopper : Styrene-Elastomer
Package method
MAX. 100pcs of products shall be packaged in a sleeve. Both ends shall be closed by tabbed and tabless stoppers.
The product shall be arranged in the sleeve with its anode mark on the tabless stopper side.
MAX. 20 sleeves in one case.
Sleeve outline dimensions
■ Package specification
13
(Unit : mm)
12.0
6.7
520
±2
(Unit : mm)
2. Wide Through-Hole
Package materials
Sleeve : HIPS (with anti-static material)
Stopper : Styrene-Elastomer
Package method
MAX. 100pcs of products shall be packaged in a sleeve. Both ends shall be closed by tabbed and tabless stoppers.
The product shall be arranged in the sleeve with its anode mark on the tabless stopper side.
MAX. 20 sleeves in one case.
Sleeve outline dimensions
520
±2
PC1231xNSZ0F Series
15.0
6.35


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn