Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC12311NFZ0F Datasheet(PDF) 11 Page - Sharp Electrionic Components

Part No. PC12311NFZ0F
Description  DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

PC12311NFZ0F Datasheet(HTML) 11 Page - Sharp Electrionic Components

Back Button PC12311NFZ0F Datasheet HTML 7Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 8Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 9Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 10Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 11Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 12Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 13Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 14Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 15Page - Sharp Electrionic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Sheet No.: D2-A02903
FEN
■ Manufacturing Guidelines
Reflow Soldering:
Reflow soldering should follow the temperature profile shown below.
Soldering should not exceed the curve of temperature profile and time.
Please don't solder more than twice.
● Soldering Method
Flow Soldering :
Due to SHARP's double transfer mold construction submersion in flow solder bath is allowed under the below
listed guidelines.
Flow soldering should be completed below 270˚C and within 10s.
Preheating is within the bounds of 100 to 150˚C and 30 to 80s.
Please don't solder more than twice.
Hand soldering
Hand soldering should be completed within 3s when the point of solder iron is below 400˚C.
Please don't solder more than twice.
Other notices
Please test the soldering method in actual condition and make sure the soldering works fine, since the impact
on the junction between the device and PCB varies depending on the tooling and soldering conditions.
11
12
3
4
300
200
100
0
0
(˚C)
Terminal : 260˚C peak
( package surface : 250˚C peak)
Preheat
150 to 180˚C, 120s or less
Reflow
220˚C or more, 60s or less
(min)
PC1231xNSZ0F Series


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn