Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC12311NFZ0F Datasheet(PDF) 10 Page - Sharp Electrionic Components

Part No. PC12311NFZ0F
Description  DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

PC12311NFZ0F Datasheet(HTML) 10 Page - Sharp Electrionic Components

Back Button PC12311NFZ0F Datasheet HTML 6Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 7Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 8Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 9Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 10Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 11Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 12Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 13Page - Sharp Electrionic Components PC12311NFZ0F Datasheet HTML 14Page - Sharp Electrionic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Sheet No.: D2-A02903
FEN
■ Design Considerations
While operating at IF<0.5mA, CTR variation may increase.
Please make design considering this fact.
In case that some sudden big noise caused by voltage variation is provided between primary and secondary
terminals of photocoupler some current caused by it is floating capacitance may be generated and result in
false operation since current may go through IRED or current may change.
If the photocoupler may be used under the circumstances where noise will be generated we recommend to
use the bypass capacitors at the both ends of IRED.
This product is not designed against irradiation and incorporates non-coherent IRED.
● Degradation
In general, the emission of the IRED used in photocouplers will degrade over time.
In the case of long term operation, please take the general IRED degradation (50% degradation over 5
years) into the design consideration.
● Recommended Foot Print (reference)
✩ For additional design assistance, please review our corresponding Optoelectronic Application Notes.
10
8.2
2.2
(Unit : mm)
● Design guide
PC1231xNSZ0F Series
10.2
2.2
SMT Gullwing lead-form
Wide SMT Gullwing lead-form


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn