Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC12311NFZ0F Datasheet(PDF) 9 Page - Sharp Corporation

Part # PC12311NFZ0F
Description  DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC12311NFZ0F Datasheet(HTML) 9 Page - Sharp Corporation

Back Button PC12311NFZ0F Datasheet HTML 5Page - Sharp Corporation PC12311NFZ0F Datasheet HTML 6Page - Sharp Corporation PC12311NFZ0F Datasheet HTML 7Page - Sharp Corporation PC12311NFZ0F Datasheet HTML 8Page - Sharp Corporation PC12311NFZ0F Datasheet HTML 9Page - Sharp Corporation PC12311NFZ0F Datasheet HTML 10Page - Sharp Corporation PC12311NFZ0F Datasheet HTML 11Page - Sharp Corporation PC12311NFZ0F Datasheet HTML 12Page - Sharp Corporation PC12311NFZ0F Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Sheet No.: D2-A02903
FEN
9
Ambient temperature Ta (˚C)
−30
100
90
80
70
60
50
40
30
20
10
0
−10
−20
VCE=50V
10
11
10
5
10
6
10
7
10
8
10
9
10
10
Fig.12 Collector Dark Current vs. Ambient
Temperature
Fig.13 Response Time vs. Load Resistance
Remarks : Please be aware that all data in the graph are just for reference and not for guarantee.
PC1231xNSZ0F Series
10%
Input
Output
Input
Output
90%
ts
td
VCC
RD
RL
tf
tr
Please refer to the conditions in Fig.13.
VCE
Fig.14 Test Circuit for Response Time
−25
5
0.1
1
10
100
1 000
Frequency f (kHz)
VCE=2V
IC=2mA
Ta=25˚C
0
−5
−10
−15
−20
RL=10kΩ
1k
100
Fig.15 Frequency Response
Forward current IF (mA)
0
5
02468
10
Ta=25˚C
4
3
2
1
IC=7mA
IC=5mA
IC=3mA
IC=2mA
IC=1mA
IC=0.5mA
Fig.16 Collector-emitter Saturation Voltage
vs. Forward Current
Load resistance RL (k
Ω)
0.1
1
10
100
VCE=2V, IC=2mA
1
tf
ts
tr
td
10


Similar Part No. - PC12311NFZ0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC12311YFZ0X SHARP-PC12311YFZ0X Datasheet
585Kb / 17P
   PC1231xxFZ0X Series Photocoupler
More results

Similar Description - PC12311NFZ0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC123B SHARP-PC123B Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123P2 SHARP-PC123P2 Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123Y22J00F SHARP-PC123Y22J00F Datasheet
294Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123F1J000F SHARP-PC123F1J000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY2J00F SHARP-PC123FY2J00F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123XNNSZ0F SHARP-PC123XNNSZ0F Datasheet
287Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY8J00F SHARP-PC123FY8J00F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC81713NSZ0F SHARP-PC81713NSZ0F Datasheet
230Kb / 14P
   DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81710NSZ0F SHARP-PC81710NSZ0F Datasheet
230Kb / 14P
   DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com