Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

254273 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 254273
Description  Messerl. SMC-B 12-SMD-BA7-03
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

254273 Datasheet(HTML) 1 Page - ERNI Electronics

  254273 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Abspulrichtung -
Reel off Direction
Koplanarität der Anschlüsse 0,1 mm
Coplanarity Area of Termination
Anforderungsstufe 1
Performance Level 1
Kontaktbereich vergoldet
Mating Area gold plating
Anschlussbereich verzinnt 4-6 µm
Terminal Area 4-6 µm tin plating
0,1 mm
330
Tape on Reel Packaging
Verpackungseinheit: 560 Stück
Verpackt in Gurtverpackung
Packaging unit: 560 pcs
prior notice.
contact one of the ERNI companies
Date
23.09.2013
b
Index
SMCB
Male SMC-B 12-SMD-type7-03
Messerl. SMC-B 12-SMD-BA7-03
254273
3:1
Information:
Tolerances
Scale
All Dimensions
in mm
Class
I
Subject to modification without
A3
Designation
www.ERNI.com
before using.
Drawing will not be updated.
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
BA7-03 - Standard Bauhöhe für Verriegelung
type7-03 - Standard Assembly Height for locking mechanism
12,7
9,57
8,57
10,77 ±0,03
b1
b6
10,37
1,27
5 x 1,27 = 6,35
1
4,2
0,75 -0,05
Leiterplatten-Layout Vorschlag für SMT
PCB-Layout Proposal for SMT
-0,03
1,2
1,6
±0,03
6,35
5 x 1,27 =
±0,03
10,77
1,27
2,21
0,3
0,8
b1
16


Similar Part No. - 254273

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
25427 ALPHAWIRE-25427 Datasheet
92Kb / 4P
   Customer Specification
1/9/2023
logo
SUYIN USA, INC.
254271FR SUYIN-USA-254271FR Datasheet
242Kb / 1P
   2.54mm PITCH RIGHT ANGLE TYPE
More results

Similar Description - 254273

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
100200160003 ERNI-100200160003 Datasheet
59Kb / 1P
   Messerl. SMC-B 12-SMD-BA7-03
101800100001 ERNI-101800100001 Datasheet
59Kb / 1P
   Messerl. SMC-B 12-SMD-BA7-03
100402780004 ERNI-100402780004 Datasheet
61Kb / 1P
   Messerl.. SMC-B 12-SMD-BA7-03
100103210101 ERNI-100103210101 Datasheet
61Kb / 1P
   Messerl. SMC-B 12-SMD-BA7-03
100101880004 ERNI-100101880004 Datasheet
66Kb / 1P
   Messerl. SMC-B 12-SMD-BA7-03
100403210103 ERNI-100403210103 Datasheet
61Kb / 1P
   Messerl. SMC-B 12-SMD-BA7-03
100402940001 ERNI-100402940001 Datasheet
59Kb / 1P
   Messerl. SMC-B 12-SMD-BA7-03
100201030001 ERNI-100201030001 Datasheet
59Kb / 1P
   Messerl. SMC-B 12-SMD-BA7-03
154763 ERNI-154763 Datasheet
61Kb / 1P
   Messerl. SMC-B 12-SMD-BA7-03
101603210089 ERNI-101603210089 Datasheet
61Kb / 1P
   Messerl. SMC-B 12-SMD-BA7-03
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com