Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8824 Datasheet(PDF) 1 Page - Texas Instruments

Part # DRV8824
Description  DRV8824 Stepper Motor Controller IC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8824 Datasheet(HTML) 1 Page - Texas Instruments

  DRV8824_14 Datasheet HTML 1Page - Texas Instruments DRV8824_14 Datasheet HTML 2Page - Texas Instruments DRV8824_14 Datasheet HTML 3Page - Texas Instruments DRV8824_14 Datasheet HTML 4Page - Texas Instruments DRV8824_14 Datasheet HTML 5Page - Texas Instruments DRV8824_14 Datasheet HTML 6Page - Texas Instruments DRV8824_14 Datasheet HTML 7Page - Texas Instruments DRV8824_14 Datasheet HTML 8Page - Texas Instruments DRV8824_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Electrical Angle
Increasing
Current
Decreasing
Current
Increasing
Current
Decreasing
Current
STEP
Step Size
Decay Mode
8.2 to 45 V
M
+
±
DRV8824
1/32 µstep
Stepper Motor
Driver
1.6 A
1.6 A
DIR
nFAULT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DRV8824
SLVSA06I – OCTOBER 2009 – REVISED JUNE 2014
DRV8824 Stepper Motor Controller IC
1 Features
3 Description
The DRV8824 provides an integrated motor driver
1
PWM Microstepping Stepper Motor Driver
solution for printers, scanners, and other automated
Built-In Microstepping Indexer
equipment applications. The device has two H-bridge
Up to 1/32 Microstepping
drivers and a microstepping indexer, and is intended
to drive a bipolar stepper motor. The output driver
Multiple Decay Modes:
block
consists
of
N-channel
power
MOSFETs
Mixed Decay
configured as full H-bridges to drive the motor
Slow Decay
windings. The DRV8824 is capable of driving up to
1.6 A of current from each output (with proper
Fast Decay
heatsinking, at 24 V and 25°C).
8.2-V to 45-V Operating Supply Voltage Range
A simple STEP/DIR interface allows easy interfacing
1.6-A Maximum Drive Current at 24 V and
to controller circuits. Mode pins allow for configuration
TA = 25°C
of the motor in full-step up to 1/32-step modes. Decay
Simple STEP/DIR Interface
mode is configurable so that slow decay, fast decay,
Low-Current Sleep Mode
or mixed decay can be used. A low-power sleep
mode is provided which shuts down internal circuitry
Built-In 3.3-V Reference Output
to achieve very-low quiescent current draw. This
Small Package and Footprint
sleep mode can be set using a dedicated nSLEEP
Protection Features:
pin.
Overcurrent Protection (OCP)
Internal
shutdown
functions
are
provided
for
Thermal Shutdown (TSD)
overcurrent, short circuit, undervoltage lockout, and
over temperature. Fault conditions are indicated
VM Undervoltage Lockout (UVLO)
through the nFAULT pin.
Fault Condition Indication Pin (nFAULT)
Device Information(1)
2 Applications
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Automatic Teller Machines
HTSSOP (28)
9.70 mm × 6.40 mm
DRV8824
Money Handling Machines
QFN (28)
5.00 mm × 5.00 mm
Video Security Cameras
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Printers
Scanners
Office Automation Machines
Gaming Machines
Factory Automation
Robotics
4 Simplified Schematic
Microstepping Current Waveform
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DRV8824_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8824 TI-DRV8824_15 Datasheet
1Mb / 35P
[Old version datasheet]   DRV8824 Stepper Motor Controller IC
DRV8824 TI1-DRV8824_16 Datasheet
1Mb / 35P
[Old version datasheet]   Stepper Motor Controller IC
More results

Similar Description - DRV8824_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8824 TI-DRV8824_15 Datasheet
1Mb / 35P
[Old version datasheet]   DRV8824 Stepper Motor Controller IC
DRV8824-Q1 TI-DRV8824-Q1_15 Datasheet
1Mb / 30P
[Old version datasheet]   DRV8824-Q1 Automotive Motor Controller IC
DRV8825 TI-DRV8825 Datasheet
634Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824 Datasheet
742Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8825 TI1-DRV8825_16 Datasheet
1Mb / 32P
[Old version datasheet]   Stepper Motor Controller IC
DRV8811 TI-DRV8811_11 Datasheet
1,023Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824_16 Datasheet
1Mb / 35P
[Old version datasheet]   Stepper Motor Controller IC
DRV8818 TI-DRV8818 Datasheet
748Kb / 20P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8711 TI-DRV8711 Datasheet
1Mb / 36P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8818 TI1-DRV8818_16 Datasheet
1Mb / 31P
[Old version datasheet]   Stepper Motor Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com