Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2540F256 Datasheet(PDF) 6 Page - Texas Instruments

Part # CC2540F256
Description  2.4-GHz Bluetooth low energy System-on-Chip
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2540F256 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CC2540F256 Datasheet HTML 2Page - Texas Instruments CC2540F256 Datasheet HTML 3Page - Texas Instruments CC2540F256 Datasheet HTML 4Page - Texas Instruments CC2540F256 Datasheet HTML 5Page - Texas Instruments CC2540F256 Datasheet HTML 6Page - Texas Instruments CC2540F256 Datasheet HTML 7Page - Texas Instruments CC2540F256 Datasheet HTML 8Page - Texas Instruments CC2540F256 Datasheet HTML 9Page - Texas Instruments CC2540F256 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
CC2540F128, CC2540F256
SWRS084F – OCTOBER 2010 – REVISED JUNE 2013
www.ti.com
RF TRANSMIT SECTION
Measured on Texas Instruments CC2540 EM reference design with TA = 25°C, VDD = 3 V and fc = 2440 MHz
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Delivered to a single-ended 50-
Ω load through a balun using
4
maximum recommended output power setting
Output power
dBm
Delivered to a single-ended 50-
Ω load through a balun using minimum
–23
recommended output power setting
Programmable output power
Delivered to a single-ended 50
Ω load through a balun
27
dB
range
Conducted measurement with a 50-
Ω single-ended load. Complies
Spurious emissions
with EN 300 328, EN 300 440 class 2, FCC CFR47, Part 15 and ARIB
–41
dBm
STD-T-66(1)
TX mode, –23-dBm output power, no peripherals active, low MCU
21.1
activity, MCU at 250 kHz
TX mode, –6-dBm output power, no peripherals active, low MCU
23.8
activity, MCU at 250 kHz
Current consumption
mA
TX mode, 0-dBm output power, no peripherals active, low MCU
27
activity, MCU at 250 kHz
TX mode, 4-dBm output power, no peripherals active, low MCU
31.6
activity, MCU at 250 kHz
Differential impedance as seen from the RF port (RF_P and RF_N)
Optimum load impedance
70 + j30
Ω
toward the antenna
(1)
Designs with antenna connectors that require conducted ETSI compliance at 64 MHz should insert an LC resonator in front of the
antenna connector. Use a 1.6-nH inductor in parallel with a 1.8-pF capacitor. Connect both from the signal trace to a good RF ground.
CURRENT CONSUMPTION WITH TPS62730
Measured on Texas Instruments CC2540TPS62730 EM reference design with TA = 25°C, VDD = 3 V, and fc = 2440 MHZ.
1 Mbps, GFSK, 250 kHz deviation, Bluetooth™ low energy mode, 1% BER
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RX mode, standard mode, no peripherals active, low MCU activity, MCU at 1
15.8
MHZ
RX mode, high-gain mode, no peripherals active, low MCU activity, MCU at 1
17.8
MHZ
TX mode, -23 dBm output power, no peripherals active, low MCU activity,
16.5
MCU at 1 MHZ
Current Consumption
mA
TX mode, -6 dBm output power, no peripherals active, low MCU activity,
18.6
MCU at 1 MHZ
TX mode, 0 dBm output power, no peripherals active, low MCU activity,
21
MCU at 1 MHZ
TX mode, 4 dBm output power, no peripherals active, low MCU activity,
24.6
MCU at 1 MHZ
(1)
0.1% BER maps to 30.8% PER
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: CC2540F128 CC2540F256


Similar Part No. - CC2540F256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540F256 TI1-CC2540F256 Datasheet
771Kb / 33P
[Old version datasheet]   2.4-GHz Bluetooth짰 low energy System-on-Chip
CC2540F256 TI1-CC2540F256 Datasheet
850Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
JULY2011
CC2540F256 TI-CC2540F256 Datasheet
928Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth짰 low energy System-on-Chip
CC2540F256 TI1-CC2540F256 Datasheet
1Mb / 35P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
CC2540F256RHAR TI1-CC2540F256RHAR Datasheet
771Kb / 33P
[Old version datasheet]   2.4-GHz Bluetooth짰 low energy System-on-Chip
More results

Similar Description - CC2540F256

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540F128 TI1-CC2540F128_11 Datasheet
850Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
JULY2011
CC2540F128 TI1-CC2540F128_16 Datasheet
1Mb / 35P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
CC2541F128RHAR TI-CC2541F128RHAR Datasheet
429Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F256RHAT TI1-CC2541F256RHAT Datasheet
440Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
CC2541F256RHAR TI-CC2541F256RHAR Datasheet
345Kb / 30P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI-CC2541_15 Datasheet
921Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI-CC2541_12 Datasheet
742Kb / 33P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI1-CC2541 Datasheet
972Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
logo
Nordic Semiconductor
NRF51802 NORDIC-NRF51802 Datasheet
5Mb / 85P
   Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
v1.2
logo
Texas Instruments
CC2540F128 TI1-CC2540F128 Datasheet
771Kb / 33P
[Old version datasheet]   2.4-GHz Bluetooth짰 low energy System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com