Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX0841AB5M00 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # PX0841AB5M00
Description  USB Buccaneer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PX0841AB5M00 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  PX0841AB5M00 Datasheet HTML 1Page - List of Unclassifed Manufacturers PX0841AB5M00 Datasheet HTML 2Page - List of Unclassifed Manufacturers PX0841AB5M00 Datasheet HTML 3Page - List of Unclassifed Manufacturers PX0841AB5M00 Datasheet HTML 4Page - List of Unclassifed Manufacturers PX0841AB5M00 Datasheet HTML 5Page - List of Unclassifed Manufacturers PX0841AB5M00 Datasheet HTML 6Page - List of Unclassifed Manufacturers PX0841AB5M00 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.elektron-bulgin.com
56
BUCCANEER FOR DATA
USB Buccaneer®
Part No.
Description
PX0835
Sealing Cap for cable connectors (PX0840, PX0841)
PX0733
Sealing Cap for front panel mounting connector (PX0842, PX0843)
PX0711
Sealing Cap for rear panel mounting connector (PX0848, PX0849,
PX0845)
Standard A and B type USB
connectors to 5 way crimp
adaptor leads
5 way headers, 2.54mm pitch,
horizontal or vertical
mounting
PCB ADAPTOR LEADS
Part No.
Description
14193
USB ‘A’ type to 5 way crimp connector
14194
USB ‘B’ type to 5 way crimp connector
14191
5 way PCB header straight
14192
5 way PCB header right angle
PNo14191
PNo14193
PNo14194
PNo14192
Sealing caps to maintain IP68
rating when connectors are
not in use
PX0835 for cable connectors
PX0840 & PX0841
PX0733 for front panel mount
connectors PX0842, PX0843 &
PX0844
PX0711 for rear panel mount
connectors PX0848, PX0849 &
PX0845
ACCESSORIES
For use with USB Flash Drives
Maintains IP68 rating when
mated with panel connector
For use with ‘A’ type
connectors: PX0842, PX0843,
PX0845, PX0848 & PX0849
Internal accommodation 17.5
x 14.0 x 83mm approx.
USB FLASH DRIVE COVER
PX0852
Maintains cable screening
directly to panel
Screening can clips around
the panel fixing nut
For use on PX0460/A and
PX0460/B
SCREENING CAN
PX0465
Conns4 - Buccaneer 2010 - Data:Conns4 - Buccaneer 2005v8
8/6/10
16:39
Page 56


Similar Part No. - PX0841AB5M00

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0841/AB/2M00 BULGIN-PX0841/AB/2M00 Datasheet
552Kb / 6P
   USB Buccaneer짰
PX0841/AB/3M00 BULGIN-PX0841/AB/3M00 Datasheet
552Kb / 6P
   USB Buccaneer짰
PX0841/AB/5M00 BULGIN-PX0841/AB/5M00 Datasheet
552Kb / 6P
   USB Buccaneer짰
More results

Similar Description - PX0841AB5M00

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0441 BULGIN-PX0441 Datasheet
300Kb / 5P
   IP68 Sealed - Mini USB Buccaneer
logo
List of Unclassifed Man...
PX0416 ETC2-PX0416 Datasheet
204Kb / 4P
   SMB Buccaneer
logo
Elektron Components Ltd...
PX0407 BULGIN-PX0407 Datasheet
65Kb / 1P
   Buccaneer Antenna
logo
List of Unclassifed Man...
SA3350 ETC2-SA3350 Datasheet
1Mb / 6P
   400 Series Buccaneer
SA3150 ETC2-SA3150 Datasheet
153Kb / 4P
   Mini Buccaneer
PX0413 ETC2-PX0413 Datasheet
95Kb / 2P
   400 Series Buccaneer
PX0731 ETC2-PX0731 Datasheet
3Mb / 9P
   BUCCANEER FOR POWER
4000SERIES ETC2-4000SERIES Datasheet
1Mb / 6P
   4000 Series Buccaneer
logo
PHOENIX CONTACT
2986135 PHOENIX-2986135 Datasheet
57Kb / 3P
   USB cable - CABLE-USB/MINI-USB-3,0M
09/12/2020
logo
List of Unclassifed Man...
PL-2301 ETC1-PL-2301 Datasheet
27Kb / 1P
   USB TO USB BRIDGE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com