Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR2108 Datasheet(PDF) 3 Page - International Rectifier

Part # IR2108
Description  Gate drive supply range from 10 to 20V
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2108 Datasheet(HTML) 3 Page - International Rectifier

  IR2108 Datasheet HTML 1Page - International Rectifier IR2108 Datasheet HTML 2Page - International Rectifier IR2108 Datasheet HTML 3Page - International Rectifier IR2108 Datasheet HTML 4Page - International Rectifier IR2108 Datasheet HTML 5Page - International Rectifier IR2108 Datasheet HTML 6Page - International Rectifier IR2108 Datasheet HTML 7Page - International Rectifier IR2108 Datasheet HTML 8Page - International Rectifier IR2108 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
www.irf.com
3
IR2108(4) (S) & (PbF)
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, VSS = COM, CL = 1000 pF, TA = 25°C, DT = VSS unless otherwise specified.
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V, VSS = COM, DT= VSS and TA = 25°C unless otherwise specified. The VIL, VIH and IIN
parameters are referenced to VSS/COM and are applicable to the respective input leads: HIN and LIN. The VO, IO and Ron
parameters are referenced to COM and are applicable to the respective output leads: HO and LO.
Symbol
Definition
Min. Typ. Max. Units Test Conditions
VIH
Logic “1” input voltage for HIN & logic “0” for LIN
2.9
VCC = 10V to 20V
VIL
Logic “0” input voltage for HIN & logic “1” for LIN
0.8
VCC = 10V to 20V
VOH
High level output voltage, VBIAS - VO
0.8
1.4
IO = 20 mA
VOL
Low level output voltage, VO
0.3
0.6
IO = 20 mA
ILK
Offset supply leakage current
50
VB = VS = 600V
IQBS
Quiescent VBS supply current
20
75
130
VIN = 0V or 5V
IQCC
Quiescent VCC supply current
0.4
1.0
1.6
mA
VIN = 0V or 5V
RDT=0
IIN+
Logic “1” input bias current
5
20
HIN = 5V, LIN = 0V
IIN-
Logic “0” input bias current
2
HIN = 0V, LIN = 5V
VCCUV+
VCC and VBS supply undervoltage positive going
8.0
8.9
9.8
VBSUV+
threshold
VCCUV-
VCC and VBS supply undervoltage negative going
7.4
8.2
9.0
VBSUV-
threshold
VCCUVH
Hysteresis
0.3
0.7
VBSUVH
IO+
Output high short circuit pulsed current
120
200
VO = 0V,
PW
≤ 10 µs
IO-
Output low short circuit pulsed current
250
350
VO = 15V,
PW
≤ 10 µs
V
µA
µA
V
mA
Symbol
Definition
Min.
Typ.
Max. Units Test Conditions
ton
Turn-on propagation delay
220
300
VS = 0V
toff
Turn-off propagation delay
200
280
VS = 0V or 600V
MT
Delay matching
| ton - toff |
—0
30
tr
Turn-on rise time
150
220
VS = 0V
tf
Turn-off fall time
50
80
VS = 0V
DT
Deadtime: LO turn-off to HO turn-on(DTLO-HO) &
400
540
680
RDT= 0
HO turn-off to LO turn-on (DTHO-LO)
4
5
6
usec
RDT = 200k (IR21084)
MDT
Deadtime matching =
| DTLO-HO - DTHO-LO |
0
60
RDT=0
0
600
RDT = 200k (IR21084)
nsec
nsec


Similar Part No. - IR2108

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2108 IRF-IR2108 Datasheet
321Kb / 23P
   HALF-BRIDGE DRIVER
IR2108 IRF-IR2108 Datasheet
327Kb / 23P
   HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IR2108 INFINEON-IR2108 Datasheet
329Kb / 23P
   HALF-BRIDGE DRIVER
logo
International Rectifier
IR21084 IRF-IR21084 Datasheet
321Kb / 23P
   HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IR21084 INFINEON-IR21084 Datasheet
329Kb / 23P
   HALF-BRIDGE DRIVER
More results

Similar Description - IR2108

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR21094SPBF IRF-IR21094SPBF Datasheet
355Kb / 25P
   Gate drive supply range from 10 to 20V
IR21844STRPBF IRF-IR21844STRPBF Datasheet
298Kb / 24P
   Gate drive supply range from 10 to 20V
IR2117STRPBF IRF-IR2117STRPBF Datasheet
272Kb / 18P
   Gate drive supply range from 10 to 20V
IR2184SPBF IRF-IR2184SPBF Datasheet
294Kb / 24P
   Gate drive supply range from 10 to 20V
IR2109PBF IRF-IR2109PBF Datasheet
355Kb / 25P
   Gate drive supply range from 10 to 20V
IR2302STRPBF IRF-IR2302STRPBF Datasheet
212Kb / 22P
   Gate drive supply range from 5 to 20V
IRS21850STRPBF IRF-IRS21850STRPBF Datasheet
344Kb / 20P
   Gate drive supply range from 10 V to 20 V
IRS4428STRPBF IRF-IRS4428STRPBF Datasheet
381Kb / 17P
   Gate drive supply range from 6 V to 20 V
IRS4427STRPBF IRF-IRS4427STRPBF Datasheet
381Kb / 18P
   Gate drive supply range from 6 V to 20 V
logo
M.S. Kennedy Corporatio...
MSK0006 MSK-MSK0006_15 Datasheet
117Kb / 5P
   Single Supply Operation From 20V to 45V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com