Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA132UA Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA132UA
Description  Low Power, Single-Supply DIFFERENCE AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA132UA Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA132UA Datasheet HTML 5Page - Texas Instruments INA132UA Datasheet HTML 6Page - Texas Instruments INA132UA Datasheet HTML 7Page - Texas Instruments INA132UA Datasheet HTML 8Page - Texas Instruments INA132UA Datasheet HTML 9Page - Texas Instruments INA132UA Datasheet HTML 10Page - Texas Instruments INA132UA Datasheet HTML 11Page - Texas Instruments INA132UA Datasheet HTML 12Page - Texas Instruments INA132UA Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
®
INA132
FIGURE 7. Precision Voltage-to-Current Conversion.
The difference amplifier is a highly versatile building
block that is useful in a wide variety of applications. See
the INA105 data sheet for additional applications ideas,
including:
• Current Receiver with Compliance to Rails
• Precision Unity-Gain Inverting Amplifier
±10V Precision Voltage Reference
±5V Precision Voltage Reference
• Precision Unity-Gain Buffer
• Precision Average Value Amplifier
• Precision G = 2 Amplifier
• Precision Summing Amplifier
• Precision G = 1/2 Amplifier
• Precision Bipolar Offsetting
• Precision Summing Amplifier with Gain
• Instrumentation Amplifier Guard Drive Generator
• Precision Summing Instrumentation Amplifier
• Precision Absolute Value Buffer
• Precision Voltage-to-Current Converter with Differential
Inputs
• Differential Input Voltage-to-Current Converter for Low
IOUT
• Isolating Current Source
• Differential Output Difference Amplifier
• Isolating Current Source with Buffering Amplifier for
Greater Accuracy
• Window Comparator with Window Span and Window
Center Inputs
• Precision Voltage-Controlled Current Source with Buff-
ered Differential Inputs and Gain
• Digitally Controlled Gain of
±1 Amplifier
5
7
6
3
V
3
INA132
2
4
V
2
1
4
2
+15V
OPA27
REF10
6
10V
I
O = 4 to 20mA
0V to 10V
In
12.5k
1k
50k
R
LOAD
V+
Set R
1 = R2
R2
50.1
R
1
50.1
2N3904
40k
40k
40k
40k
For 4-20mA applications,
the REF10 sets the 4mA
low-scale output for 0V input.
I
O = V3 – V2
+
1
40k
1
R
2


Similar Part No. - INA132UA

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA132UA BURR-BROWN-INA132UA Datasheet
180Kb / 9P
   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA132UA TI1-INA132UA Datasheet
320Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132UA TI1-INA132UA Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132UA-2K5 TI1-INA132UA-2K5 Datasheet
320Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
INA132UA-2K5E4 TI1-INA132UA-2K5E4 Datasheet
320Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
More results

Similar Description - INA132UA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA132U TI1-INA132U Datasheet
320Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA132 BURR-BROWN-INA132 Datasheet
180Kb / 9P
   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA132 TI1-INA132 Datasheet
339Kb / 13P
[Old version datasheet]   Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA2132 BURR-BROWN-INA2132 Datasheet
228Kb / 10P
   Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA2132 TI1-INA2132 Datasheet
839Kb / 17P
[Old version datasheet]   Dual, Low Power, Single-Supply DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA152 BURR-BROWN-INA152 Datasheet
243Kb / 15P
   Single-Supply DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA152 TI1-INA152 Datasheet
792Kb / 18P
[Old version datasheet]   Single-Supply DIFFERENCE AMPLIFIER
logo
Linear Technology
LT6552 LINER-LT6552_15 Datasheet
360Kb / 16P
   3.3V Single Supply Video Difference Amplifier
LT6552 LINER-LT6552 Datasheet
350Kb / 16P
   3.3V Single Supply Video Difference Amplifier
logo
Analog Devices
AD8205 AD-AD8205 Datasheet
308Kb / 12P
   Single-Supply 42 V System Difference Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com