Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IFX80471SKV Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IFX80471SKV
Description  Step-Down DC/DC Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IFX80471SKV Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IFX80471SKV Datasheet HTML 4Page - Infineon Technologies AG IFX80471SKV Datasheet HTML 5Page - Infineon Technologies AG IFX80471SKV Datasheet HTML 6Page - Infineon Technologies AG IFX80471SKV Datasheet HTML 7Page - Infineon Technologies AG IFX80471SKV Datasheet HTML 8Page - Infineon Technologies AG IFX80471SKV Datasheet HTML 9Page - Infineon Technologies AG IFX80471SKV Datasheet HTML 10Page - Infineon Technologies AG IFX80471SKV Datasheet HTML 11Page - Infineon Technologies AG IFX80471SKV Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Data Sheet
8
Rev. 1.0, 2011-02-07
IFX80471
General Product Characteristics
Note: Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Note: Integrated protection functions are designed to prevent IC destruction under fault conditions described in the
data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are
not designed for continuous repetitive operation.
Buck output voltage input VOUT
4.1.21
Voltage
V
VOUT
– 0.3
15
V
IFX80471SKV
4.1.22
Voltage
V
VOUT
– 0.3
6.8
V
IFX80471SKV50
4.1.23
Current
I
VOUT
V
Compensation input COMP
4.1.24
Voltage
V
COMP
– 0.3
6.8
V
4.1.25
Current
I
COMP
V
Reset output RO
4.1.26
Voltage
V
RO
– 0.3
6.8
V
4.1.27
Current
I
RO
V
limited internally
Frequency synchronization input SYNC
4.1.28
Voltage
V
SYNC
– 0.3
6.8
V
4.1.29
Current
I
SYNC
V
Temperatures
4.1.30
Junction Temperature
T
J
-40
150
°C
4.1.31
Storage temperature
T
STG
-50
150
°C
ESD Susceptibility
4.1.32
ESD Resistivity Pin
V
OUT
V
ESD_VOUT
-1.5
1.5
kV
HBM2)
4.1.33
ESD Resistivity all Pins except
V
OUT
V
ESD
-2
2
kV
HBM2)
4.1.34
ESD Resistivity to GND
V
ESD
-500
500
V
CDM3)
1) Not subject to production test, specified by design.
2) ESD susceptibility, HBM according to EIA/JESD 22-A114B
3) ESD susceptibility, Charged Device Model “CDM” EIA/JESD22-C101 or ESDA STM5.3.1
Absolute Maximum Ratings (cont’d)1)
all voltages with respect to ground, positive current flowing into pin (unless otherwise specified)
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Max.


Similar Part No. - IFX80471SKV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IFX8117ME-V INFINEON-IFX8117ME-V Datasheet
1Mb / 20P
   1A Low-Dropout Linear Voltage Regulator
Rev. 1.01, 2010-07-02
IFX8117MEV INFINEON-IFX8117MEV Datasheet
1Mb / 20P
   1A Low-Dropout Linear Voltage Regulator
Rev. 1.01, 2010-07-02
IFX8117MEV33 INFINEON-IFX8117MEV33 Datasheet
1Mb / 20P
   1A Low-Dropout Linear Voltage Regulator
Rev. 1.01, 2010-07-02
IFX8117MEV50 INFINEON-IFX8117MEV50 Datasheet
1Mb / 20P
   1A Low-Dropout Linear Voltage Regulator
Rev. 1.01, 2010-07-02
IFX81481ELV INFINEON-IFX81481ELV Datasheet
1Mb / 29P
   10 A synchronous DC/DC Step-Down Controller
Rev. 1.0, 2013-09-02
More results

Similar Description - IFX80471SKV

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE6389 INFINEON-TLE6389_07 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
Rev. 2.1 2007-08-13
logo
Richtek Technology Corp...
RT2702 RICHTEK-RT2702 Datasheet
436Kb / 20P
   Step-Down DC-DC Controller
logo
Infineon Technologies A...
TLE6389 INFINEON-TLE6389 Datasheet
121Kb / 23P
   Step-Down DC/DC Controller
Rev. 1.7 2001-09-17
logo
SHANGHAI BELLING CO., L...
BL8501 BELLING-BL8501 Datasheet
340Kb / 10P
   Step down DC/DC controller
logo
Silicon Standard Corp.
SS6579 SSC-SS6579 Datasheet
537Kb / 8P
   Step-Down DC/DC Controller
logo
Infineon Technologies A...
TLE6389-2GV50 INFINEON-TLE6389-2GV50 Datasheet
1Mb / 38P
   Step-Down DC/DC Controller
2007-08-13 Rev 2.1
logo
Analog Devices
ADP1821 AD-ADP1821 Datasheet
543Kb / 24P
   Step-Down DC-to-DC Controller
REV. B
logo
Linear Technology
LTC1773 LINER-LTC1773_15 Datasheet
298Kb / 20P
   Synchronous Step-Down DC/DC Controller
logo
Analog Devices
ADP1821 AD-ADP1821_15 Datasheet
815Kb / 24P
   Step-Down DC-to-DC Controller
REV. C
logo
Unisonic Technologies
UC4601 UTC-UC4601 Datasheet
147Kb / 4P
   PWM STEP-DOWN DC-DC CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com