Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PU110-16A Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # PU110-16A
Description  72-110 WATT ITE POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PU110-16A Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  PU110-16A Datasheet HTML 1Page - RSG Electronic Components GmbH PU110-16A Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
72-110 WATT ITE POWER SUPPLIES
DESCRIPTION
The PU110 series of compact, open PCB constructed,
AC-DC
switching
power
supplies
are
capable
of
delivering 72-110 watts of continuous power at 25 CFM
forced air cooling or 60-80 watts at convection cooling.
They operate at 85-264 VAC input voltage without the
need of a selector strap. They are ideally suited for use
in small to medium size digitally-based systems, such as
point-of-sale equipment, microprocessor based systems,
and telecom equipment. All models meet the safety
requirements of UL, CSA and IEC.
FEATURES
Recogn ized o r cert if ied by UL, CS A and TÜV
Pow e r Fail D e tect (PFD) s ignal
100% burn- in
Wid e input ra nge 85-2 64 VA C
Input surg e current pro t ection
Overvo lt a ge protection
Overcurre nt protection
Complian t w i t h RoHS r equ irement s
INPUT SPECIFICATIONS
Input voltage:
Input frequency:
Input current:
Earth leakage current:
(Touch current)
85-264 VAC
47-63Hz
3.20 A (rms) for 115 VAC
1.80 A (rms) for 230 VAC
0.40 mA max. @ 115 VAC, 60 Hz
0.75 mA max. @ 230 VAC, 50 Hz
OUTPUT SPECIFICATIONS
Output voltage /current:
See rating chart.
Maximum output power:
See rating chart.
Ripple and noise:
1% peak to peak maximum
Overvoltage protection:
Provided on output #1 only; set at
112-132% of its nominal output
voltage
Overcurrent protection:
All outputs protected to short circuit
conditions
Temperature coefficient:
All outputs ±0.04% /℃ maximum
Transient response:
Maximum excursion of 4% or better on
all models, recovering to 1% of final
value within 500 us after a 25% step
load change
INTERFACE SIGNALS
PFD:
TTL logic high for normal operation and TTL logic low
upon loss of input power. This signal appears at least
1 ms prior to +5V output dropping 5% below its
nominal value. This signal also provides a minimum
delay of 100 ms after +5V is within regulation.
ENVIRONMENTAL SPECIFICATIONS
Operating temperature:
Storage temperature:
Relative humidity:
Derating:
Cooling:
0
to +70
℃℃
-40
to +85
℃℃
5% to 95% non-condensing
Derate from 100% at +50
linearly to
50% at +70℃
110 watts continuous output power at 25
CFM forced air cooling or 80 watts at
convection cooling
SAFETY STANDARD APPROVALS
UL 60950-1
File No. E137410
CSA C22.2 No. 60950-1
File No. LR93632
TÜV EN 60950-1
Certificate No. R9352008
GENERAL SPECIFICATIONS
Switching frequency:
20 KHz to 250 KHz, varied with load and
line
Efficiency:
70% minimum on single output models
with Vo ≧12V, 65% minimum on the
others
Hold-up time:
12 ms minimum at 110 VAC
Line regulation:
±0.5% maximum at full load
Inrush current:
15 A @ 115 VAC or 30 A @ 230VAC, at
25℃ cold start
Withstand voltage:
3000 VAC from input to output,
1500 VAC from input to ground,
500 VAC from output to ground
MTBF:
400,000 hours minimum at full load
at 25℃ ambient, calculated per
MIL-HDBK-217F
EMC Performance (EN55024)
EN55022:
Class B conducted, Class B radiated
FCC:
Class B conducted, Class B radiated
VCCI:
Class B conducted, Class B radiated
EN61000-3-2:
Harmonic distortion, Class A
EN61000-3-3:
Line flicker
EN61000-4-2:
ESD, ±8 KV air and ±4 KV contact
EN61000-4-3:
Radiated immunity, 3 V/m
EN61000-4-4:
Fast transient/burst, ±1 KV
EN61000-4-5:
Surge, ±1 KV diff., ±2 KV com.
EN61000-4-6:
Conducted immunity, 3 Vrms
EN61000-4-8:
Magnetic field immunity, 1 A/m
EN61000-4-11:
Voltage dip immunity, 30% reduction for
500 ms, and >95% reduction for 10 ms
OUTPUT POWER DERATING CURVE
59
PU110 SERIES
(LVD)
RoHS


Similar Part No. - PU110-16A

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PU110-16A TRUMPOWER-PU110-16A Datasheet
246Kb / 2P
   SWITCHING POWER SUPPLIES
logo
RSG Electronic Componen...
PU110-16A RSG-PU110-16A Datasheet
179Kb / 2P
   110 WATT SWITCHING POWER SUPPLIES
More results

Similar Description - PU110-16A

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PU110 RSG-PU110 Datasheet
179Kb / 2P
   110 WATT SWITCHING POWER SUPPLIES
logo
Tumbler Technologies + ...
TM110 TRUMPOWER-TM110 Datasheet
263Kb / 2P
   110 WATT MEDICAL POWER SUPPLIES
TMC100-S05 TRUMPOWER-TMC100-S05 Datasheet
107Kb / 2P
   100 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
TMC40 TRUMPOWER-TMC40 Datasheet
137Kb / 2P
   30-48 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
logo
FSP TECHNOLOGY INC.
FSP250-H24-A FSP-FSP250-H24-A Datasheet
531Kb / 3P
   250W ITE Power Supplies
2022.04
logo
Tumbler Technologies + ...
TMC60-S05 TRUMPOWER-TMC60-S05 Datasheet
123Kb / 2P
   37.5-64 WATT MED ICAL & ITE SWITCHING POWER SUPPLIES
logo
FSP TECHNOLOGY INC.
FSP150-P24-C FSP-FSP150-P24-C Datasheet
379Kb / 3P
   150W ITE POWER SUPPLIES
2022.10
FSP200-P35 FSP-FSP200-P35 Datasheet
396Kb / 3P
   200W ITE POWER SUPPLIES
2022.10
FSP150-P35 FSP-FSP150-P35 Datasheet
442Kb / 3P
   150W ITE POWER SUPPLIES
2019.04
FSP350-F35-A FSP-FSP350-F35-A Datasheet
1Mb / 3P
   350W ITE POWER SUPPLIES
2022.10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com