Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PU40-14SL Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # PU40-14SL
Description  40 WATT SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PU40-14SL Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  PU40-14SL Datasheet HTML 1Page - RSG Electronic Components GmbH PU40-14SL Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
40 WATT SWITCHING POWER SUPPLIES
DES C RIP T IO N
The PU40SL series of compact, open PCB constructed,
AC-DC switching power supplies are capable of delivering
40 watts of continuous output power. They operate at 85 to
264VAC input voltage without the need of voltage selection.
They are ideally suited for use in today’s CRT terminals, disc
drive systems, small microprocessor based systems and
other mixed logic applications. All models meet the safety
requirements of UL, CSA and IEC.
FE AT URES
‧ Recogniz e d or cert i fied b y UL, CS A and TÜV
‧ High efficien c y
‧ 100 % b u rn-in
‧ Wide input range 85 to 2 64VA C
‧ Input surge current p r otection
‧ Ov er v o l tage protection
‧ O v ercurrent protection
‧ Open PCB c onstruction
‧ Compliant w i th RoHS req u irements
PU40SL SERIES
Saf e t y Sta n da rd A ppr o va l s :
OUTPUT SPECIFICATIONS
Output voltage/current:
See rating chart
Total output power:
40 watts maximum
Ripple and noise:
1﹪peak to peak maximum
Overvoltage protection:
Provided on output #1 only; set at
112-132 ﹪ of its nominal output
voltage
Overcurrent protection:
All outputs protected to short
circuit conditions
Temperature coefficient:
All outputs ±0.04﹪/℃ maximum
Transient response:
Maximum excursion of 4 ﹪ or
better on all models, recovering to
1 ﹪ of final value within 500us
after a 25﹪step load change
ENVI RONME N TA L S PECI F I C AT IONS
Operating temperature:
0
to +70
℃℃
Storage temperature:
-40
to +85
℃℃
Relative humidity:
5﹪ to 95﹪ non-condensing
Derating:
Derate from 100﹪ at +50℃
linearly to 50﹪ at +70℃
EMC Performance (EN55024)
EN55022:
Class B conducted, class B radiated
FCC:
Class B conducted, class B radiated
VCCI:
Class B conducted, class B radiated
EN61000-3-2:
Harmonic distortion, class A and D
EN61000-3-3:
Line flicker
EN61000-4-2:
ESD, ± 8KV air and ± 4KV contact
EN61000-4-3:
Radiated immunity, 3V/m
EN61000-4-4:
Fast transient/burst, ± 1KV
EN61000-4-5:
Surge, ± 1KV diff., ± 2KV com.
EN61000-4-6:
Conducted immunity, 3Vrms
EN61000-4-8:
Magnetic field immunity, 1A/m
EN61000-4-11:
Voltage
dips,
30%
reduction
for
500ms and >95% reduction for 10ms
GENERAL SPECIFICATIONS
Switching frequency: 36KHz
± 5KHz
Efficiency:
70 ﹪ minimum on single output models
with Vo ≧ 15V, 65% minimum on the
others
Hold-up time:
10 msec minimum at 110VAC
Line regulation:
±0.5﹪maximum at full load
Inrush current:
15 amps @ 115VAC or 30 amps
@ 230VAC, at 25
cold start
Withstand voltage:
3000VAC from input to output
1500VAC from input to ground
500VAC from output to ground
MTBF:
600,000 hours minimum at full load at
25℃ambient, calculated
per
MIL-HDBK-217F
1-3
(LVD)
UL 60950-1
F i le No. E1 37410
CS A C 22.2 No . 60950-1
F i le No. L R 93632
T Ü V EN609 50-1
Certificate No . R91720 83
RoHS
I N PUT S P E C IF ICAT ION S
Input voltage:
85 to 264VAC
Input frequency:
47 to 63Hz
Input current:
1.20A(rms)for 115VAC
0.70A(rms)for 230VAC
Earth leakage current:
(Touch current)
0.47mA max. @ 115VAC, 60Hz
0.85mA max. @ 230VAC, 50Hz


Similar Part No. - PU40-14SL

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PU40-14SL RSG-PU40-14SL Datasheet
164Kb / 2P
   40 WATT SWITCHING POWER SUPPLIES
More results

Similar Description - PU40-14SL

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PU40SL RSG-PU40SL Datasheet
164Kb / 2P
   40 WATT SWITCHING POWER SUPPLIES
logo
Astrodyne Corporation
MK40S ASTRODYNE-MK40S Datasheet
675Kb / 3P
   Compact 40 Watt Enclosed Switching Power Supplies
MMK40S ASTRODYNE-MMK40S Datasheet
695Kb / 3P
   Medical Grade 40 Watt Enclosed Switching Power Supplies
logo
Wall Industries,Inc.
PSMSC WALL-PSMSC Datasheet
165Kb / 5P
   40 Watt Medical AC - DC Switching Power Supplies
logo
Tumbler Technologies + ...
PM40AL TRUMPOWER-PM40AL Datasheet
211Kb / 2P
   40 WATT MEDICAL POWER SUPPLIES
TM41 TRUMPOWER-TM41 Datasheet
223Kb / 2P
   30-40 WATT MEDICAL POWER SUPPLIES
PU200 TRUMPOWER-PU200 Datasheet
133Kb / 2P
   200 WATT SWITCHING POWER SUPPLIES
logo
RSG Electronic Componen...
PU30SL RSG-PU30SL Datasheet
161Kb / 2P
   30 WATT SWITCHING POWER SUPPLIES
PU110 RSG-PU110 Datasheet
179Kb / 2P
   110 WATT SWITCHING POWER SUPPLIES
PU66 RSG-PU66 Datasheet
600Kb / 2P
   65 WATT SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com