Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBA75F-9 Datasheet(PDF) 9 Page - RSG Electronic Components GmbH

Part # PBA75F-9
Description  AC-DC Power Supplies Enclosed type
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PBA75F-9 Datasheet(HTML) 9 Page - RSG Electronic Components GmbH

Back Button PBA75F-9 Datasheet HTML 5Page - RSG Electronic Components GmbH PBA75F-9 Datasheet HTML 6Page - RSG Electronic Components GmbH PBA75F-9 Datasheet HTML 7Page - RSG Electronic Components GmbH PBA75F-9 Datasheet HTML 8Page - RSG Electronic Components GmbH PBA75F-9 Datasheet HTML 9Page - RSG Electronic Components GmbH PBA75F-9 Datasheet HTML 10Page - RSG Electronic Components GmbH PBA75F-9 Datasheet HTML 11Page - RSG Electronic Components GmbH PBA75F-9 Datasheet HTML 12Page - RSG Electronic Components GmbH PBA75F-9 Datasheet HTML 13Page - RSG Electronic Components GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
MODEL
PBA75F-3R3
PBA75F-5
PBA75F-9
PBA75F-12
PBA75F-15
PBA75F-24
PBA75F-36
PBA75F-48
MAX OUTPUT WATTAGE[W]
49.5
75
75.6
75.6
75
76.8
75.6
76.8
DC OUTPUT
3.3V 15A
5V 15A
9V 8.4A
12V 6.3A
15V 5A
24V 3.2A
36V 2.1A
48V 1.6A
SPECIFICATIONS
MODEL
PBA75F-3R3
PBA75F-5
PBA75F-9
PBA75F-12
PBA75F-15
PBA75F-24
PBA75F-36
PBA75F-48
INPUT
VOLTAGE[V]
AC85 - 264 1
f or DC120 - 370 (AC50 or DC70 Please refer to the instruction manual 2.1 Input voltage *4)
CURRENT[A]
ACIN 100V 0.7typ
1.0typ
ACIN 200V 0.4typ
0.5typ
FREQUENCY[Hz]
50/60 (47-63)
EFFICIENCY[%]
ACIN 100V 77typ
81typ
80typ
81typ
82typ
83typ
84typ
84typ
ACIN 200V 78typ
83typ
82typ
83typ
84typ
85typ
86typ
86typ
POWER FACTOR(Io=100%)
ACIN 100V 0.98typ
0.99typ
ACIN 200V 0.87typ
0.93typ
INRUSH CURRENT[A]
ACIN 100V 15typ (Io=100%)(At cold start)
ACIN 200V 30typ (Io=100%)(At cold start)
LEAKAGE CURRENT[mA]
0.4/0.75max (ACIN 100V/240V 60Hz, Io=100%, According to IEC60950-1,DENAN)
OUTPUT
VOLTAGE[V]
3.3
5
9
12
15
24
36
48
CURRENT[A]
15
15
8.4
6.3
5
3.2
2.1
1.6
LINE REGULATION[mV]
20max
20max
36max
48max
60max
96max
144max
192max
LOAD REGULATION[mV]
40max
40max
100max
100max
120max
150max
240max
240max
RIPPLE[mVp-p]
0to+50
C*1 80max
80max
120max
120max
120max
120max
150max
150max
-10-0
C*1 140max
140max
160max
160max
160max
160max
200max
200max
RIPPLE NOISE[mVp-p]
0to+50
C*1 120max
120max
150max
150max
150max
150max
250max
250max
-10-0
C*1 160max
160max
180max
180max
180max
180max
300max
300max
TEMPERATURE REGULATION[mV]
0to+50
C 50max
50max
90max
120max
150max
240max
360max
480max
-10 to +50
C 60max
60max
120max
150max
180max
290max
450max
600max
DRIFT[mV]
*2 20max
20max
36max
48max
60max
96max
144max
192max
START-UP TIME[ms]
350typ(ACIN 100V, Io=100%)
HOLD-UP TIME[ms]
20typ (ACIN 100V, Io=100%)
OUTPUT VOLTAGE ADJUSTMENT RANGE[V]
2.85 - 3.63
4.00 - 5.50
7.50 - 10.0
10.0 - 13.2
13.2 - 18.0
19.2 - 27.0
28.8 - 39.6
39.0 - 53.0
OUTPUT VOLTAGE SETTING[V]
3.30 - 3.40
5.00 - 5.15
9.00 - 9.36
12.00 - 12.48
15.00 - 15.60
24.00 - 24.96
36.00 - 37.44
48.00 - 49.92
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION
Works over 105% of rated current and recovers automatically
OVERVOLTAGE PROTECTION[V]
4.00 - 5.25
5.75 - 7.00
11.5 - 14.0
15.0 - 18.0
20.0 - 25.0
30.0 - 37.0
43.0 - 50.0
58.0 - 65.0
OPERATING INDICATION
LED (Green)
REMOTE ON/OFF
Optional (Required external power source)
ISOLATION
INPUT-OUTPUT
-RC
*3 AC3,000V 1minute, Cutoff current = 10mA, DC500V 50M
Wmin (At Room Temperature)
INPUT-FG
AC2,000V 1minute, Cutoff current = 10mA, DC500V 50M
Wmin (At Room Temperature)
OUTPUT
-RC-FG
*3 AC500V 1minute, Cutoff current = 100mA, DC500V 50M
Wmin (At Room Temperature)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE
-10 to +71
C (Required Derating), 20 - 90%RH (Non condensing) 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE
-20 to +75
C, 20 - 90%RH (Non condensing) 9,000m (30,000feet) max
VIBRATION
10 - 55Hz, 19.6m/s2 (2G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
196.1m/s2 (20G), 11ms, once each X, Y and Z axis
SAFETY AND
NOISE
REGULATIONS
AGENCY APPROVALS (At only AC input)
UL60950-1, C-UL(CSA60950-1), EN60950-1, EN50178 Complies with DEN-AN
CONDUCTED NOISE
Complies with FCC Part15 classB, VCCI-B, CISPR22-B, EN55011-B, EN55022-B
HARMONIC ATTENUATOR
Complies with IEC61000-3-2
OTHERS
CASE SIZE/WEIGHT
32
X82X135mm [1.26X3.23X5.31 inches] (without terminal block)(WXHXD) / 350g max (without cover)
COOLING METHOD
Convection
*6
*1 Measured by 20MHz oscilloscope or Ripple-Noise meter(equivalent to KEISOKU-GIKEN
:RM101).
*2 Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C.
*3 Applicable when Remote ON/OFF(optional) is added. RC is insulated with input, output and
FG.
*4 Derating is required.
*5 Please contact us about safety approvals for the model with option.
*6 Please contact us about class C.
* Parallel operation with other model is not possible.
* Derating is required when operated with cover.
* A sound may occur from power supply at peak loading.
PBA75F
AC-DC Power Supplies Enclosed type
PB
A
75
F
-5
-
O
Ordering information
1Series name
2Single output
3Output wattage
4Universal input
5Output voltage
6Optional *5
C :with Coating
G :Low leakage current
(0.15mA max / ACIN 240V)
E :Low leakage current
and EMI class A
(0.5mA max / ACIN 240V)
T :Vertical terminal block
J :Connector type
R :with Remote ON/OFF
N :with Cover
(Only 24V UL508 is acquired)
N1 :with DIN rail
V :Output voltage setting
potentiometer external-
ly
R
123456
PBA/PBW
PBA/PBW-10
Recommended EMI/EMC Filter
NAC-06-472
High voltage pulse noise type : NAP series
Low leakage current type : NAM series
*The EMI/EMC Filter is recommended
*to connect with several devices.
Cover is optional


Similar Part No. - PBA75F-9

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
PBA75F-9 XPPOWER-PBA75F-9 Datasheet
214Kb / 5P
   AC-DC Chassis Mount
logo
RSG Electronic Componen...
PBA75F-9 RSG-PBA75F-9 Datasheet
138Kb / 2P
   Unit type
More results

Similar Description - PBA75F-9

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
PLA15F COSEL-PLA15F Datasheet
1Mb / 14P
   AC-DC Power Supplies Enclosed Type
April 17, 2018
logo
RSG Electronic Componen...
PAA75F RSG-PAA75F_14 Datasheet
417Kb / 12P
   AC-DC Power Supplies Enclosed type
PBA30F RSG-PBA30F_14 Datasheet
949Kb / 14P
   AC-DC Power Supplies Enclosed type
logo
List of Unclassifed Man...
R50A-15-N ETC2-R50A-15-N Datasheet
501Kb / 12P
   AC-DC Power Supplies Enclosed type
logo
COSEL CO., LTD.
PJA COSEL-PJA Datasheet
2Mb / 16P
   AC-DC Power Supplies Enclosed Type
June 25, 2020
logo
List of Unclassifed Man...
PBA150F-12-N ETC2-PBA150F-12-N Datasheet
903Kb / 14P
   AC-DC Power Supplies Enclosed type
logo
RSG Electronic Componen...
PBA10F RSG-PBA10F_14 Datasheet
949Kb / 14P
   AC-DC Power Supplies Enclosed type
PBA150F RSG-PBA150F_14 Datasheet
949Kb / 14P
   AC-DC Power Supplies Enclosed type
PBW30F RSG-PBW30F Datasheet
646Kb / 6P
   AC-DC Power Supplies Enclosed type
PBW50F RSG-PBW50F Datasheet
646Kb / 6P
   AC-DC Power Supplies Enclosed type
PBA15F RSG-PBA15F_14 Datasheet
949Kb / 14P
   AC-DC Power Supplies Enclosed type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com