Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAA75F Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # PAA75F
Description  AC-DC Power Supplies Enclosed type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PAA75F Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  PAA75F_14 Datasheet HTML 1Page - RSG Electronic Components GmbH PAA75F_14 Datasheet HTML 2Page - RSG Electronic Components GmbH PAA75F_14 Datasheet HTML 3Page - RSG Electronic Components GmbH PAA75F_14 Datasheet HTML 4Page - RSG Electronic Components GmbH PAA75F_14 Datasheet HTML 5Page - RSG Electronic Components GmbH PAA75F_14 Datasheet HTML 6Page - RSG Electronic Components GmbH PAA75F_14 Datasheet HTML 7Page - RSG Electronic Components GmbH PAA75F_14 Datasheet HTML 8Page - RSG Electronic Components GmbH PAA75F_14 Datasheet HTML 9Page - RSG Electronic Components GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
¡EFFICIENCY (PAA50F-5)
¡RISE TIME & FALL TIME (PAA50F-5)
DC Output
AC Input
Io=100%
50ms/DIV
ACIN 100V
Load factor
Load factor
100%
50%
80
84
76
72
68
64
60
56
52
0
INPUT VOLTAGE
V
100
140
180
220
260
300
¡HARMONIC CURRENT (PAA50F-5)
¡HARMOINC CURRENT (PAA50F-5)
HARMONIC ORDER
HARMONIC ORDER
010
20
30
40
0.01
0.001
0.1
1
10
Load factor
Input voltage AC
Harmonic current standard class D
(at odd number)
Harmonic current standard class D
(at odd number)
100%
100V
Load factor
Input voltage AC
100%
230V
010
20
30
40
0.01
0.001
0.1
1
10
PAA
PAA-3
PAA50F
External view
CN3 Option (Mfr : J.S.T.)
Pin No.
1
2
Contents
RC(+)
RC(-)
CN3
Connector for
Remote ON/OFF (option)
CN2
CN3
Connector for
Remote ON/OFF (option)
LED
Voltage adjust
Cover name plate
Cover(option)
Terminal cover
CN1
+
-
FG
AC(L)
NC
AC(N)
159
Name plate
Name plate
Mounting hole
M3
+
-
FG
AC(L)
AC(N)
15max
(12)
(15)
(24)
2-M3
Mounting hole
3-M3
2-
º3.5
º4
127+
-0.5
100+
-0.5
143
4
11
3.5
7.5
159
171
21.5
¶Weight: 400g or less(without cover)
¶Cover is optional
¶Tolerance
1
¶Maximum 5A per pin of CN2 can be applied.
Model B2B-XH-A
Mating Connector(Terminal)
XHP-2
BXH-001T-P0.6
or SXH-001T-P0.6
(
(
+
-
Connector type
Barrier strip type
I/O Connector
CN1 10-31-1048 10-63-3044
Chain: 08-70-1031
Loose: 08-70-1030
CN2 09-65-2049 09-50-1043
Chain: 08-70-1031
(Mfr : Molex)
Mating Connector
Terminal
Loose:08-70-1030
¶Mounting torque:0.49N.m(5.0kgf.cm)max
Performance data


Similar Part No. - PAA75F_14

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PAA75F-12 RSG-PAA75F-12 Datasheet
105Kb / 2P
   Unit type
PAA75F-15 RSG-PAA75F-15 Datasheet
105Kb / 2P
   Unit type
More results

Similar Description - PAA75F_14

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
PLA15F COSEL-PLA15F Datasheet
1Mb / 14P
   AC-DC Power Supplies Enclosed Type
April 17, 2018
logo
RSG Electronic Componen...
PBA30F RSG-PBA30F_14 Datasheet
949Kb / 14P
   AC-DC Power Supplies Enclosed type
logo
List of Unclassifed Man...
R50A-15-N ETC2-R50A-15-N Datasheet
501Kb / 12P
   AC-DC Power Supplies Enclosed type
logo
COSEL CO., LTD.
PJA COSEL-PJA Datasheet
2Mb / 16P
   AC-DC Power Supplies Enclosed Type
June 25, 2020
logo
List of Unclassifed Man...
PBA150F-12-N ETC2-PBA150F-12-N Datasheet
903Kb / 14P
   AC-DC Power Supplies Enclosed type
logo
RSG Electronic Componen...
PBA10F RSG-PBA10F_14 Datasheet
949Kb / 14P
   AC-DC Power Supplies Enclosed type
PBA150F RSG-PBA150F_14 Datasheet
949Kb / 14P
   AC-DC Power Supplies Enclosed type
PBW30F RSG-PBW30F Datasheet
646Kb / 6P
   AC-DC Power Supplies Enclosed type
PBW50F RSG-PBW50F Datasheet
646Kb / 6P
   AC-DC Power Supplies Enclosed type
PBA15F RSG-PBA15F_14 Datasheet
949Kb / 14P
   AC-DC Power Supplies Enclosed type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com