Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PAA50F-3 Datasheet(PDF) 11 Page - RSG Electronic Components GmbH

Part # PAA50F-3
Description  AC-DC Power Supplies Enclosed type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PAA50F-3 Datasheet(HTML) 11 Page - RSG Electronic Components GmbH

Back Button PAA50F-3 Datasheet HTML 4Page - RSG Electronic Components GmbH PAA50F-3 Datasheet HTML 5Page - RSG Electronic Components GmbH PAA50F-3 Datasheet HTML 6Page - RSG Electronic Components GmbH PAA50F-3 Datasheet HTML 7Page - RSG Electronic Components GmbH PAA50F-3 Datasheet HTML 8Page - RSG Electronic Components GmbH PAA50F-3 Datasheet HTML 9Page - RSG Electronic Components GmbH PAA50F-3 Datasheet HTML 10Page - RSG Electronic Components GmbH PAA50F-3 Datasheet HTML 11Page - RSG Electronic Components GmbH PAA50F-3 Datasheet HTML 12Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MODEL
PAA600F-3
PAA600F-5
PAA600F-12
PAA600F-15
PAA600F-24
PAA600F-48
MAX OUTPUT WATTAGE[W]
360
600
636
645
648
624
DC OUTPUT
3V 120A
5V 120A
12V 53A
15V 43A
24V 27A
48V 13A
SPECIFICATIONS
MODEL
PAA600F-3
PAA600F-5
PAA600F-12
PAA600F-15
PAA600F-24
PAA600F-48
INPUT
VOLTAGE[V]
AC85 - 264 1
f or DC120 - 340
CURRENT[A]
ACIN 100V 5.4typ
8.2typ
ACIN 200V 2.7typ
4.1typ
FREQUENCY[Hz]
50/60 (47-63)
EFFICIENCY[%]
70typ
76typ
80typ
81typ
83typ
83typ
POWER FACTOR
ACIN 100V 0.99typ (Io=100%)
ACIN 200V 0.95typ (Io=100%)
INRUSH CURRENT[A]
ACIN 100V 20typ (Io=100%)
ACIN 200V 40typ (Io=100%)
LEAKAGE CURRENT[mA]
0.75max (60Hz, According to UL, CSA, VDE and DEN-AN)
OUTPUT
VOLTAGE[V]
3
5
12
15
24
48
CURRENT[A]
120
120
53
43
27
13
LINE REGULATION[mV]
20max
20max
48max
60max
96max
192max
LOAD REGULATION[mV]
40max
40max
100max
120max
150max
300max
RIPPLE[mVp-p]
0to+50
C*1 80max
80max
120max
120max
120max
150max
-10-0
C*1 140max
140max
160max
160max
160max
200max
RIPPLE NOISE[mVp-p]
0to+50
C*1 120max
120max
150max
150max
150max
200max
-10-0
C*1 160max
160max
180max
180max
180max
300max
TEMPERATURE REGULATION[mV]
0to+50
C 40max
50max
120max
150max
240max
480max
-10 to +50
C 50max
60max
150max
180max
290max
580max
DRIFT[mV]
*2 12max
20max
48max
60max
96max
192max
START-UP TIME[ms]
500max (ACIN 85V, Io=100%)
HOLD-UP TIME[ms]
20typ (ACIN 100V, Io=100%)
OUTPUT VOLTAGE ADJUSTMENT RANGE[V] 2.85 - 3.45
t10%
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION Works over 105% of rating and recovers automatically
OVERVOLTAGE PROTECTION
4.00 - 5.25V
Works at 115 - 140% of rating
OPERATING INDICATION
LED (Green)
REMOTE SENSING
Provided
REMOTE ON/OFF
Provided
ISOLATION
INPUT-OUTPUT
-RC
AC3,000V 1minute, Cutoff current = 10mA max,DC500V 50M
W min (At Room Temperature)
INPUT-FG
AC2,000V 1minute, Cutoff current = 10mA max,DC500V 50M
W min (At Room Temperature)
OUTPUT
-RC-FG
AC500V 1minute, Cutoff current = 100mA max,DC500V 50M
W min (At Room Temperature)
OUTPUT-RC
AC100V 1minute, Cutoff current = 100mA max,DC100V 50M
W min (At Room Temperature)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE -10 to +65
C, 20 - 90%RH (Non condensing)(Refer to DERATING CURVE), 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE -20 to +75
C, 20 - 90%RH (Non condensing), 9,000m (30,000feet) max
VIBRATION
10 - 55Hz, 19.6m/s2 (2G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
196.1m/s2 (20G), 11ms, once each X, Y and Z axis
SAFETY AND
NOISE
REGULATIONS
AGENCY APPROVALS
UL60950-1, EN60950-1, EN50178, CSA C22.2 No.60950-1 Complies with DEN-AN and IEC60950-1
CONDUCTED NOISE
Complies with FCC-B, CISPR22-B, EN55022-B, VCCI-B
HARMONIC ATTENUATOR
Complies with IEC61000-3-2
OTHERS
CASE SIZE/WEIGHT
190
X92X200mm (without terminal block and screw)(WXHXD) /4.0kg max
COOLING METHOD
Forced cooling (internal fan)
*1 According to 20MHz oscilloscope or Ripple-Noise meter(equivalent to KEISOKU-GIKEN : RM101).
*2 Drift is change in DC output for an eight hour period after a half-hour warm-up at 25C, with the input voltage held constant at the rated input/output.
*3 Please contact us about safety approvals for the model with option.
* Avoid prolonged use under over-load.
PAA600F
AC-DC Power Supplies Enclosed type
PAA 600
F
-5
-
O
Ordering information
1Series name
2Output wattage
3Universal input
4Output voltage
5Optional *3
C :with Coating
G :Low leakage current
R :Positive logic control
W :with Alarm signal
R
12345
PAA
PAA-12
Recommended EMI/EMC Filter
NAC-16-472
High voltage pulse noise type : NAP series
Low leakage current type : NAM series
*The EMI/EMC Filter is recommended
*to connect with several devices.


Similar Part No. - PAA50F-3

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PAA50F-3 RSG-PAA50F-3 Datasheet
104Kb / 2P
   Unit type
PAA50F-3 RSG-PAA50F-3 Datasheet
417Kb / 12P
   AC-DC Power Supplies Enclosed type
More results

Similar Description - PAA50F-3

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
PLA15F COSEL-PLA15F Datasheet
1Mb / 14P
   AC-DC Power Supplies Enclosed Type
April 17, 2018
logo
RSG Electronic Componen...
PAA75F RSG-PAA75F_14 Datasheet
417Kb / 12P
   AC-DC Power Supplies Enclosed type
PBA30F RSG-PBA30F_14 Datasheet
949Kb / 14P
   AC-DC Power Supplies Enclosed type
logo
List of Unclassifed Man...
R50A-15-N ETC2-R50A-15-N Datasheet
501Kb / 12P
   AC-DC Power Supplies Enclosed type
logo
COSEL CO., LTD.
PJA COSEL-PJA Datasheet
2Mb / 16P
   AC-DC Power Supplies Enclosed Type
June 25, 2020
logo
List of Unclassifed Man...
PBA150F-12-N ETC2-PBA150F-12-N Datasheet
903Kb / 14P
   AC-DC Power Supplies Enclosed type
logo
RSG Electronic Componen...
PBA10F RSG-PBA10F_14 Datasheet
949Kb / 14P
   AC-DC Power Supplies Enclosed type
PBA150F RSG-PBA150F_14 Datasheet
949Kb / 14P
   AC-DC Power Supplies Enclosed type
PBW30F RSG-PBW30F Datasheet
646Kb / 6P
   AC-DC Power Supplies Enclosed type
PBW50F RSG-PBW50F Datasheet
646Kb / 6P
   AC-DC Power Supplies Enclosed type
PBA15F RSG-PBA15F_14 Datasheet
949Kb / 14P
   AC-DC Power Supplies Enclosed type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com