Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFA10F-3R3-Y Datasheet(PDF) 10 Page - RSG Electronic Components GmbH

Part # LFA10F-3R3-Y
Description  AC-DC Power Supplies Open Frame/ Enclosed type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

LFA10F-3R3-Y Datasheet(HTML) 10 Page - RSG Electronic Components GmbH

Back Button LFA10F-3R3-Y Datasheet HTML 6Page - RSG Electronic Components GmbH LFA10F-3R3-Y Datasheet HTML 7Page - RSG Electronic Components GmbH LFA10F-3R3-Y Datasheet HTML 8Page - RSG Electronic Components GmbH LFA10F-3R3-Y Datasheet HTML 9Page - RSG Electronic Components GmbH LFA10F-3R3-Y Datasheet HTML 10Page - RSG Electronic Components GmbH LFA10F-3R3-Y Datasheet HTML 11Page - RSG Electronic Components GmbH LFA10F-3R3-Y Datasheet HTML 12Page - RSG Electronic Components GmbH LFA10F-3R3-Y Datasheet HTML 13Page - RSG Electronic Components GmbH LFA10F-3R3-Y Datasheet HTML 14Page - RSG Electronic Components GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LFA-11
LFA75F
External view
Block diagram
FG
FILTER
NOISE
AC IN 85
264V
FUSE
RECTIFIER
CURRENT
SENSING
BOOSTER
INDUCTOR
INVERTER
CONTROL
250V3.15A
CONTROL
INVERTER
DC OUT
TRANSFORMER
CONTROL
Photocoupler
Photocoupler
OVER VOLTAGE
PROTECTION
CURRENT
SENSING
INRUSH
CURRENT
LIMIT
RECTIFIER
AND
FILTER
RECTIFIER
AND
FILTER
<PIN CONNECTION>
CN1
CN2
Pin No.
Input
1
AC(L)
2
3
AC(N)
4
5
FG
Pin No.
Output
1 to 3
-V
4 to 6
+V
¶ Keep drawing current per pin below 5A for CN2.
I/O Connector
Mating connector
CN1
1-1123724-3
1-1123722-5
Chain
Loose
CN2 1-1123723-6
1-1123722-6
Terminal
Chain
Loose
1123721-1
1318912-1
1123721-1
1318912-1
(Mfr:
Tyco Electronics)
¶ I/O Connector is Mfr. Tyco Electronics
¶ Option:-J1:(J.S.T) connector type. Refer to Instruction Manual 5.
¶ Mounting torque (Mounting hole of chassis) :1.5N
-m (16kgf-cm) max
¶ Tolerance : ±1 [±0.04]
¶ Weight : 230g max (without chassis and cover)
¶ PCB material / thickness : CEM3 / 1.6mm
¶ Optional chassis and cover material : Electric galvanizing steel board.
¶ Dimensions in mm, [ ]=inches
Standard type
Chassis and cover type
¶ 4 Mounting holes are existing.
¶ The back side of P.C.B. of the power supply is assembled some
SMDs.
Be attention not to bump against the attached area by vibration.
¶ Use the spacer of 8mm length or more regarding insulation.
And do not use press-fitting bush.
¶ Point A, Point B are thermometry points. Please refer to
Instruction Manual 3.
PCB t=1.6
Input(N)
Input(L)
Point A
Point B
Mounting Hole
Output(+)
Output(-)
3-
f3.5
Mounting Hole
Voltage adjust
(LFA75F-3R3-Y or optional)
Name plate
FG
1
3
5
4
3
1
CN2
CN1
6
140
±0.5
4
5
150
4
3
1
3
5
CN1
6
1
CN2
2-M4
Mounting Hole
f4.5
2-
f4.5
4-M4
Mounting Hole
Input(L)
Input(N)
FG
Output(+)
Output(-)
180
5.5
169
±0.5
5.5
169
±0.5
¶1 Surface mount device
¶1
13
FG
[0.2]
[0.16]
[5.91]
[0.51]
[0.22]
[0.22]
[7.09]
[5.51]
[6.65]
[6.65]
LFA


Similar Part No. - LFA10F-3R3-Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LFA10F-3R3-Y ETC2-LFA10F-3R3-Y Datasheet
565Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
RSG Electronic Componen...
LFA10F-3R3-Y RSG-LFA10F-3R3-Y Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA10F-3R3-Y RSG-LFA10F-3R3-Y Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA10F-3R3-Y RSG-LFA10F-3R3-Y Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
More results

Similar Description - LFA10F-3R3-Y

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
LFA10F RSG-LFA10F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
COSEL CO., LTD.
LDC15F COSEL-LDC15F Datasheet
774Kb / 6P
   AC-DC Power Supplies Open Frame/Enclosed Type
March 13, 2019
logo
RSG Electronic Componen...
LEA150F RSG-LEA150F_14 Datasheet
403Kb / 8P
   AC-DC Power Supplies Open Frame/Enclosed type
LEB150F RSG-LEB150F_14 Datasheet
611Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA30F RSG-LFA30F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA100F RSG-LFA100F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
Coilcraft lnc.
LDC15F-2 COILCRAFT-LDC15F-2 Datasheet
810Kb / 6P
   AC-DC Power Supplies Open Frame/Enclosed type
logo
List of Unclassifed Man...
LEP240F-24 ETC2-LEP240F-24 Datasheet
612Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
RSG Electronic Componen...
LEA100F RSG-LEA100F_14 Datasheet
403Kb / 8P
   AC-DC Power Supplies Open Frame/Enclosed type
LEP100F RSG-LEP100F_14 Datasheet
612Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA300F RSG-LFA300F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com