Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC126S14 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # 74AHC126S14
Description  QUADRUPLE 3-STATE BUFFERS OE HIGH
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC126S14 Datasheet(HTML) 7 Page - Diodes Incorporated

  74AHC126S14 Datasheet HTML 1Page - Diodes Incorporated 74AHC126S14 Datasheet HTML 2Page - Diodes Incorporated 74AHC126S14 Datasheet HTML 3Page - Diodes Incorporated 74AHC126S14 Datasheet HTML 4Page - Diodes Incorporated 74AHC126S14 Datasheet HTML 5Page - Diodes Incorporated 74AHC126S14 Datasheet HTML 6Page - Diodes Incorporated 74AHC126S14 Datasheet HTML 7Page - Diodes Incorporated 74AHC126S14 Datasheet HTML 8Page - Diodes Incorporated 74AHC126S14 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
74AHC126
Document number: DS35346 Rev. 3 - 2
7 of 9
www.diodes.com
January 2013
© Diodes Incorporated
74AHC126
Package Outline Dimensions (All dimensions in mm.)
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Package Type: SO-14
Package Type: TSSOP-14
SO-14
Dim
Min
Max
A
1.47
1.73
A1
0.10
0.25
A2
1.45 Typ
B
0.33
0.51
D
8.53
8.74
E
3.80
3.99
e
1.27 Typ
H
5.80
6.20
L
0.38
1.27
θ
0
°
8
°
All Dimensions in mm
TSSOP-14
Dim
Min
Max
a1
7° (4X)
a2
0
°
A
4.9
5.10
B
4.30
4.50
C
1.2
D
0.8
1.05
F
1.00 Typ
F1
0.45
0.75
G
0.65 Typ
K
0.19
0.30
L
6.40 Typ
All Dimensions in mm
E
H
A
A2
e
D
A1
L
Gauge Plane
Detail “A”
Detail “A”
7°(4
x)
θ
B
G
L
A
K
a1
D
C
F
F1
Pin#1Indent
Detail ‘A’
Detail ‘A’
Gauge Plane
Seating Plane
B


Similar Part No. - 74AHC126S14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC126 PHILIPS-74AHC126 Datasheet
78Kb / 16P
   Quad buffer/line driver; 3-state
1999 Sep 29
logo
Nexperia B.V. All right...
74AHC126 NEXPERIA-74AHC126 Datasheet
251Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 5 - 28 April 2020
74AHC126-Q100 NEXPERIA-74AHC126-Q100 Datasheet
715Kb / 16P
   Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74AHC126BQ NXP-74AHC126BQ Datasheet
99Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 04-12 August 2009
logo
Nexperia B.V. All right...
74AHC126BQ NEXPERIA-74AHC126BQ Datasheet
251Kb / 15P
   Quad buffer/line driver; 3-state
Rev. 5 - 28 April 2020
More results

Similar Description - 74AHC126S14

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AHCT126 DIODES-74AHCT126 Datasheet
311Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HCT126 DIODES-74HCT126 Datasheet
306Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74HC126 DIODES-74HC126 Datasheet
312Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE HIGH
74AHC125 DIODES-74AHC125 Datasheet
314Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74HC125 DIODES-74HC125 Datasheet
310Kb / 9P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74HCT125 DIODES-74HCT125 Datasheet
284Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74AHCT125 DIODES-74AHCT125 Datasheet
310Kb / 8P
   QUADRUPLE 3-STATE BUFFERS OE LOW
74LVC125A DIODES-74LVC125A Datasheet
231Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
74LVC126A DIODES-74LVC126A Datasheet
230Kb / 10P
   QUADRUPLE 3-STATE BUFFERS
logo
Texas Instruments
SN54125 TI-SN54125_07 Datasheet
648Kb / 22P
[Old version datasheet]   QUADRUPLE BUS BUFFERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com