Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK1822-01M Datasheet(PDF) 2 Page - Fuji Electric

Part # 2SK1822-01M
Description  N-channel MOS-FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

2SK1822-01M Datasheet(HTML) 2 Page - Fuji Electric

  2SK1822-01M Datasheet HTML 1Page - Fuji Electric 2SK1822-01M Datasheet HTML 2Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
N-channel MOS-FET
2SK1822-01M
60V
0,07Ω 20A
35W
FAP-IIIA Series
> Characteristics
Typical Output Characteristics
Drain-Source-On-State Resistance vs. Tch
Typical Transfer Characteristics
1
2
3
VDS [V]
Tch [°C]
VGS [V]
Typical Drain-Source-On-State-Resistance vs. ID
Typical Forward Transconductance vs. ID
Gate Threshold Voltage vs. Tch
4 4
5
6
ID [A]
ID [A]
Tch [°C]
Typical Capacitance vs. VDS
Typical Input Charge
Forward Characteristics of Reverse Diode
7
8
9
VDS [V]
Qg [nC]
VSD [V]
Allowable Power Dissipation vs. TC
Safe operation area
Transient Thermal impedance
10
12
11
Tc [°C]
VDS [V]
t [s]
This specification is subject to change without notice!


Similar Part No. - 2SK1822-01M

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK1822 ISC-2SK1822 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK1822-01M

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
logo
Fuji Electric
2SK1881-L FUJI-2SK1881-L Datasheet
203Kb / 2P
   N-channel MOS-FET
2SK1936-1 FUJI-2SK1936-1 Datasheet
216Kb / 2P
   N-channel MOS-FET
2SK1943-01 FUJI-2SK1943-01 Datasheet
203Kb / 2P
   N-channel MOS-FET
2SK1944-01 FUJI-2SK1944-01 Datasheet
219Kb / 2P
   N-channel MOS-FET
2SK1981-01 FUJI-2SK1981-01 Datasheet
215Kb / 2P
   N-channel MOS-FET
2SK1986-01 FUJI-2SK1986-01 Datasheet
214Kb / 2P
   N-channel MOS-FET
2SK2027-01 FUJI-2SK2027-01 Datasheet
210Kb / 2P
   N-channel MOS-FET
2SK2048-L FUJI-2SK2048-L Datasheet
206Kb / 2P
   N-channel MOS-FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com