Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1340U-3 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1340U-3
Description  I2C RTC with Trickle Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1340U-3 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1340U-3 Datasheet HTML 1Page - Maxim Integrated Products DS1340U-3 Datasheet HTML 2Page - Maxim Integrated Products DS1340U-3 Datasheet HTML 3Page - Maxim Integrated Products DS1340U-3 Datasheet HTML 4Page - Maxim Integrated Products DS1340U-3 Datasheet HTML 5Page - Maxim Integrated Products DS1340U-3 Datasheet HTML 6Page - Maxim Integrated Products DS1340U-3 Datasheet HTML 7Page - Maxim Integrated Products DS1340U-3 Datasheet HTML 8Page - Maxim Integrated Products DS1340U-3 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
I2C RTC with Trickle Charger
DS1340
For pricing, delivery, and ordering information, please contact Maxim Direct at
1-888-629-4642, or visit Maxim Integrated’s website at www.maximintegrated.com.
General Description
The DS1340 is a real-time clock (RTC)/calendar that is
pin compatible and functionally equivalent to the ST
M41T00, including the software clock calibration. The
device additionally provides trickle-charge capability
on the VBACKUP pin, a lower timekeeping voltage, and
an oscillator STOP flag. Block access of the register
map is identical to the ST device. Two additional regis-
ters, which are accessed individually, are required for
the trickle charger and flag. The clock/calendar pro-
vides seconds, minutes, hours, day, date, month, and
year information. A built-in power-sense circuit detects
power failures and automatically switches to the back-
up supply. Reads and writes are inhibited while the
clock continues to run. The device is programmed seri-
ally through an I2C bidirectional bus.
Applications
Portable Instruments
Point-of-Sale Equipment
Medical Equipment
Telecommunications
Features
♦ Enhanced Second Source for the ST M41T00
♦ Available in a Surface-Mount Package with an
Integrated Crystal (DS1340C)
♦ Fast (400kHz) I2C Interface
♦ Software Clock Calibration
♦ RTC Counts Seconds, Minutes, Hours, Day, Date,
Month, and Year
♦ Automatic Power-Fail Detect and Switch Circuitry
♦ Trickle-Charge Capability
♦ Low Timekeeping Voltage Down to 1.3V
♦ Three Operating Voltage Ranges (1.8V, 3V, and 3.3V)
♦ Oscillator Stop Flag
♦ Available in 8-Pin µSOP or SO Packages
♦ Underwriters Laboratories (UL) Recognized
Ordering Information
4
CPU
VCC
VCC
VCC
5
6
8
12
SDA
SCL
GND
X2
X1
VCC
C1
RPU
RPU
CRYSTAL
FT/OUT
VBACKUP
3
7
RPU = tR / CB
DS1340
Typical Operating Circuit
PART
TEMP RANGE
PIN-
PACKAGE
TOP MARK†
DS1340Z-18+
-40°C to +85°C
8 SO
(0.150in)
D1340-18
DS1340Z-3+
-40°C to +85°C
8 SO
(0.150in)
DS1340-3
DS1340Z-33+
-40°C to +85°C
8 SO
(0.150in)
D134033
DS1340U-18+
-40°C to +85°C
8 μSOP
1340 -18
DS1340U-3+
-40°C to +85°C
8 μSOP
1340 -3
DS1340U-33+
-40°C to +85°C
8 μSOP
1340 -33
DS1340C-18#
-40°C to +85°C
16 SO
DS1340C-18
DS1340C-3#
-40°C to +85°C
16 SO
DS1340C-3
DS1340C-33#
-40°C to +85°C
16 SO
DS1340C-33
Pin Configurations appear at end of data sheet.
+
Denotes a lead(Pb)-free/RoHS-compliant package.
#
Denotes a RoHS-compliant device that may include lead(Pb)
that is exempt under RoHS requirements. The lead finish is
JESD97 category e3, and is compatible with both lead-based
and lead-free soldering processes.
†A "+" anywhere on the top mark denotes a lead(Pb)-free device.
A "#" denotes a RoHS-compliant device.
19-5578; Rev 8; 4/13


Similar Part No. - DS1340U-3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340U-3 MAXIM-DS1340U-3 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340U-3 MAXIM-DS1340U-3 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
DS1340U-3++ MAXIM-DS1340U-3+ Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340U-3++ MAXIM-DS1340U-3+ Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
DS1340U-33 MAXIM-DS1340U-33 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
More results

Similar Description - DS1340U-3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340 MAXIM-DS1340 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340 MAXIM-DS1340_06 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
DS1388 MAXIM-DS1388_08 Datasheet
235Kb / 19P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
DS1388 MAXIM-DS1388 Datasheet
381Kb / 18P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 0; 4/05
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com