Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1340U-3 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1340U-3
Description  I2C RTC with Trickle Charger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1340U-3 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1340U-3 Datasheet HTML 4Page - Maxim Integrated Products DS1340U-3 Datasheet HTML 5Page - Maxim Integrated Products DS1340U-3 Datasheet HTML 6Page - Maxim Integrated Products DS1340U-3 Datasheet HTML 7Page - Maxim Integrated Products DS1340U-3 Datasheet HTML 8Page - Maxim Integrated Products DS1340U-3 Datasheet HTML 9Page - Maxim Integrated Products DS1340U-3 Datasheet HTML 10Page - Maxim Integrated Products DS1340U-3 Datasheet HTML 11Page - Maxim Integrated Products DS1340U-3 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Address Map
Table 3 shows the DS1340 address map. The RTC reg-
isters are located in address locations 00h to 06h, and
the control register is located at 07h. The trickle-charge
and flag registers are located in address locations 08h
to 09h. During a multibyte access of the timekeeping
registers, when the address pointer reaches 07h—the
end of the clock and control register space—it wraps
around to location 00h. Writing the address pointer to
the corresponding location accesses address locations
08h and 09h. After accessing location 09h, the address
pointer wraps around to location 00h. On a I2C START,
STOP, or address pointer incrementing to location 00h,
the current time is transferred to a second set of regis-
ters. The time information is read from these secondary
registers, while the clock may continue to run. This
eliminates the need to reread the registers in case the
main registers update during a read.
Clock and Calendar
The time and calendar information is obtained by read-
ing the appropriate register bytes. Table 3 shows the
RTC registers. The time and calendar data are set or
initialized by writing the appropriate register bytes. The
contents of the time and calendar registers are in the
binary-coded decimal (BCD) format. The day-of-week
I2C RTC with Trickle Charger
8
Maxim Integrated
DS1340
ADDRESS
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
FUNCTION
RANGE
00H
EOSC
10 Seconds
Seconds
Seconds
00–59
01H
X
10 Minutes
Minutes
Minutes
00–59
02H
CEB
CB
10 Hours
Hours
Century/Hours
0–1; 00–23
03H
X
X
X
X
X
Day
Day
01–07
04H
X
X
10 Date
Date
Date
01–31
05H
X
X
X
10 Month
Month
Month
01–12
06H
10 Year
Year
Year
00–99
07H
OUT
FT
S
CAL4
CAL3
CAL2
CAL1
CAL0
Control
08H
TCS3
TCS2
TCS1
TCS0
DS1
DS0
ROUT1
ROUT0
Trickle Charger
09H
OSF
0
0
0
0
0
0
0
Flag
Table 3. Address Map
X = Read/Write bit
Note: Unless otherwise specified, the state of the registers is not defined when power is first applied.
SERIAL
INTERFACE
AND ADDRESS
REGISTER
CONTROL
LOGIC
"C" VERSION ONLY
SCL
SDA
512Hz
MUX/
BUFFER
FT/OUT
USER BUFFER
(7 BYTES)
CLOCK AND
CALENDAR
REGISTERS
32,768Hz
1Hz
X1
POWER
CONTROL
VCC
VBACKUP
DIVIDER AND
CALIBRATION
CIRCUIT
X2
CL
CL
N
DS1340
Figure 5. Functional Diagram


Similar Part No. - DS1340U-3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340U-3 MAXIM-DS1340U-3 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340U-3 MAXIM-DS1340U-3 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
DS1340U-3++ MAXIM-DS1340U-3+ Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340U-3++ MAXIM-DS1340U-3+ Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
DS1340U-33 MAXIM-DS1340U-33 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
More results

Similar Description - DS1340U-3

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1340 MAXIM-DS1340_11 Datasheet
296Kb / 16P
   I2C RTC with Trickle Charger
Rev 7; 8/11
DS1340 MAXIM-DS1340 Datasheet
1Mb / 13P
   I2C RTC with Trickle Charger
DS1340 MAXIM-DS1340_06 Datasheet
235Kb / 14P
   I2C RTC with Trickle Charger
Rev 4; 3/06
DS1388 MAXIM-DS1388_08 Datasheet
235Kb / 19P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 1; 9/08
logo
Dallas Semiconductor
DS12R885 DALLAS-DS12R885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
logo
Maxim Integrated Produc...
DS12R885 MAXIM-DS12R885_07 Datasheet
356Kb / 23P
   RTC with Constant-Voltage Trickle Charger
Rev 5; 2/07
DS1388 MAXIM-DS1388 Datasheet
381Kb / 18P
   I2C RTC/Supervisor with Trickle Charger and 512 Bytes EEPROM
Rev 0; 4/05
DS12CR885 MAXIM-DS12CR885 Datasheet
1Mb / 22P
   RTC with Constant-Voltage Trickle Charger
Rev 1; 4/04
DS1374 MAXIM-DS1374_10 Datasheet
273Kb / 18P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 4; 8/10
DS1374 MAXIM-DS1374 Datasheet
292Kb / 17P
   I2C, 32-Bit Binary Counter Watchdog RTC with Trickle Charger and Reset Input/Output
Rev 3; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com