Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1809Z Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS1809Z
Description  64-Position Linear Taper
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1809Z Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS1809Z Datasheet HTML 2Page - Maxim Integrated Products DS1809Z Datasheet HTML 3Page - Maxim Integrated Products DS1809Z Datasheet HTML 4Page - Maxim Integrated Products DS1809Z Datasheet HTML 5Page - Maxim Integrated Products DS1809Z Datasheet HTML 6Page - Maxim Integrated Products DS1809Z Datasheet HTML 7Page - Maxim Integrated Products DS1809Z Datasheet HTML 8Page - Maxim Integrated Products DS1809Z Datasheet HTML 9Page - Maxim Integrated Products DS1809Z Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
DS1809
9 of 10
ORDERING INFORMATION
PART
TEMP RANGE
VERSION
(k
Ω)
PIN-PACKAGE
TOP MARK
DS1809-010+
-40°C to +85°C
10
8 PDIP
DS1809-010
DS1809-050+
-40°C to +85°C
50
8 PDIP
DS1809-050
DS1809-100+
-40°C to +85°C
100
8 PDIP
DS1809-100
DS1809U-010+T
-40°C to +85°C
10
8 µSOP
1809 X
DS1809U-050+T
-40°C to +85°C
50
8 µSOP
1809 L
DS1809U-100+T
-40°C to +85°C
100
8 µSOP
1809 C
DS1809Z-010+
-40°C to +85°C
10
8 SO
DS1809 X
DS1809Z-050+
-40°C to +85°C
50
8 SO
DS1809 L
DS1809Z-100+
-40°C to +85°C
100
8 SO
DS1809 C
+Denotes a lead(Pb)-free/RoHS-compliant package.
T = Tape and reel
PACKAGE INFORMATION
For
the
latest
package
outline
information
and
land
patterns
(footprints),
go
to
www.maximintegrated.com/packages. Note that a “+”, “#”, or “-” in the package code indicates RoHS status
only. Package drawings may show a different suffix character, but the drawing pertains to the package regardless
of RoHS status.
PACKAGE TYPE
PACKAGE CODE
OUTLINE NO.
LAND PATTERN NO.
PDIP
P8+1
21-0043
µSOP
U8+1
21-0036
90-0092
SO
S8+5
21-0041
90-0096


Similar Part No. - DS1809Z

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1809Z-010 DALLAS-DS1809Z-010 Datasheet
87Kb / 8P
   Dallastat, 64-position linear taper
DS1809Z-050 DALLAS-DS1809Z-050 Datasheet
87Kb / 8P
   Dallastat, 64-position linear taper
DS1809Z-100 DALLAS-DS1809Z-100 Datasheet
87Kb / 8P
   Dallastat, 64-position linear taper
More results

Similar Description - DS1809Z

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1809 DALLAS-DS1809 Datasheet
87Kb / 8P
   Dallastat, 64-position linear taper
logo
Catalyst Semiconductor
CAT5401 CATALYST-CAT5401 Datasheet
96Kb / 17P
   Four linear-taper digitally programmable potentiometers
logo
Maxim Integrated Produc...
MAX5481 MAXIM-MAX5481_10 Datasheet
509Kb / 20P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 5; 4/10
MAX5527 MAXIM-MAX5527 Datasheet
218Kb / 12P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/09
MAX5471 MAXIM-MAX5471 Datasheet
336Kb / 12P
   32-Tap, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 0; 10/03
MAX5427 MAXIM-MAX5427_05 Datasheet
210Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 2; 3/05
MAX5481 MAXIM-MAX5481 Datasheet
1Mb / 21P
   10-Bit, Nonvolatile, Linear-Taper Digital Potentiometers
Rev 3; 4/07
MAX5427 MAXIM-MAX5427 Datasheet
227Kb / 10P
   One-Time Programmable, Linear-Taper Digital Potentiometers
Rev 1; 7/02
logo
TE Connectivity Ltd
KMXP TEC-KMXP Datasheet
368Kb / 7P
   Linear Position Sensor
logo
Panasonic Semiconductor
EVAW7 PANASONIC-EVAW7 Datasheet
110Kb / 3P
   Linear Position Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com