Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SK1821-01MR Datasheet(PDF) 1 Page - Fuji Electric

Part No. 2SK1821-01MR
Description  N-channel MOS-FET
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJI [Fuji Electric]
Homepage  http://www.fujielectric.co.jp/eng/fdt/scd
Logo 

2SK1821-01MR Datasheet(HTML) 1 Page - Fuji Electric

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2SK1821-01MR
N-channel MOS-FET
FAP-IIA Series
600V
6,5Ω
2A
30W
> Features
> Outline Drawing
-
High Speed Switching
-
Low On-Resistance
-
No Secondary Breakdown
-
Low Driving Power
-
High Voltage
-
VGS = ± 30V Guarantee
-
Avalanche Proof
> Applications
-
Switching Regulators
-
UPS
-
DC-DC converters
-
General Purpose Power Amplifier
> Maximum Ratings and Characteristics
> Equivalent Circuit
-
Absolute Maximum Ratings (TC=25°C), unless otherwise specified
Item
Symbol
Rating
Unit
Drain-Source-Voltage
V DS
600
V
Continous Drain Current
I D
2
A
Pulsed Drain Current
I D(puls)
6
A
Continous Reverse Drain Current
I DR
2
A
Gate-Source-Voltage
V GS
±25
V
Max. Power Dissipation
P D
30
W
Operating and Storage Temperature Range
T ch
150
°C
T stg
-55 ~ +150
°C
-
Electrical Characteristics (TC=25°C), unless otherwise specified
Item
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Drain-Source Breakdown-Voltage
V (BR)DSS
ID=1mA
VGS=0V
600
V
Gate Threshhold Voltage
V GS(th)
ID=10mA
VDS=VGS
2,1
3,0
4,0
V
Zero Gate Voltage Drain Current
I DSS
VDS=600V
Tch=25°C
10
500
µA
VGS=0V
Tch=125°C
0,2
1,0
mA
Gate Source Leakage Current
I GSS
VGS=±30V
VDS=0V
10
100
nA
Drain Source On-State Resistance
R DS(on)
ID=1A
VGS=10V
5,5
6,5
Forward Transconductance
g fs
ID=1A
VDS=25V
1
1,8
S
Input Capacitance
C iss
VDS=25V
270
400
pF
Output Capacitance
C oss
VGS=0V
32
48
pF
Reverse Transfer Capacitance
C rss
f=1MHz
15
23
pF
Turn-On-Time ton (ton=td(on)+tr)
t d(on)
VCC=300V
4
6
ns
t r
ID=2A
12
18
ns
Turn-Off-Time toff (ton=td(off)+tf)
t d(off)
VGS=10V
25
40
ns
t f
RGS=25
20
30
ns
Diode Forward On-Voltage
V SD
IF=2xIDR VGS=0V Tch=25°C
0,92
1,41
V
Reverse Recovery Time
t rr
IF=IDR VGS=0V
500
ns
-dIF/dt=100A/µs Tch=25°C
-
Thermal Characteristics
Item
Symbol
Test conditions
Min.
Typ.
Max.
Unit
Thermal Resistance
R th(ch-a)
channel to air
62,5
°C/W
R th(ch-c)
channel to case
4,167
°C/W
FUJI ELECTRIC GmbH; Lyoner Straße 26; D-60528 Frankfurt; Tel: 069-66 90 29-0; Fax: 069-66 90 29-56


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SK1082-01N-Channel Silicon Power MOS-FET 1 2 3 Fuji Electric
2SK1822-01MN-channel MOS-FET 1 2 Fuji Electric
2SK2002-01MRN-channel MOS-FET 1 2 Fuji Electric
2SK2072-01LN-channel MOS-FET 1 2 Fuji Electric
2SK2249-01LN-channel MOS-FET 1 2 Fuji Electric
2SK2470-01MRN-channel MOS-FET 1 2 Fuji Electric
2SK2639-01N-channel MOS-FET 1 2 Fuji Electric
2SK2689-01MRN-channel MOS-FET 1 2 3 Fuji Electric
2SK2766-01RN-channel MOS-FET 1 2 Fuji Electric
2SK2877-01N-channel MOS-FET 1 2 3 Fuji Electric

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn